Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSZ014NE2LS5IF Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BSZ014NE2LS5IF
Description  Metal Oxide Semiconductor Field Effect Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSZ014NE2LS5IF Datasheet(HTML) 4 Page - Infineon Technologies AG

  BSZ014NE2LS5IF_15 Datasheet HTML 1Page - Infineon Technologies AG BSZ014NE2LS5IF_15 Datasheet HTML 2Page - Infineon Technologies AG BSZ014NE2LS5IF_15 Datasheet HTML 3Page - Infineon Technologies AG BSZ014NE2LS5IF_15 Datasheet HTML 4Page - Infineon Technologies AG BSZ014NE2LS5IF_15 Datasheet HTML 5Page - Infineon Technologies AG BSZ014NE2LS5IF_15 Datasheet HTML 6Page - Infineon Technologies AG BSZ014NE2LS5IF_15 Datasheet HTML 7Page - Infineon Technologies AG BSZ014NE2LS5IF_15 Datasheet HTML 8Page - Infineon Technologies AG BSZ014NE2LS5IF_15 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
OptiMOSTM5Power-MOSFET,25V
BSZ014NE2LS5IF
Rev.2.1,2015-04-27
Final Data Sheet
2Maximumratings
atTj=25°C,unlessotherwisespecified
Table2Maximumratings
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Continuous drain current
ID
-
-
-
-
-
-
-
-
-
-
40
40
40
40
31
A
VGS=10V,TC=25°C
VGS=10V,TC=100°C
VGS=4.5V,TC=25°C
VGS=4.5V,TC=100°C
VGS=10V,TA=25°C,RthJA=60K/W1)
Pulsed drain current
2)
ID,pulse
-
-
160
A
TC=25°C
Avalanche current, single pulse
3)
IAS
-
-
20
A
TC=25°C
Avalanche energy, single pulse
EAS
-
-
80
mJ
ID=20A,RGS=25
Gate source voltage
VGS
-16
-
16
V
-
Power dissipation
Ptot
-
-
69
2.1
-
-
W
TC=25°C
TA=25°C,RthJA=60K/W1)
Operating and storage temperature
Tj,Tstg
-55
-
150
°C
IEC climatic category;
DIN IEC 68-1: 55/150/56
3Thermalcharacteristics
Table3Thermalcharacteristics
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Thermal resistance, junction - case
RthJC
-
-
1.8
K/W
-
Device on PCB,
6 cm
2 cooling area1)
RthJA
-
-
60
K/W
-
1) Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm2 (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical in still air.
2) >See figure 3 for more detailed information
3) See figure 13 for more detailed information


Similar Part No. - BSZ014NE2LS5IF_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSZ010NE2LS5 INFINEON-BSZ010NE2LS5 Datasheet
1Mb / 11P
   OptiMOSTM 5 Power-Transistor, 25 V
Rev.2.2,2020-05-12
BSZ011NE2LS5I INFINEON-BSZ011NE2LS5I Datasheet
1Mb / 11P
   OptiMOSTM5 Power-Transistor, 25 V
Rev.2.1,2020-10-23
BSZ013NE2LS5I INFINEON-BSZ013NE2LS5I Datasheet
1Mb / 12P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0
BSZ013NE2LS5I INFINEON-BSZ013NE2LS5I_15 Datasheet
1Mb / 12P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0
BSZ017NE2LS5I INFINEON-BSZ017NE2LS5I Datasheet
1Mb / 12P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0
More results

Similar Description - BSZ014NE2LS5IF_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPW60R280C6FKSA1 INFINEON-IPW60R280C6FKSA1 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2010-02-09 revision:2.1
IPA60R520C6 INFINEON-IPA60R520C6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-10 revision:2.2
IPD65R190C7 INFINEON-IPD65R190C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.1,2013-10-17
IPP65R074C6 INFINEON-IPP65R074C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-14 revision:2.1
IPD60R3K3C6 INFINEON-IPD60R3K3C6_15 Datasheet
963Kb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
Rev 2.3, 2015-11-12
IPA65R125C7 INFINEON-IPA65R125C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2013-10-11
IPA60R600E6 INFINEON-IPA60R600E6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
Rev. 2.0, 2010-04-12
IPA60R280C6 INFINEON-IPA60R280C6_14 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-09 revision:2.2
IPD65R250C6 INFINEON-IPD65R250C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-15 revision:2.1
IPX80R2K8CE INFINEON-IPX80R2K8CE Datasheet
2Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.2,2016-04-12
IPW65R048CFDA INFINEON-IPW65R048CFDA Datasheet
1Mb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
2012-03-28 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com