Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM384 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM384
Description  LM384 5W Audio Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM384 Datasheet(HTML) 4 Page - Texas Instruments

  LM384_15 Datasheet HTML 1Page - Texas Instruments LM384_15 Datasheet HTML 2Page - Texas Instruments LM384_15 Datasheet HTML 3Page - Texas Instruments LM384_15 Datasheet HTML 4Page - Texas Instruments LM384_15 Datasheet HTML 5Page - Texas Instruments LM384_15 Datasheet HTML 6Page - Texas Instruments LM384_15 Datasheet HTML 7Page - Texas Instruments LM384_15 Datasheet HTML 8Page - Texas Instruments LM384_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LM384
SNAS547C – FEBRUARY 1995 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics
Device Dissipation vs Ambient Temperature
Thermal Resistance vs Square Inches
Figure 2.
Figure 3.
Supply Decoupling vs Frequency
Total Harmonic Distortion vs Output Power
Figure 4.
Figure 5.
Output Voltage Gain vs Frequency
Total Harmonic Distortion vs Frequency
Figure 6.
Figure 7.
4
Submit Documentation Feedback
Copyright © 1995–2013, Texas Instruments Incorporated
Product Folder Links: LM384


Similar Part No. - LM384_15

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM3842A HTC-LM3842A Datasheet
120Kb / 6P
   CURRENT MODE PWM CONTROLLER
LM3842A HTC-LM3842A Datasheet
120Kb / 6P
   CURRENT MODE PWM CONTROLLER
LM3842A HTC-LM3842A Datasheet
353Kb / 7P
   CURRENT MODE PWM CONTROLLER
LM3842AD HTC-LM3842AD Datasheet
353Kb / 7P
   CURRENT MODE PWM CONTROLLER
LM3842AN HTC-LM3842AN Datasheet
353Kb / 7P
   CURRENT MODE PWM CONTROLLER
More results

Similar Description - LM384_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM384N TI1-LM384N Datasheet
356Kb / 11P
[Old version datasheet]   LM384 5W Audio Power Amplifier
logo
National Semiconductor ...
LM384 NSC-LM384 Datasheet
152Kb / 7P
   5W Audio Power Amplifier
logo
Panasonic Semiconductor
AN7131 PANASONIC-AN7131 Datasheet
200Kb / 4P
   5W AUDIO POWER AMPLIFIER CIRCUIT
AN7140 PANASONIC-AN7140 Datasheet
37Kb / 2P
   5W Audio Power Amplifier Circuit
logo
NTE Electronics
NTE862 NTE-NTE862 Datasheet
76Kb / 2P
   Integrated Circuit Audio Power Amplifier, 5W
NTE1365 NTE-NTE1365 Datasheet
23Kb / 2P
   Integrated Circuit Audio Power Amplifier, 5W
NTE1116 NTE-NTE1116 Datasheet
23Kb / 2P
   Integrated Circuit Audio Power Amplifier, 5W
NTE1098 NTE-NTE1098 Datasheet
80Kb / 2P
   Integrated Circuit Audio Power Amplifier, 5W
logo
SHENZHEN FUMAN ELECTRON...
TC4158 FUMAN-TC4158 Datasheet
245Kb / 8P
   5W Mono Digital Audio Power Amplifier IC
TC6805 FUMAN-TC6805 Datasheet
266Kb / 8P
   5W Mono Digital Audio Power Amplifier IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com