Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV602 Datasheet(PDF) 2 Page - Texas Instruments

Part # DRV602
Description  DirectPath?? Pop-Free 3Vrms Line Driver with Adjustable Gain
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV602 Datasheet(HTML) 2 Page - Texas Instruments

  DRV602_15 Datasheet HTML 1Page - Texas Instruments DRV602_15 Datasheet HTML 2Page - Texas Instruments DRV602_15 Datasheet HTML 3Page - Texas Instruments DRV602_15 Datasheet HTML 4Page - Texas Instruments DRV602_15 Datasheet HTML 5Page - Texas Instruments DRV602_15 Datasheet HTML 6Page - Texas Instruments DRV602_15 Datasheet HTML 7Page - Texas Instruments DRV602_15 Datasheet HTML 8Page - Texas Instruments DRV602_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1
+INR
2
3
4
-INR
OUTR
SGND
5
6
7
8
EN
PVSS
CN
9
10
11
12
13
14
CP
PVDD
PGND
OUTL
-INL
+INL
ChargePump
NC
a
DRV602
SLOS572D – DECEMBER 2008 – REVISED OCTOBER 2010
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
PW (TSSOP) PACKAGE
(TOP VIEW)
PIN FUNCTIONS
PIN
I/O(1)
DESCRIPTION
NAME
TSSOP (PW)
+INR
1
I
Right channel OPAMP positive input
–INR
2
I
Right channel OPAMP negative input
OUTR
3
O
Right channel OPAMP output
SGND
4
I
Signal ground
EN
5
I
Enable input, active high
PVSS
6
O
Supply voltage
CN
7
I/O
Charge pump flying capacitor negative terminal
CP
8
I/O
Charge pump flying capacitor positive terminal
PVDD
9
I
Positive supply
PGND
10
I
Power ground
NC
11
No internal connection
OUTL
12
O
Left channel OPAMP output
–INL
13
I
Left channel OPAMP negative input
+INL
14
I
Left channel OPAMP positive input
(1)
I = input, O = output, P = power
2
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): DRV602


Similar Part No. - DRV602_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV602PW TI-DRV602PW Datasheet
243Kb / 12P
[Old version datasheet]   DIRECTPATH?? 2Vrms Line Driver with Adjustable gain
DRV602PWR TI-DRV602PWR Datasheet
243Kb / 12P
[Old version datasheet]   DIRECTPATH?? 2Vrms Line Driver with Adjustable gain
More results

Similar Description - DRV602_15

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8903 SGMICRO-SGM8903 Datasheet
1Mb / 14P
   Capless 3Vrms Line Driver with Adjustable Gain
logo
Texas Instruments
DRV602 TI-DRV602 Datasheet
243Kb / 12P
[Old version datasheet]   DIRECTPATH?? 2Vrms Line Driver with Adjustable gain
DRV601 TI-DRV601 Datasheet
552Kb / 16P
[Old version datasheet]   DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
DRV601 TI-DRV601_08 Datasheet
548Kb / 16P
[Old version datasheet]   DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
DRV601 TI-DRV601_15 Datasheet
908Kb / 19P
[Old version datasheet]   DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
logo
ON Semiconductor
NCS2632 ONSEMI-NCS2632 Datasheet
209Kb / 15P
   NOCAP, Pop-Free, 3 VRMS Audio Line Driver with Adjustable Gain
October, 2013 ??Rev. 4
logo
TECHCODE SEMICONDUCTOR,...
TD9731 TECHCODE-TD9731 Datasheet
1Mb / 16P
   Capless 2Vrms to 3Vrms Line Driver with Adjustable Gain
logo
Texas Instruments
DRV603 TI1-DRV603 Datasheet
637Kb / 21P
[Old version datasheet]   DirectPath?? 3-VRMS Line Driver With Adjustable Gain
DRV632PW TI1-DRV632PW Datasheet
604Kb / 19P
[Old version datasheet]   DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
DRV632PWR TI-DRV632PWR Datasheet
604Kb / 19P
[Old version datasheet]   DirectPath, 2-VRMS Audio Line Driver With Adjustable Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com