Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100EPT23LZCTR Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY100EPT23LZCTR
Description  3.3V DUAL DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EPT23LZCTR Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY100EPT23LZCTR Datasheet HTML 1Page - Micrel Semiconductor SY100EPT23LZCTR Datasheet HTML 2Page - Micrel Semiconductor SY100EPT23LZCTR Datasheet HTML 3Page - Micrel Semiconductor SY100EPT23LZCTR Datasheet HTML 4Page - Micrel Semiconductor SY100EPT23LZCTR Datasheet HTML 5Page - Micrel Semiconductor SY100EPT23LZCTR Datasheet HTML 6Page - Micrel Semiconductor SY100EPT23LZCTR Datasheet HTML 7Page - Micrel Semiconductor SY100EPT23LZCTR Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
SY100EPT23L
Micrel
TRUTH TABLE
D/D
Q
LH
L
HL
H
Open
Open
L
Symbol
Paramter
Value
Unit
V
CC
Power Supply Voltage
–0.5 to +3.8
V
V
I
PECL Input Voltage
0V to V
CC+0.5
V
V
O
Voltage Applied to
–0.5 to V
CC
V
Output at HIGH State
I
O
Current Applied to
Twice the
mA
Output at LOW State
Rated I
OL
T
store
Storage Temperature
–65 to +150
°C
T
A
Operating Temperature
–40 to +85
°C
NOTE:
1. Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS
are exceeded. This is a stress rating only and functional operation is not
implied at conditions other than those detailed in the operational sections
of this data sheet. Exposure to ABSOLUTE MAXIMUM RATlNG conditions
for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS(1)
LVTTL DC ELECTRICAL CHARACTERISTICS
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
V
OH
Output HIGH Voltage
2.0
2.0
2.0
2.0
V
I
OH = –3.0mA
V
OL
Output LOW Voltage
0.5
0.5
0.5
0.5
V
I
OL = 24mA
I
CC
Power Supply Current
30
30
30
30
mA
I
OS
Output Short Circuit Current
–80
–240
–80
–240
–80
–240
–80
–240
mA
V
OUT = 0V
V
CC = +3.3V ±5%
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
I
IH
Input HIGH Current
150
150
150
150
µA
I
IL
Input LOW Current
0.5
0.5
0.5
0.5
µA
V
CMR
Common Mode Range
1.5
V
CC
1.5
V
CC
1.5
V
CC
1.5
V
CC
V
V
PP
Minimum Peak-to-Peak
Input(1)
200
200
200
200
mV
V
IH
Input HIGH Voltage(2)
2070
2420
2130
2460
2135
2490
2130
2565
mV
V
IL
Input LOW Voltage(2)
1350
1825
1350
1825
1350
1825
1350
1825
mV
V
CC = +3.3V ±5%
NOTES:
1. 200mV input guarantees full logic at output.
2. These values are for V
CC = 3.3V.
Level Specifications will vary 1:1 with V
CC.
LVPECL DC ELECTRICAL CHARACTERISTICS


Similar Part No. - SY100EPT23LZCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EPT23LZCTR MICREL-SY100EPT23LZCTR Datasheet
111Kb / 6P
   3.3V DUAL DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
More results

Similar Description - SY100EPT23LZCTR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MC100ES60T23 RENESAS-MC100ES60T23 Datasheet
628Kb / 9P
   3.3V Dual Differential LVPECL to LVTTL Translator
2019
logo
Micrel Semiconductor
SY89323L MICREL-SY89323L_06 Datasheet
461Kb / 5P
   3.3V DUAL DIFFERENTIAL LVPECL-TO-LVTTL TRANSLATOR
SY10ELT23L MICREL-SY10ELT23L Datasheet
51Kb / 4P
   3.3V DUAL DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY100EPT23L MICREL-SY100EPT23L_05 Datasheet
111Kb / 6P
   3.3V DUAL DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY10ELT23L MICREL-SY10ELT23L_06 Datasheet
58Kb / 5P
   3.3V, DUAL DIFFERENTIAL LVPECL-TO-LVTTL TRANSLATOR
SY89223L MICREL-SY89223L Datasheet
41Kb / 5P
   3.3V DUAL DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY10ELT21L MICREL-SY10ELT21L Datasheet
51Kb / 4P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY10ELT21L MICREL-SY10ELT21L_06 Datasheet
56Kb / 5P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY100EPT21L MICREL-SY100EPT21L_05 Datasheet
115Kb / 6P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY100EPT21L MICREL-SY100EPT21L Datasheet
87Kb / 8P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com