Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KAD5514P-25Q48 Datasheet(PDF) 8 Page - Intersil Corporation

Part # KAD5514P-25Q48
Description  14-Bit, 250/210/170/125MSPS ADC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

KAD5514P-25Q48 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button KAD5514P-25Q48 Datasheet HTML 4Page - Intersil Corporation KAD5514P-25Q48 Datasheet HTML 5Page - Intersil Corporation KAD5514P-25Q48 Datasheet HTML 6Page - Intersil Corporation KAD5514P-25Q48 Datasheet HTML 7Page - Intersil Corporation KAD5514P-25Q48 Datasheet HTML 8Page - Intersil Corporation KAD5514P-25Q48 Datasheet HTML 9Page - Intersil Corporation KAD5514P-25Q48 Datasheet HTML 10Page - Intersil Corporation KAD5514P-25Q48 Datasheet HTML 11Page - Intersil Corporation KAD5514P-25Q48 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
8
FN6804.2
September 10, 2009
Switching Specifications
PARAMETER
CONDITION
SYMBOL
MIN
TYP
MAX
UNITS
ADC OUTPUT
Aperture Delay
tA
375
ps
RMS Aperture Jitter
jA
60
fs
Output Clock to Data
Propagation Delay, LVDS Mode
(Note 9)
DDR, Rising Edge
tDC
-260
-50
120
ps
DDR, Falling Edge
tDC
-160
10
230
ps
SDR, Falling Edge
tDC
-260
-40
230
ps
Output Clock to Data
Propagation Delay, CMOS Mode
(Note 9)
DDR, Rising Edge
tDC
-220
-10
200
ps
DDR, Falling Edge
tDC
-310
-90
110
ps
SDR, Falling Edge
tDC
-310
-50
200
ps
Latency (Pipeline Delay)
L
8.5
cycles
Overvoltage Recovery
tOVR
1cycles
SPI INTERFACE (Notes 10, 11)
SCLK Period
Write Operation
tCLK
16
cycles
(Note 10)
Read Operation
tCLK
66
cycles
SCLK Duty Cycle (tHI/tCLK or
tLO/tCLK)
Read or Write
25
50
75
%
CSB
↓ to SCLK↑ Setup Time
Read or Write
tS
1cycles
CSB
↑ after SCLK↑ Hold Time
Read or Write
tH
3cycles
Data Valid to SCLK
↑ Setup Time Write
tDSW
1cycles
Data Valid after SCLK
↑ Hold
Time
Write
tDHW
3cycles
Data Valid after SCLK
↓ Time
Read
tDVR
16.5
cycles
Data Invalid after SCLK
↑ Time
Read
tDHR
3cycles
Sleep Mode CSB
↓ to SCLK↑
Setup Time (Note 12)
Read or Write in Sleep Mode
tS
150
µs
NOTES:
8. The Tri-Level Inputs internal switching thresholds are approximately 0.43V and 1.34V. It is advised to float the inputs, tie to ground or AVDD
depending on desired function.
9. The input clock to output clock delay is a function of sample rate, using the output clock to latch the data simplifies data capture for most
applications. Contact factory for more info if needed.
10. SPI Interface timing is directly proportional to the ADC sample period (4ns at 250Msps).
11. The SPI may operate asynchronously with respect to the ADC sample clock.
12. The CSB setup time increases in sleep mode due to the reduced power state, CSB setup time in Nap mode is equal to normal mode CSB setup
time (4ns min).
KAD5514P


Similar Part No. - KAD5514P-25Q48

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KAD5514P-25Q48 ETC2-KAD5514P-25Q48 Datasheet
686Kb / 31P
   14-bit, 250/210/170/125MSPS A/D Converter
logo
Intersil Corporation
KAD5514P-25Q48 INTERSIL-KAD5514P-25Q48 Datasheet
778Kb / 32P
   14-Bit, 250/210/170/125MSPS ADC
KAD5514P-25Q48 INTERSIL-KAD5514P-25Q48 Datasheet
805Kb / 34P
   14-Bit, 250/210/170/125MSPS ADC
logo
Renesas Technology Corp
KAD5514P-25Q48 RENESAS-KAD5514P-25Q48 Datasheet
1Mb / 34P
   14-Bit, 250/210/170/125MSPS ADC
More results

Similar Description - KAD5514P-25Q48

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
KAD5514P INTERSIL-KAD5514P Datasheet
778Kb / 32P
   14-Bit, 250/210/170/125MSPS ADC
KAD5514P_0909 INTERSIL-KAD5514P_0909 Datasheet
805Kb / 34P
   14-Bit, 250/210/170/125MSPS ADC
logo
Renesas Technology Corp
KAD5514P RENESAS-KAD5514P Datasheet
1Mb / 34P
   14-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5512HP_0910 INTERSIL-KAD5512HP_0910 Datasheet
932Kb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
KAD5510P_1105 INTERSIL-KAD5510P_1105 Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
logo
List of Unclassifed Man...
KAD5512P ETC2-KAD5512P Datasheet
746Kb / 31P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5512HP-25Q72 INTERSIL-KAD5512HP-25Q72 Datasheet
935Kb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
October 1, 2009
logo
Renesas Technology Corp
KAD5510P RENESAS-KAD5510P Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
KAD5512HP RENESAS-KAD5512HP Datasheet
1Mb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5510P INTERSIL-KAD5510P_11 Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com