Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KAD5610P-25Q72 Datasheet(PDF) 8 Page - Intersil Corporation

Part # KAD5610P-25Q72
Description  Dual 10-Bit, 250/210/170/125MSPS A/D Converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

KAD5610P-25Q72 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button KAD5610P-25Q72 Datasheet HTML 4Page - Intersil Corporation KAD5610P-25Q72 Datasheet HTML 5Page - Intersil Corporation KAD5610P-25Q72 Datasheet HTML 6Page - Intersil Corporation KAD5610P-25Q72 Datasheet HTML 7Page - Intersil Corporation KAD5610P-25Q72 Datasheet HTML 8Page - Intersil Corporation KAD5610P-25Q72 Datasheet HTML 9Page - Intersil Corporation KAD5610P-25Q72 Datasheet HTML 10Page - Intersil Corporation KAD5610P-25Q72 Datasheet HTML 11Page - Intersil Corporation KAD5610P-25Q72 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
8
FN6810.2
September 10, 2009
Pinout/Package Information
Sleep Mode CSB
↓ to SCLK↑ Setup Time
(Note 11)
Read or Write in Sleep Mode
tS
150
µs
NOTES:
7. The Tri-Level Inputs internal switching thresholds are approximately .43V and 1.34V. It is advised to float the inputs, tie to ground or AVDD
depending on desired function.
8. The input clock to output clock delay is a function of sample rate, using the output clock to latch the data simplifies data capture for most
applications. Contact factory for more info if needed.
9. SPI Interface timing is directly proportional to tS, the ADC sample period (4ns at 250Msps).
10. The SPI may operate asynchronously with respect to the ADC sample clock.
11. The CSB setup time increases in sleep mode due to the reduced power state, CSB setup time in Nap mode is equal to normal mode CSB setup
time (4ns min).
Switching Specifications (Continued)
PARAMETER
CONDITION
SYMBOL
MIN
TYP
MAX
UNITS
Pin Descriptions
PIN #
LVDS [LVCMOS] NAME
LVDS [LVCMOS] FUNCTION
1, 6, 19, 24, 71
AVDD
1.8V Analog Supply
2-5, 17, 18, 28-35
DNC
Do Not Connect
7, 10-12, 72
AVSS
Analog Ground
8, 9
BINP, BINN
B-Channel Analog Input Positive, Negative
13, 14
AINN, AINP
A-Channel Analog Input Negative, Positive
15
VCM
Common Mode Output
16
CLKDIV
Clock Divider Control
20, 21
CLKP, CLKN
Clock Input True, Complement
22
OUTMODE
Output Mode (LVDS, LVCMOS)
23
NAPSLP
Power Control (Nap, Sleep modes)
25
RESETN
Power On Reset (Active Low, See “User-Initiated Reset” on page 15)
26, 45, 55, 65
OVSS
Output Ground
27, 36, 56
OVDD
1.8V Output Supply
37
D0N
[NC]
LVDS Bit 0 (LSB) Output Complement
[NC in LVCMOS]
38
D0P
[D0]
LVDS Bit 0 (LSB) Output True
[LVCMOS Bit 0]
39
D1N
[NC]
LVDS Bit 1 Output Complement
[NC in LVCMOS]
40
D1P
[D1]
LVDS Bit 1 Output True
[LVCMOS Bit 1]
41
D2N
[NC]
LVDS Bit 2 Output Complement
[NC in LVCMOS]
42
D2P
[D2]
LVDS Bit 2 Output True
[LVCMOS Bit 2]
43
D3N
[NC]
LVDS Bit 3 Output Complement
[NC in LVCMOS]
44
D3P
[D3]
LVDS Bit 3 Output True
[LVCMOS Bit 3]
KAD5610P


Similar Part No. - KAD5610P-25Q72

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KAD5610P-25Q72 ETC2-KAD5610P-25Q72 Datasheet
684Kb / 28P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
logo
Intersil Corporation
KAD5610P-25Q72 INTERSIL-KAD5610P-25Q72 Datasheet
444Kb / 27P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
KAD5610P-25Q72 INTERSIL-KAD5610P-25Q72 Datasheet
813Kb / 30P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
logo
Renesas Technology Corp
KAD5610P-25Q72 RENESAS-KAD5610P-25Q72 Datasheet
1Mb / 30P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
More results

Similar Description - KAD5610P-25Q72

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KAD5610P ETC2-KAD5610P Datasheet
684Kb / 28P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
logo
Intersil Corporation
KAD5610P INTERSIL-KAD5610P Datasheet
444Kb / 27P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
KAD5610P_0909 INTERSIL-KAD5610P_0909 Datasheet
813Kb / 30P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
logo
Renesas Technology Corp
KAD5610P RENESAS-KAD5610P Datasheet
1Mb / 30P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
logo
Intersil Corporation
KAD5612P_0909 INTERSIL-KAD5612P_0909 Datasheet
598Kb / 29P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
KAD5612P INTERSIL-KAD5612P_09 Datasheet
575Kb / 28P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
KAD5612P INTERSIL-KAD5612P Datasheet
450Kb / 27P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
logo
List of Unclassifed Man...
KAD5612P ETC2-KAD5612P Datasheet
681Kb / 28P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
logo
Intersil Corporation
KAD5612P-25Q72 INTERSIL-KAD5612P-25Q72 Datasheet
595Kb / 29P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
September 9, 2009
logo
Renesas Technology Corp
KAD5612P RENESAS-KAD5612P Datasheet
1Mb / 29P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com