Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KAD5510P-12Q48 Datasheet(PDF) 1 Page - Intersil Corporation

Part # KAD5510P-12Q48
Description  Low Power 10-Bit, 250/210/170/125MSPS ADC
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

KAD5510P-12Q48 Datasheet(HTML) 1 Page - Intersil Corporation

  KAD5510P-12Q48 Datasheet HTML 1Page - Intersil Corporation KAD5510P-12Q48 Datasheet HTML 2Page - Intersil Corporation KAD5510P-12Q48 Datasheet HTML 3Page - Intersil Corporation KAD5510P-12Q48 Datasheet HTML 4Page - Intersil Corporation KAD5510P-12Q48 Datasheet HTML 5Page - Intersil Corporation KAD5510P-12Q48 Datasheet HTML 6Page - Intersil Corporation KAD5510P-12Q48 Datasheet HTML 7Page - Intersil Corporation KAD5510P-12Q48 Datasheet HTML 8Page - Intersil Corporation KAD5510P-12Q48 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
1
Low Power 10-Bit, 250/210/170/125MSPS ADC
KAD5510P
The KAD5510P is a family of low power, high performance 10-bit
analog-to-digital converters. Designed with Intersil’s proprietary
FemtoCharge™ technology on a standard CMOS process, the
family supports sampling rates of up to 250MSPS. The
KAD5510P is part of a pin-compatible portfolio of 10, 12 and
14-bit A/Ds with sample rates ranging from 125MSPS to
500MSPS.
A serial peripheral interface (SPI) port allows for extensive
configurability, as well as fine control of various parameters such
as gain and offset.
Digital output data is presented in selectable LVDS or CMOS formats.
The KAD5510P is available in a 48-contact QFN package with an
exposed paddle. Operating from a 1.8V supply, performance is
specified over the full industrial temperature range (-40°C to +85°C).
Key Specifications
•SNR = 60.7dBFS for fIN = 105MHz (-1dBFS)
•SFDR = 86.1dBc for fIN = 105MHz (-1dBFS)
•Total Power Consumption
- 234/189mW @ 250/125MSPS (DDR Mode)
Related Literature
•See FN6811, KAD5510P-50, “10-Bit, 500MSPS A/D
Converter”
Features
• 1.5GHz Analog Input Bandwidth
• 60fs Clock Jitter
• Programmable Gain, Offset and Skew Control
•Over-Range Indicator
• Selectable Clock Divider:
÷1, ÷2 or ÷4
• Clock Phase Selection
• Nap and Sleep Modes
• Two’s Complement, Gray Code or Binary Data Format
• DDR LVDS-Compatible or LVCMOS Outputs
• Programmable Built-in Test Patterns
• Single-Supply 1.8V Operation
• Pb-Free (RoHS Compliant)
Applications
• Power Amplifier Linearization
• Radar and Satellite Antenna Array Processing
• Broadband Communications
• High-Performance Data Acquisition
• Communications Test Equipment
•WiMAX and Microwave Receivers
DIGITAL
ERROR
CORRECTION
LVDS/CMOS
DRIVERS
1.25V
CLOCK
GENERATION
SHA
VINP
VINN
10-BIT
250 MSPS
ADC
CLKP
CLKN
SPI
CONTROL
CLKOUTP
CLKOUTN
D[4:0]P
D[4:0]N
ORP
ORN
OUTFMT
OUTMODE
+
VCM
(DDR)
SINGLE-TONE SPECTRUM @ 105MHz (250MSPS)
0M
20M
40M
60M
80M
100M
120M
-120
-100
-80
-60
-40
-20
0
FREQUENCY (Hz)
Ain = -1.0dBFS
SNR = 60.7dBFS
SFDR = 85.9dBc
SINAD = 60.7dBFS
May 2, 2011
FN7693.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2011. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - KAD5510P-12Q48

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
KAD5510P-12Q48 INTERSIL-KAD5510P-12Q48 Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
KAD5510P-12Q48 INTERSIL-KAD5510P-12Q48 Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
logo
Renesas Technology Corp
KAD5510P-12Q48 RENESAS-KAD5510P-12Q48 Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
More results

Similar Description - KAD5510P-12Q48

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
KAD5510P_1105 INTERSIL-KAD5510P_1105 Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
logo
Renesas Technology Corp
KAD5510P RENESAS-KAD5510P Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5510P INTERSIL-KAD5510P_11 Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
logo
List of Unclassifed Man...
KAD5512P ETC2-KAD5512P Datasheet
746Kb / 31P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5512P INTERSIL-KAD5512P Datasheet
1Mb / 36P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
logo
Renesas Technology Corp
KAD5512P RENESAS-KAD5512P Datasheet
1Mb / 36P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5512P INTERSIL-KAD5512P_09 Datasheet
642Kb / 32P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
KAD5514P INTERSIL-KAD5514P Datasheet
778Kb / 32P
   14-Bit, 250/210/170/125MSPS ADC
KAD5514P_0909 INTERSIL-KAD5514P_0909 Datasheet
805Kb / 34P
   14-Bit, 250/210/170/125MSPS ADC
logo
Renesas Technology Corp
KAD5514P RENESAS-KAD5514P Datasheet
1Mb / 34P
   14-Bit, 250/210/170/125MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com