Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISLA214IR72EV1Z Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISLA214IR72EV1Z
Description  14-Bit, 250MSPS/200MSPS/130MSPS ADC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA214IR72EV1Z Datasheet(HTML) 1 Page - Intersil Corporation

  ISLA214IR72EV1Z Datasheet HTML 1Page - Intersil Corporation ISLA214IR72EV1Z Datasheet HTML 2Page - Intersil Corporation ISLA214IR72EV1Z Datasheet HTML 3Page - Intersil Corporation ISLA214IR72EV1Z Datasheet HTML 4Page - Intersil Corporation ISLA214IR72EV1Z Datasheet HTML 5Page - Intersil Corporation ISLA214IR72EV1Z Datasheet HTML 6Page - Intersil Corporation ISLA214IR72EV1Z Datasheet HTML 7Page - Intersil Corporation ISLA214IR72EV1Z Datasheet HTML 8Page - Intersil Corporation ISLA214IR72EV1Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2011, 2012. All Rights Reserved
Intersil (and design) and FemtoCharge are trademarks owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
14-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA214P
The ISLA214P is a series of low power, high performance
14-bit analog-to-digital converters. Designed with Intersil’s
proprietary FemtoCharge™ technology on a standard CMOS
process, the series supports sampling rates of up to 250MSPS.
The ISLA214P is part of a pin-compatible family of 12 to 16-bit
A/Ds with maximum sample rates ranging from 130MSPS to
500MSPS.
A serial peripheral interface (SPI) port allows for extensive
configurability, as well as fine control of various parameters,
such as gain and offset. Digital output data is presented in
selectable LVDS or CMOS formats, and can be configured as
full-width, single data rate (SDR) or half-width, double data
rate (DDR). The ISLA214P is available in a 72-contact QFN
package with an exposed paddle. Operating from a 1.8V
supply, performance is specified over the full industrial
temperature range (-40°C to +85°C).
Key Specifications
• SNR @ 250/200/130MSPS
73.0/73.8/74.9dBFS fIN = 30MHz
70.6/71.1/70.9dBFS fIN = 363MHz
• SFDR @ 250/200/130MSPS
82/88/88dBc fIN = 30MHz
78/82/84dBc fIN = 363MHz
• Total Power Consumption = 480mW @ 250MSPS
Features
• Single supply 1.8V operation
• Clock duty cycle stabilizer
• 75fs clock jitter
• 700MHz bandwidth
• Programmable built-in test patterns
• Multi-ADC support
- SPI programmable fine gain and offset control
- Support for multiple ADC synchronization
- Optimized output timing
• Nap and sleep modes
- 200µs sleep wake-up time
• Data output clock
• SDR/DDR LVDS-compatible or LVCMOS outputs
• Selectable clock divider
Applications
• Radar array processing
• Software defined radios
• Broadband communications
• High-performance data acquisition
• Communications test equipment
DIGITAL
ERROR
CORRECTION
VINP
VINN
CLOCK
MANAGEMENT
SHA
14-BIT
250 MSPS
ADC
CLKP
CLKN
SPI
CONTROL
CLKOUTP
CLKOUTN
D[13:0]P
D[13:0]N
+
VCM
Pin-Compatible Family
MODEL
RESOLUTION
SPEED
(MSPS)
ISLA216P25
16
250
ISLA216P20
16
200
ISLA216P13
16
130
ISLA214P50
14
500
ISLA214P25
14
250
ISLA214P20
14
200
ISLA214P13
14
130
ISLA212P50
12
500
ISLA212P25
12
250
ISLA212P20
12
200
ISLA212P13
12
130
December 5, 2012
FN7572.2


Similar Part No. - ISLA214IR72EV1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISLA214IR72EV1Z INTERSIL-ISLA214IR72EV1Z Datasheet
1Mb / 35P
   12-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA214IR72EV1Z INTERSIL-ISLA214IR72EV1Z Datasheet
963Kb / 34P
   High Performance 14-Bit, 125MSPS ADC
ISLA214IR72EV1Z INTERSIL-ISLA214IR72EV1Z Datasheet
963Kb / 34P
   High Performance 14-Bit, 125MSPS ADC
June 27, 2012
logo
Renesas Technology Corp
ISLA214IR72EV1Z RENESAS-ISLA214IR72EV1Z Datasheet
1Mb / 36P
   12-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA214IR72EV1Z RENESAS-ISLA214IR72EV1Z Datasheet
1Mb / 35P
   14-Bit, 250MSPS/200MSPS/130MSPS ADC
More results

Similar Description - ISLA214IR72EV1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISLA214P RENESAS-ISLA214P Datasheet
1Mb / 35P
   14-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA224P RENESAS-ISLA224P Datasheet
1Mb / 34P
   Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA224P INTERSIL-ISLA224P Datasheet
1Mb / 34P
   Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Renesas Technology Corp
ISLA212P RENESAS-ISLA212P Datasheet
1Mb / 36P
   12-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA216P RENESAS-ISLA216P Datasheet
1Mb / 35P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA216P_1104 INTERSIL-ISLA216P_1104 Datasheet
1Mb / 33P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA216P INTERSIL-ISLA216P Datasheet
1Mb / 32P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA212P INTERSIL-ISLA212P Datasheet
1Mb / 35P
   12-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA216P13IRZ INTERSIL-ISLA216P13IRZ Datasheet
1,010Kb / 35P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
December 10, 2012
ISLA222P INTERSIL-ISLA222P Datasheet
943Kb / 33P
   Dual 12-Bit, 250MSPS/200MSPS/130MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com