Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100EPT22VZC Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY100EPT22VZC
Description  3.3V/5V DUAL LVTTL/LVCMOS-to- DIFFERENTIAL LVPECL TRANSLATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EPT22VZC Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY100EPT22VZC Datasheet HTML 1Page - Micrel Semiconductor SY100EPT22VZC Datasheet HTML 2Page - Micrel Semiconductor SY100EPT22VZC Datasheet HTML 3Page - Micrel Semiconductor SY100EPT22VZC Datasheet HTML 4Page - Micrel Semiconductor SY100EPT22VZC Datasheet HTML 5Page - Micrel Semiconductor SY100EPT22VZC Datasheet HTML 6Page - Micrel Semiconductor SY100EPT22VZC Datasheet HTML 7Page - Micrel Semiconductor SY100EPT22VZC Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
SY100EPT22V
Micrel
T
A = –40°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min. Max.
Min. Max. Min. Max.
Min. Max. Unit
Condition
I
CC
Power Supply Current
25
25
25
25
mA
TRUTH TABLE
DQ
/Q
HH
L
LL
H
Open
H
L
DC ELECTRICAL CHARACTERISTICS(1)
V
CC = +3.3V ±5% or +5.0V ±5%
NOTE:
1. Parametric values specified at:
3 volt Power Supply Range
100EPT22V Series:
+3.0V to +3.8V.
5 volt Power Supply Range
100EPT22V Series:
+4.2V to +5.5V.
Symbol
Paramter
Value
Unit
V
CC
Power Supply Voltage
–0.5 to +7.0
V
V
I
TTL Input Voltage
–0.5 to V
CC
V
I
I
TTL Input Current
–30 to +5.0
mA
I
O
PECL Output Current
mA
— Continuous
50
— Surge
100
T
store
Storage Temperature
–65 to +150
°C
T
A
Operating Temperature
–40 to +85
°C
NOTE:
1. Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS
are exceeded. This is a stress rating only and functional operation is not
implied at conditions other than those detailed in the operational sections
of this data sheet. Exposure to ABSOLUTE MAXIMUM RATlNG conditions
for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS(1)
TTL DC ELECTRICAL CHARACTERISTICS(1)
T
A = –40°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
V
IH
Input HIGH Voltage
2.0
2.0
2.0
2.0
V
V
IL
Input LOW Voltage
0.8
0.8
0.8
0.8
V
I
IH
Input HIGH Current
20
20
20
20
µAV
IN = 2.7V
100
100
100
100
V
IN = VCC
I
IL
Input LOW Current
–0.2
–0.2
–0.2
–0.2
mA
V
IN = 0.5V
V
IK
Input Clamp Voltage
–1.2
–1.2
–1.2
–1.2
V
I
IN = –18mA
V
CC = +3.3V ±5% or +5.0V ±5%
NOTE:
1. Parametric values specified at:
3 volt Power Supply Range
100EPT22V Series:
+3.0V to +3.8V.
5 volt Power Supply Range
100EPT22V Series:
+4.2V to +5.5V.


Similar Part No. - SY100EPT22VZC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EPT22VZC MICREL-SY100EPT22VZC Datasheet
74Kb / 6P
   3.3V/5V DUAL LVTTL/LVCMOS-to-DIFFERENTIAL
SY100EPT22VZCTR MICREL-SY100EPT22VZCTR Datasheet
74Kb / 6P
   3.3V/5V DUAL LVTTL/LVCMOS-to-DIFFERENTIAL
More results

Similar Description - SY100EPT22VZC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89322V MICREL-SY89322V_06 Datasheet
468Kb / 5P
   3.3V/5V DUAL LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
SY10EPT20V MICREL-SY10EPT20V_10 Datasheet
74Kb / 6P
   5V/3.3V LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
SY10EPT20V MICREL-SY10EPT20V_05 Datasheet
487Kb / 6P
   5V/3.3V LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
SY10EPT20V MICREL-SY10EPT20V Datasheet
87Kb / 8P
   3.3V/5V LVTTL/LVCMOS-to- DIFFERENTIAL LVPECL TRANSLATOR
logo
ON Semiconductor
MC100LVELT22 ONSEMI-MC100LVELT22_16 Datasheet
150Kb / 7P
   3.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator
July, 2016 ??Rev. 12
MC100LVELT22 ONSEMI-MC100LVELT22_07 Datasheet
80Kb / 7P
   3.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator
March, 2007 ??Rev. 5
logo
Micrel Semiconductor
SY89329V MICREL-SY89329V Datasheet
50Kb / 6P
   3.3V/5V 800MHz LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
logo
Fairchild Semiconductor
100LVELT22 FAIRCHILD-100LVELT22 Datasheet
119Kb / 5P
   3.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator
logo
ON Semiconductor
MC100LVELT20 ONSEMI-MC100LVELT20 Datasheet
49Kb / 6P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. P1
MC100EPT20 ONSEMI-MC100EPT20 Datasheet
65Kb / 8P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com