Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL98002CRZ-140 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL98002CRZ-140
Description  Triple Video Digitizer with Digital PLL
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL98002CRZ-140 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL98002CRZ-140 Datasheet HTML 1Page - Intersil Corporation ISL98002CRZ-140 Datasheet HTML 2Page - Intersil Corporation ISL98002CRZ-140 Datasheet HTML 3Page - Intersil Corporation ISL98002CRZ-140 Datasheet HTML 4Page - Intersil Corporation ISL98002CRZ-140 Datasheet HTML 5Page - Intersil Corporation ISL98002CRZ-140 Datasheet HTML 6Page - Intersil Corporation ISL98002CRZ-140 Datasheet HTML 7Page - Intersil Corporation ISL98002CRZ-140 Datasheet HTML 8Page - Intersil Corporation ISL98002CRZ-140 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
FN6535.0
March 26, 2008
PD
Total Power Dissipation
ISL98002-140
With grayscale ramp input
525
575
mW
ISL98002-170
With grayscale ramp input
535
600
mW
Standby Mode
ADCs, PLL powered down
35
80
mW
AC TIMING CHARACTERISTICS
PLL Jitter
(Note 4)
250
450
ps p-p
Sampling Phase Steps
5.6° per step
64
Sampling Phase Tempco
±1
ps/°C
Sampling Phase
Differential Nonlinearity
Degrees out-of-phase 360°
±3
°
HSYNC Frequency Range
10
150
kHz
fXTAL
Crystal Frequency Range
23
25
27
MHz
fXTALIN
Frequency Range with External 3.3V Clock
Signal Driving XTALIN
23
25
33.5
MHz
tSETUP
DATA Valid Before Rising Edge of DATACLK 15pF DATACLK load, 15pF DATA load
(Note 2)
1.3
ns
tHOLD
DATA Valid After Rising Edge of DATACLK
15pF DATACLK load, 15pF DATA load
(Note 2)
2.0
ns
AC TIMING CHARACTERISTICS (2-WIRE INTERFACE)
fSCL
SCL Clock Frequency
0
400
kHz
Maximum Width of a Glitch on SCL That Will
Be Suppressed
2 XTAL periods min
80
ns
tAA
SCL LOW to SDA Data Out Valid
5 XTAL periods plus SDA’s RC time
constant
See
comment
µs
tBUF
Time the Bus Must Be Free Before a New
Transmission Can Start
1.3
µs
tLOW
Clock LOW Time
1.3
µs
tHIGH
Clock HIGH Time
0.6
µs
tSU:STA
Start Condition Set-up Time
0.6
µs
tHD:STA
Start Condition Hold Time
0.6
µs
tSU:DAT
Data In Set-up Time
100
ns
tHD:DAT
Data In Hold Time
0ns
tSU:STO
Stop Condition Set-up Time
0.6
µs
tDH
Data Output Hold Time
4 XTAL periods min
160
ns
NOTES:
2. Setup and hold times are specified for a 170MHz DATACLK rate.
3. Linearity tested at room temperature and guaranteed across commercial temperature range by correlation to characterization.
4. Jitter tested at rated frequencies (170MHz, 140MHz) and at minimum frequency (10MHz).
Electrical Specifications Specifications apply for VA = VD = VX = 3.3V, VCORE = VCOREADC = VADC = VPLL = 1.8V, pixel rate = 140MHz for
ISL98002-140, 170MHz for ISL98002-170, fXTAL = 25MHz, TA = +25°C, unless otherwise noted. (Continued)
SYMBOL
PARAMETER
COMMENT
MIN
TYP
MAX
UNIT
ISL98002


Similar Part No. - ISL98002CRZ-140

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL98002CRZ-140 INTERSIL-ISL98002CRZ-140 Datasheet
510Kb / 28P
   Triple Video Digitizer with Digital PLL
logo
Renesas Technology Corp
ISL98002CRZ-140 RENESAS-ISL98002CRZ-140 Datasheet
1Mb / 28P
   Triple Video Digitizer with Digital PLL
More results

Similar Description - ISL98002CRZ-140

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL98001 INTERSIL-ISL98001_07 Datasheet
370Kb / 31P
   Triple Video Digitizer with Digital PLL
ISL98001 INTERSIL-ISL98001 Datasheet
474Kb / 31P
   Triple Video Digitizer with Digital PLL
logo
Renesas Technology Corp
ISL98001 RENESAS-ISL98001 Datasheet
1Mb / 31P
   Triple Video Digitizer with Digital PLL
ISL98002 RENESAS-ISL98002 Datasheet
1Mb / 28P
   Triple Video Digitizer with Digital PLL
logo
Intersil Corporation
ISL98001IQZ-140 INTERSIL-ISL98001IQZ-140 Datasheet
470Kb / 31P
   Triple Video Digitizer with Digital PLL
September 21, 2010
ISL98001 INTERSIL-ISL98001_06 Datasheet
488Kb / 31P
   Triple Video Digitizer with Digital PLL
ISL98002 INTERSIL-ISL98002 Datasheet
510Kb / 28P
   Triple Video Digitizer with Digital PLL
X98014L128-3.3 INTERSIL-X98014L128-3.3 Datasheet
443Kb / 29P
   140MHz Triple Video Digitizer with Digital PLL
March 8, 2006
X98024 INTERSIL-X98024 Datasheet
295Kb / 29P
   240MHz Triple Video Digitizer with Digital PLL
X98021 INTERSIL-X98021_06 Datasheet
448Kb / 29P
   210MHz Triple Video Digitizer with Digital PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com