Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IK2108DW Datasheet(PDF) 8 Page - IK Semicon Co., Ltd

Part # IK2108DW
Description  Serial Interface
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IK2108DW Datasheet(HTML) 8 Page - IK Semicon Co., Ltd

Back Button IK2108DW Datasheet HTML 4Page - IK Semicon Co., Ltd IK2108DW Datasheet HTML 5Page - IK Semicon Co., Ltd IK2108DW Datasheet HTML 6Page - IK Semicon Co., Ltd IK2108DW Datasheet HTML 7Page - IK Semicon Co., Ltd IK2108DW Datasheet HTML 8Page - IK Semicon Co., Ltd IK2108DW Datasheet HTML 9Page - IK Semicon Co., Ltd IK2108DW Datasheet HTML 10Page - IK Semicon Co., Ltd IK2108DW Datasheet HTML 11Page - IK Semicon Co., Ltd IK2108DW Datasheet HTML 12Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
IK2108A
8
May 2012, Ver. 03
KEY MATRIX & KEY INPUT DATA STORAGE RAM
Key Matrix consists of 10 x 3 array as shown below:
K1
K2
K3
SG1/
KS1
SG2/
KS2
SG3/
KS3
SG4/
KS4
SG5/
KS5
SG6/
KS6
SG7/
KS7
SG8/
KS8
SG9/
KS9
SG10/
KS10
Each data entered by each key (or any combination of keys) is stored as follows and read by a READ
Command, starting from the last significant bit. When the most significant bit of the data (b0) has been
read, the least significant bit of the next data (b7) is read.
K1
K2
K3
K1
K2
K3
SG1/KS1
SG2/KS2
x
1’st byte read
SG3/KS3
SG4/KS4
x
2’nd byte read
SG5/KS5
SG6/KS6
x
3’rd byte read
SG7/KS7
SG8/KS8
x
4’th byte read
SG9/KS9
SG10/KS10
x
5’th byte read
b0
b1
b2
b3
b4
b5
b6
b7
Key press=”1”, Key no press=”0” read.


Similar Part No. - IK2108DW

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK2108A IKSEMICON-IK2108A Datasheet
547Kb / 21P
   LED Driver IC
More results

Similar Description - IK2108DW

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK2102DW IKSEMICON-IK2102DW Datasheet
2Mb / 23P
   Serial Interface
logo
Renesas Technology Corp
R1EX24002ASAS0G RENESAS-R1EX24002ASAS0G_15 Datasheet
505Kb / 18P
   Two-wire serial interface Two-wire serial interface
logo
National Semiconductor ...
DP8391 NSC-DP8391 Datasheet
175Kb / 10P
   Serial Network Interface
logo
List of Unclassifed Man...
82C550A ETC1-82C550A Datasheet
807Kb / 15P
   STARLAN SERIAL INTERFACE
logo
Intel Corporation
82C501AD INTEL-82C501AD Datasheet
1Mb / 18P
   ETHERNET SERIAL INTERFACE
logo
Renesas Technology Corp
R1EX25512ATA00A RENESAS-R1EX25512ATA00A Datasheet
566Kb / 21P
   Serial Peripheral Interface
logo
Sanyo Semicon Device
LC73701M SANYO-LC73701M Datasheet
111Kb / 11P
   SERIAL INTERFACE DIALLER
logo
Renesas Technology Corp
R1EV24002ASAS0A RENESAS-R1EV24002ASAS0A Datasheet
134Kb / 17P
   Two-wire serial interface 2k EEPROM Two-wire serial interface
logo
STMicroelectronics
ETC5054 STMICROELECTRONICS-ETC5054 Datasheet
153Kb / 18P
   SERIAL INTERFACE CODEC/FILTER
STV1602A STMICROELECTRONICS-STV1602A Datasheet
289Kb / 22P
   SERIAL INTERFACE TRANSMISSION DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com