Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL76322 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL76322
Description  16-Bit Long-Reach Video Automotive Grade SERDES
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL76322 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL76322_15 Datasheet HTML 2Page - Intersil Corporation ISL76322_15 Datasheet HTML 3Page - Intersil Corporation ISL76322_15 Datasheet HTML 4Page - Intersil Corporation ISL76322_15 Datasheet HTML 5Page - Intersil Corporation ISL76322_15 Datasheet HTML 6Page - Intersil Corporation ISL76322_15 Datasheet HTML 7Page - Intersil Corporation ISL76322_15 Datasheet HTML 8Page - Intersil Corporation ISL76322_15 Datasheet HTML 9Page - Intersil Corporation ISL76322_15 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
ISL76322
6
May 6, 2015
FN7611.3
Submit Document Feedback
Absolute Maximum Ratings
Thermal Information
Supply Voltage
VDD_P to GND_P, VDD_TX to GND_TX, VDD_IO to GND_IO . . .-0.5V to 4.6V
VDD_CDR to GND_CDR, VDD_CR to GND_CR. . . . . . . . . . . -0.5V to 2.5V
Between any pair of GND_P, GND_TX, GND_IO, GND_CDR,
GND_CR . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.1V to 0.1V
3.3V Tolerant LVTTL/LVCMOS
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VDD_IO +0.3V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . .-0.3V to VDD_IO + 0.3V
Differential Output Current . . . . . . . . . . . . . . . . . . . . Short Circuit Protected
LVTTL/LVCMOS Outputs. . . . . . . . . . . . . . . . . . . . . . . Short Circuit Protected
ESD Rating
Human Body Model (Tested per JESD22-A114E)
All pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4kV
SERIOP/N
(All VDD Connected, all GND Connected) . . . . . . . . . . . . . . . . . . . . 8kV
Machine Model (Tested per JESD-A115-A) . . . . . . . . . . . . . . . . . . . . 200V
Charge Device Model (Tested per AEC-Q100-011-B) . . . . . . . . . . . . . 2000V
Latch-up (Tested per JESD-78B; Class2, Level A) . . . . . . . . . . . . . . . 100mA
Thermal Resistance (Typical)
JA
JC (°C/W)
QFN Package (Notes 6, 7) . . . . . . . . . . . . . .
32
3.7
Maximum Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 327mW
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . .+125°C
Maximum Storage Temperature Range . . . . . . . . . . . . . .-65°C to +150°C
Pb-free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493
Recommended Operating Conditions
Operating Temperature Range . . . . . . . . . . . . . . . . . . . . . .-40°C to +105°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
6.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
7. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications Unless otherwise indicated, all data is for: VDD_CDR = VDD_CR = 1.8V, VDD_IO = 3.3V,
VDD_TX =VDD_P =VDD_AN = 3.3V, TA = +25°C, Ref_Res = 3.16k, High-speed AC-coupling capacitor = 27nF. Boldface limits apply over the operating
temperature range, -40°C to +105°C.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 10)TYP
MAX
(Note 10)UNIT
POWER SUPPLY VOLTAGE
VDD_CDR, VDD_CR
1.7
1.8
1.9
V
VDD_TX, VDD_P, VDD_AN, VDD_IO
3.0
3.3
3.6
V
SERIALIZER POWER SUPPLY CURRENTS
Total 1.8V Supply Current
PCLK_IN = 45MHz
62
80
mA
Total 3.3V Supply Current
(Note 8)40
52
mA
DESERIALIZER POWER SUPPLY CURRENTS
Total 1.8V Supply Current
PCLK_IN = 45MHz
66
76
mA
Total 3.3V Supply Current
(Note 8)50
63
mA
POWER-DOWN SUPPLY CURRENT
Total 1.8V Power-Down Supply Current
RSTB = GND
10
mA
Total 3.3V Power-Down Supply Current
0.5
mA
PARALLEL INTERFACE
High Level Input Voltage
VIH
2.0
V
Low Level Input Voltage
VIL
0.8
V
Input Leakage Current
IIN
-1
±0.01
1
µA
High Level Output Voltage
VOH
IOH = -4.0mA, VDD_IO = 3.0V
2.6
V
Low Level Output Voltage
VOL
IOL = 4.0mA, VDD_IO = 3.6V
0.4
V
Output Short Circuit Current
IOSC
35
mA


Similar Part No. - ISL76322_15

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL76322_1108 INTERSIL-ISL76322_1108 Datasheet
503Kb / 13P
   16-Bit Long-Reach Video Automotive Grade SERDES
More results

Similar Description - ISL76322_15

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL76322_1108 INTERSIL-ISL76322_1108 Datasheet
503Kb / 13P
   16-Bit Long-Reach Video Automotive Grade SERDES
ISL76322 INTERSIL-ISL76322 Datasheet
503Kb / 13P
   16-Bit Long-Reach Video Automotive Grade SERDES
logo
Renesas Technology Corp
ISL76322 RENESAS-ISL76322 Datasheet
630Kb / 14P
   16-Bit Long-Reach Video Automotive Grade SERDES
ISL76321 RENESAS-ISL76321 Datasheet
633Kb / 14P
   16-Bit Long-Reach Video Automotive Grade SERDES with Bi-directional Side-Channel
logo
Intersil Corporation
ISL76321 INTERSIL-ISL76321 Datasheet
514Kb / 14P
   16-Bit Long-Reach Video Automotive Grade SERDES with Bi-directional Side-Channel
ISL76321ARZ INTERSIL-ISL76321ARZ Datasheet
365Kb / 14P
   16-Bit Long-Reach Video Automotive Grade SERDES with Bi-directional Side-Channel
May 1, 2015
ISL34321 INTERSIL-ISL34321 Datasheet
376Kb / 13P
   16-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
logo
Renesas Technology Corp
ISL34321 RENESAS-ISL34321 Datasheet
659Kb / 13P
   16-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
ISL34340 RENESAS-ISL34340 Datasheet
609Kb / 11P
   WSVGA 24-Bit Long-Reach Video SERDES with Bidirectional Side-Channel
logo
Intersil Corporation
ISL34340_0806 INTERSIL-ISL34340_0806 Datasheet
350Kb / 10P
   WSVGA 24-Bit Long-Reach Video SERDES with Bidirectional Side-Channel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com