Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100EL92 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY100EL92
Description  TRIPLE LVPECL-TO-PECL OR PECL-TO-LVPECL TRANSLATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EL92 Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY100EL92 Datasheet HTML 1Page - Micrel Semiconductor SY100EL92 Datasheet HTML 2Page - Micrel Semiconductor SY100EL92 Datasheet HTML 3Page - Micrel Semiconductor SY100EL92 Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DESCRIPTION
s 5V and 3.3V power supplies required
s Also, supports LVPECL-to-PECL translation
s 500ps propagation delays
s Fully differential design
s Differential line receiver capability
s Application note
s Available in 20-pin SOIC package
The SY100EL92 is a triple LVPECL-to-PECL or PECL-
to-LVPECL translator. The device receives standard PECL
signals and translates them to differential LVPECL output
signals (or vice versa). SY100EL92 can also be used as a
differential line receiver for PECL-to-PECL or LVPECL-to-
LVPECL signals. However, please note that for the latter
we will need two different power supplies. Please refer to
Function Table for more details.
VBB outputs are provided for interfacing single ended
input signals. If a single ended input is to be used, the VBB
output should be connected to the D input and the active
signal will drive the D input. When used, the VBB should be
bypassed to VCC via a 0.01
µF capacitor. The VBB is
designed to act as a switching reference for the SY100EL92
under single ended input conditions. As a result, the pin
can only source/sink 0.5mA of current.
To accomplish the PECL-to-LVPECL level translation,
the SY100EL92 requires three power rails. The VCC and
VCC_VBB supply is to be connected to the standard PECL
supply, the 3.3V supply is to be connected to the VCCO
supply, and GND is connected to the system ground plane.
Both the VCC and VCCO should be bypassed to ground with
a 0.01
µF capacitor.
To accomplish the LVPECL-to-PECL level translation,
the SY100EL92 requires three power rails as well. The 5.0V
supply is connected to the VCC and VCCO pins, 3.3V supply
is connected to the VCC_VBB pin and GND is connected to
the system ground plane. VCC_VBB is used to provide a
proper VBB output level if a single ended input is used. For
differential LVPECL input VCC_VBB can be either 3.3V or
5V.
Under open input conditions, the D input will be biased
at a VCC/2 voltage level and the D input will be pulled to
GND. This condition will force the "Q" output low, ensuring
stability.
FEATURES
TRIPLE LVPECL-TO-PECL
OR PECL-TO-LVPECL
TRANSLATOR
SY100EL92
Rev.: D
Amendment: /0
Issue Date: January, 1999
Function
Vcc
Vcco
Vcc_VBB
PECL-to-LVPECL
5.0V
3.3V
5.0V
LVPECL-to-PECL
5.0V
5.0V
3.3V
PECL-to-PECL
5.0V
5.0V
5.0V
LVPECL-to-LVPECL
5.0V
3.3V
3.3V
FUNCTION TABLE
Pin
Function
Dn
PECL / LVPECL Inputs
Qn
PECL / LVPECL Outputs
VBB
PECL / LVPECL Reference Voltage Output
VCCO
VCC for Output
VCC_VBB
VCC for VBB Output
GND
Common Ground Rail
VCC
VCC for Internal Circuitry
PIN NAMES
PIN CONFIGURATION/BLOCK DIAGRAM
SOIC
TOP VIEW
VCC_VBB
VBB
VBB
VCC
VCCO
VCCO
VCC
D2
D1
D0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
D2
GND
Q0
Q0
Q1
Q2
Q1
Q2
D1
D0
1


Similar Part No. - SY100EL92

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EL92 MICREL-SY100EL92 Datasheet
62Kb / 5P
   TRIPLE LVPECL-TO-PECL OR PECL-TO-LVPECL TRANSLATOR
SY100EL92ZC MICREL-SY100EL92ZC Datasheet
62Kb / 5P
   TRIPLE LVPECL-TO-PECL OR PECL-TO-LVPECL TRANSLATOR
SY100EL92ZCTR MICREL-SY100EL92ZCTR Datasheet
62Kb / 5P
   TRIPLE LVPECL-TO-PECL OR PECL-TO-LVPECL TRANSLATOR
SY100EL92ZG MICREL-SY100EL92ZG Datasheet
62Kb / 5P
   TRIPLE LVPECL-TO-PECL OR PECL-TO-LVPECL TRANSLATOR
SY100EL92ZGTR MICREL-SY100EL92ZGTR Datasheet
62Kb / 5P
   TRIPLE LVPECL-TO-PECL OR PECL-TO-LVPECL TRANSLATOR
More results

Similar Description - SY100EL92

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EL92 MICREL-SY100EL92_06 Datasheet
62Kb / 5P
   TRIPLE LVPECL-TO-PECL OR PECL-TO-LVPECL TRANSLATOR
SY100E417 MICREL-SY100E417 Datasheet
73Kb / 5P
   QUINT LVPECL-TO-PECL OR PECL-TO-LVPECL TRANSLATOR
logo
ON Semiconductor
MC100LVEL92 ONSEMI-MC100LVEL92 Datasheet
71Kb / 3P
   Triple PECL to LVPECL Translator?
1997 REV 2
logo
Micrel Semiconductor
SY100E417 MICREL-SY100E417_06 Datasheet
71Kb / 5P
   QUINT LVPECL-TO-PECL QUINT LVPECL-TO-PECL TRANSLATOR
logo
Semtech Corporation
SK1300 SEMTECH-SK1300 Datasheet
117Kb / 6P
   PECL / LVPECL to LVDS Translator
logo
ON Semiconductor
MC10EP90 ONSEMI-MC10EP90_14 Datasheet
92Kb / 9P
   Triple ECL Input to LVPECL/PECL Output Translator
May, 2014 ??Rev. 7
MC100LVEL92 ONSEMI-MC100LVEL92_06 Datasheet
112Kb / 6P
   5V Triple PECL Input to LVPECL Output Translator
November, 2006 ??Rev. 11
MC100LVEL92 ONSEMI-MC100LVEL92_16 Datasheet
147Kb / 5P
   5V Triple PECL Input to LVPECL Output Translator
July, 2016 ??Rev. 13
logo
Micrel Semiconductor
SY55855V MICREL-SY55855V Datasheet
83Kb / 7P
   DUAL CML/PECL/LVPECL-to-LVDS TRANSLATOR
SY55855V MICREL-SY55855V_05 Datasheet
79Kb / 8P
   DUAL CML/PECL/LVPECL-to-LVDS TRANSLATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com