Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0640017870 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0640017870
Description  Hand Crimp Tool for 4 AWG Insulated Ring Terminals
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0640017870 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0640017870 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/13/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0640017870
Status:
Active
Description:
Hand Crimp Tool for 4 AWG Insulated Ring Terminals
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Application Tooling
Series
T9999
Comments
See Tooling Specification (PDF) Above
Function
Crimp
Geographic Area
Global
Level of Automation
Manual
More Detailed Tech Information
applicationtooling@molex.com
Product Name
N/A
Survey
www.molex.com//review/apptool_survey.html
Tool Type
Tool Kit
UPC
884982831230
Material Info
Reference - Drawing Numbers
Application Tooling Documents
ATS-640017870, TM-638018900, TM-638161000
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
T9999 Series
Use With
InsulKrimp™ and NylaKrimp™ Ring Tongue
Terminals and Splices 4 AWG
This document was generated on 10/13/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0640017870

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0640017100 MOLEX-0640017100 Datasheet
36Kb / 1P
   Hand Crimp Tool
01/25/2022
0640017200 MOLEX11-0640017200 Datasheet
34Kb / 1P
   Hand Crimp Tool
0640017200 MOLEX-0640017200 Datasheet
36Kb / 1P
   Hand Crimp Tool
11/02/2021
0640017500 MOLEX11-0640017500 Datasheet
30Kb / 1P
   Hand Crimp Tool for Butt Splice 10-12 AWG Wire
0640017500 MOLEX-0640017500 Datasheet
30Kb / 1P
   Hand Crimp Tool for Butt Splice 10-12 AWG Wire
11/17/2017
More results

Similar Description - 0640017870

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0640017970 MOLEX11-0640017970 Datasheet
27Kb / 1P
   Hand Crimp Tool for 2 AWG Insulated Ring Terminals
ATS-640017970 MOLEX-ATS-640017970 Datasheet
127Kb / 4P
   Hand Crimp Tool for 2 AWG Insulated Ring Terminals
07-16-13
64003-7770 MOLEX-64003-7770 Datasheet
208Kb / 3P
   Hand Crimp Tool for 6 AWG Un-insulated Ring Terminals
03-24-16
64003-7670 MOLEX-64003-7670 Datasheet
344Kb / 3P
   Hand Crimp Tool for 8 AWG Un-insulated Ring Terminals
03-24-16
64001-7770 MOLEX11-64001-7770 Datasheet
29Kb / 1P
   Crimp Tool Kit for 6 AWG Insulated Ring Terminals
ATS-640017770 MOLEX-ATS-640017770 Datasheet
128Kb / 4P
   Crimp Tool Kit for 6 AWG Insulated Ring Terminals
07-16-13
0640017670 MOLEX11-0640017670 Datasheet
27Kb / 1P
   Crimp Tool Kit for 8 AWG Insulated Ring Terminals
64001-7670 MOLEX11-64001-7670 Datasheet
27Kb / 1P
   Crimp Tool Kit for 8 AWG Insulated Ring Terminals
ATS-640017670 MOLEX-ATS-640017670 Datasheet
135Kb / 4P
   Crimp Tool Kit for 8 AWG Insulated Ring Terminals
07-16-13
0640017770 MOLEX11-0640017770 Datasheet
29Kb / 1P
   Crimp Tool Kit for 6 AWG Insulated Ring Terminals
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com