Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJD14P06 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # PJD14P06
Description  60V P-Channel Enhancement Mode MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJD14P06 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  PJD14P06 Datasheet HTML 1Page - Pan Jit International Inc. PJD14P06 Datasheet HTML 2Page - Pan Jit International Inc. PJD14P06 Datasheet HTML 3Page - Pan Jit International Inc. PJD14P06 Datasheet HTML 4Page - Pan Jit International Inc. PJD14P06 Datasheet HTML 5Page - Pan Jit International Inc. PJD14P06 Datasheet HTML 6Page - Pan Jit International Inc. PJD14P06 Datasheet HTML 7Page - Pan Jit International Inc. PJD14P06 Datasheet HTML 8Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PPJU14P06 / PJD14P06
June 11,2015-REV.01
Page 2
Electrical Characteristics (TA=25
o
C unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNITS
Static
Drain-Source Breakdown Voltage
BVDSS
VGS=0V,ID=-250uA
-60
-
-
V
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=-250uA
-2.2
-2.76
-3.2
V
Drain-Source On-State Resistance
RDS(on)
VGS=-10V,ID=-7A
-
96
115
m
Ω
VGS=-4.5V,ID=-3.5A
-
125
160
Zero Gate Voltage Drain Current
IDSS
VDS=-55V,VGS=0V
-
-0.01
-1.0
uA
Gate-Source Leakage Current
IGSS
VGS=+20V,VDS=0V
-
+10
+100
nA
Diode Forward Voltage
VSD
IS=-1A,VGS=0V
-
-0.78
-1.0
V
Dynamic
(Note 5)
Total Gate Charge
Qg
VDS=-30V, ID=-12A,
VGS=-10V
(Note 2,3)
-
13.4
-
nC
Gate-Source Charge
Qgs
-
3.4
-
Gate-Drain Charge
Qgd
-
3.0
-
Input Capacitance
Ciss
VDS=-30V, VGS=0V,
f=1.0MHZ
-
685
-
pF
Output Capacitance
Coss
-
63
-
Reverse Transfer Capacitance
Crss
-
29
-
Turn-On Delay Time
td(on)
VDS=-30V,RL=2.5Ω,
VGS=-10V, RG=6.2Ω
(Note 2,3)
-
7
-
ns
Turn-On Rise Time
tr
-
40
-
Turn-Off Delay Time
td(off)
-
23
-
Turn-Off Fall Time
tf
-
10
-
Drain-Source Diode
Maximum Continuous Drain-Source
Diode Forward Current
IS
---
-
-
-10
A
Reverse Recovery Time
trr
VGS=0V, IS=-12A
dIF/ dt=-100A/us
(Note 2)
-
28
-
ns
Reverse Recovery Charge
Qrr
-
42
-
nC
NOTES :
1.
The test by surface mounted on 1 inch FR4 board with 2oz copper.
2.
L=0.1mH, IAS=-29A, VGS=-10V, VDS=-25V, RG=25 ohm, Starting TJ=25
oC
3.
The Power dissipation is limit by 150
℃ junction temperature.
4.
Pulse width<300us, Duty cycle<2%
5.
Guaranteed by design, not subject to production testing.


Similar Part No. - PJD14P06

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJD14P06-AU PANJIT-PJD14P06-AU Datasheet
413Kb / 8P
   60V P-Channel Enhancement Mode MOSFET
PJD14P06A PANJIT-PJD14P06A Datasheet
461Kb / 8P
   60V P-Channel Enhancement Mode MOSFET
PJD14P06A-AU PANJIT-PJD14P06A-AU Datasheet
547Kb / 6P
   60V P-Channel Enhancement Mode MOSFET
May 24,2019-REV.00
PJD14P06A-AU_L2_000A1 PANJIT-PJD14P06A-AU_L2_000A1 Datasheet
547Kb / 6P
   60V P-Channel Enhancement Mode MOSFET
May 24,2019-REV.00
More results

Similar Description - PJD14P06

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMP6A17N8 DIODES-ZXMP6A17N8_15 Datasheet
672Kb / 8P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP6A17E6 DIODES-ZXMP6A17E6 Datasheet
671Kb / 8P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP6A18K DIODES-ZXMP6A18K Datasheet
589Kb / 8P
   60V P-channel enhancement mode MOSFET
logo
Cystech Electonics Corp...
MTP2311M3 CYSTEKEC-MTP2311M3 Datasheet
297Kb / 9P
   60V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP6180SK3 DIODES-DMP6180SK3 Datasheet
194Kb / 6P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJL9433A PANJIT-PJL9433A Datasheet
440Kb / 7P
   60V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP6023LE DIODES-DMP6023LE_15 Datasheet
362Kb / 7P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP6185SE DIODES-DMP6185SE_15 Datasheet
294Kb / 6P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP6185SK3 DIODES-DMP6185SK3_15 Datasheet
323Kb / 6P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP6250SE DIODES-DMP6250SE_15 Datasheet
370Kb / 6P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP6A13F DIODES-ZXMP6A13F_15 Datasheet
322Kb / 8P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com