Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJL9450A Datasheet(PDF) 6 Page - Pan Jit International Inc.

Part # PJL9450A
Description  100V N-Channel Enhancement Mode MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJL9450A Datasheet(HTML) 6 Page - Pan Jit International Inc.

  PJL9450A Datasheet HTML 1Page - Pan Jit International Inc. PJL9450A Datasheet HTML 2Page - Pan Jit International Inc. PJL9450A Datasheet HTML 3Page - Pan Jit International Inc. PJL9450A Datasheet HTML 4Page - Pan Jit International Inc. PJL9450A Datasheet HTML 5Page - Pan Jit International Inc. PJL9450A Datasheet HTML 6Page - Pan Jit International Inc. PJL9450A Datasheet HTML 7Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PPJL9450A
July 10,2015-REV.00
Page 6
PART NO PACKING CODE VERSION
Packaging Information & Mounting Pad Layout
SOP-8 Dimension
Unit: mm
SOP-8 PAD LATOUT
Unit: mm
Part No Packing Code
Package Type
Packing type
Marking
Version
PJL9450A_R2_00001
SOP-8
2.5K pcs / 13
” reel
L9450A
Halogen free


Similar Part No. - PJL9450A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJL9452A PANJIT-PJL9452A Datasheet
417Kb / 7P
   100V N-Channel Enhancement Mode MOSFET
PJL9454A PANJIT-PJL9454A Datasheet
401Kb / 7P
   100V N-Channel Enhancement Mode MOSFET
PJL9458AL PANJIT-PJL9458AL Datasheet
390Kb / 7P
   100V N-Channel Enhancement Mode MOSFET
More results

Similar Description - PJL9450A

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN10B08E6 ZETEX-ZXMN10B08E6 Datasheet
252Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10A11G ZETEX-ZXMN10A11G Datasheet
1Mb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMN10H099SK3 DIODES-DMN10H099SK3_15 Datasheet
361Kb / 6P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMN10A08E6 ZETEX-ZXMN10A08E6_05 Datasheet
186Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN10A08DN8 DIODES-ZXMN10A08DN8 Datasheet
185Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10A09K DIODES-ZXMN10A09K Datasheet
660Kb / 8P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10A11K DIODES-ZXMN10A11K Datasheet
670Kb / 8P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN10H220LE DIODES-DMN10H220LE_15 Datasheet
500Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN10H220LVT DIODES-DMN10H220LVT_15 Datasheet
400Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZVN3310F DIODES-ZVN3310F_15 Datasheet
180Kb / 5P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMT10H015LK3 DIODES-DMT10H015LK3 Datasheet
533Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com