Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100EL1003ZC Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY100EL1003ZC
Description  LASER DIODE DRIVER WITH OUTPUT ENABLE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EL1003ZC Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY100EL1003ZC Datasheet HTML 1Page - Micrel Semiconductor SY100EL1003ZC Datasheet HTML 2Page - Micrel Semiconductor SY100EL1003ZC Datasheet HTML 3Page - Micrel Semiconductor SY100EL1003ZC Datasheet HTML 4Page - Micrel Semiconductor SY100EL1003ZC Datasheet HTML 5Page - Micrel Semiconductor SY100EL1003ZC Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
PRELIMINARY
SY100EL1003
Micrel
D
D
EN
OUT
OUT
LH
LH
L
H
LLL
H
XX
H
H
L
NOTE:
1. L = LOW, H = HIGH, X = don't care
Pin
Function
VCC, VCCO
Separate positive power supply pins help
to isolate sensitive circuitry from noise
generating function. +5V for PECL operation
or ground for ECL operation.
VEE
Most negative power supply input. Ground
for PECL operation or -5V for ECL operation.
VBB
This pin provides a reference voltage for use
in single ended applications or when the
input signal is AC coupled into the device.
D,D
These differential ECL/PECL 100K
compatible inputs receive NRZ data.
EN
This ECL/PECL 100K compatible input enables
Laser Driver - modulation current transitions to
zero when asserted HIGH.
OUT, OUT
Open collector outputs from the modulation
buffer drive these differential current outputs.
MC
An external voltage sets the main value of
modulation current IO.
RSET
An external resistor sets the source current
for modulation Imod.
NC
These pins are not connected.
Symbol
Rating
Value
Unit
VEE
Power Supply Voltage (VCC = 0V)
0 to -7.0
V
VI
Input Voltage (VCC = 0V)
0 to -6.0
V
IO
Output Current
75
mA
TA
Operating Temperature Range
–40 to +85
°°C
Ptot
Power Dissipation
500
mW
ABSOLUTE MAXIMUM RATINGS(1)
NOTE:
1. Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded. This is a stress rating only and functional operation is not implied
at conditions other than those detailed in the operational sections of this data sheet. Exposure to ABSOLUTE MAXIMUM RATlNG conditions for extended
periods may affect device reliability.
PIN NAMES
TRUTH TABLE(1)
Symbol
Rating
Value
Unit
VEE
Power Supply Voltage
–4.75 to -5.25
V
RSET
Resistor to Adjust Current
10 to 100
REXT
Resistor to Dissipate Power
10 to 50
RSER
Laser Diode Serial Resistor
0 to 50
OPERATIONING CONDITIONS(1)
NOTE:
1. The voltage drop across REXT and RSER should not be greater than 2V.


Similar Part No. - SY100EL1003ZC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EL1003ZC MICREL-SY100EL1003ZC Datasheet
78Kb / 7P
   LASER DIODE DRIVER WITH OUTPUT ENABLE
SY100EL1003ZCTR MICREL-SY100EL1003ZCTR Datasheet
78Kb / 7P
   LASER DIODE DRIVER WITH OUTPUT ENABLE
More results

Similar Description - SY100EL1003ZC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88822V MICREL-SY88822V Datasheet
63Kb / 5P
   LASER DIODE DRIVER WITH OUTPUT ENABLE
SY100EL1003 MICREL-SY100EL1003_06 Datasheet
78Kb / 7P
   LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88902 MICREL-SY88902 Datasheet
79Kb / 8P
   LASER DIODE DRIVER WTIH OUTPUT ENABLE
SY88702 MICREL-SY88702 Datasheet
56Kb / 5P
   5V 622Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88802 MICREL-SY88802 Datasheet
77Kb / 5P
   5V 155Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88722V MICREL-SY88722V Datasheet
56Kb / 5P
   5V/3.3V 622Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88822V MICREL-SY88822V_05 Datasheet
56Kb / 5P
   5V/3.3V 155Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
logo
National Semiconductor ...
LMH6525 NSC-LMH6525 Datasheet
905Kb / 15P
   Four-hannel Laser Diode Driver with Dual Output
logo
Renesas Technology Corp
ISL58303 RENESAS-ISL58303 Datasheet
179Kb / 2P
   800mA Triple Output Laser Diode Driver
logo
Texas Instruments
LMH6525 TI1-LMH6525 Datasheet
1Mb / 25P
[Old version datasheet]   LMH6525/LMH6526 Four?밅hannel Laser Diode Driver with Dual Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com