Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJD80N06 Datasheet(PDF) 7 Page - Pan Jit International Inc.

Part # PJD80N06
Description  60V N-Channel Enhancement Mode MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJD80N06 Datasheet(HTML) 7 Page - Pan Jit International Inc.

  PJD80N06 Datasheet HTML 1Page - Pan Jit International Inc. PJD80N06 Datasheet HTML 2Page - Pan Jit International Inc. PJD80N06 Datasheet HTML 3Page - Pan Jit International Inc. PJD80N06 Datasheet HTML 4Page - Pan Jit International Inc. PJD80N06 Datasheet HTML 5Page - Pan Jit International Inc. PJD80N06 Datasheet HTML 6Page - Pan Jit International Inc. PJD80N06 Datasheet HTML 7Page - Pan Jit International Inc. PJD80N06 Datasheet HTML 8Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
PPJD80N06
July 9,2015-REV.00
Page 7
PART NO PACKING CODE VERSION
MOUNTING PAD LAYOUT
Part No Packing Code
Package Type
Packing type
Marking
Version
PJD80N06_L2_00001
TO-252
3,000pcs / 13
” reel
D80N06
Halogen free


Similar Part No. - PJD80N06

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJD80N03 PANJIT-PJD80N03 Datasheet
486Kb / 8P
   30V N-Channel Enhancement Mode MOSFET
November 28,2017-REV.02
PJD80N03_L2_00001 PANJIT-PJD80N03_L2_00001 Datasheet
486Kb / 8P
   30V N-Channel Enhancement Mode MOSFET
November 28,2017-REV.02
PJD80N04 PANJIT-PJD80N04 Datasheet
603Kb / 6P
   40V N-Channel Enhancement Mode MOSFET
May 12,2017-REV.00
PJD80N04-AU PANJIT-PJD80N04-AU Datasheet
601Kb / 6P
   40V N-Channel Enhancement Mode MOSFET
March 28,2019-REV.00
PJD80N04-AU_L2_000A1 PANJIT-PJD80N04-AU_L2_000A1 Datasheet
601Kb / 6P
   40V N-Channel Enhancement Mode MOSFET
March 28,2019-REV.00
More results

Similar Description - PJD80N06

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A08E6 ZETEX-ZXMN6A08E6 Datasheet
850Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN6A07F ZETEX-ZXMN6A07F Datasheet
1Mb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002DW PANJIT-2N7002DW_14 Datasheet
155Kb / 5P
   60V N-Channel Enhancement Mode MOSFET
2N7002W PANJIT-2N7002W_14 Datasheet
159Kb / 6P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMN6A08E6 DIODES-ZXMN6A08E6 Datasheet
657Kb / 8P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002FN3 PANJIT-2N7002FN3 Datasheet
96Kb / 3P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2N7002 TSC-TSM2N7002 Datasheet
129Kb / 3P
   60V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJP6000 PANJIT-PJP6000 Datasheet
127Kb / 4P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN6040SVT-7 DIODES-DMN6040SVT-7 Datasheet
205Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002DW PANJIT-2N7002DW_1 Datasheet
164Kb / 5P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMT69M8LSS DIODES-DMT69M8LSS_17 Datasheet
387Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com