Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJD16N08A Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # PJD16N08A
Description  75V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJD16N08A Datasheet(HTML) 3 Page - Pan Jit International Inc.

  PJD16N08A Datasheet HTML 1Page - Pan Jit International Inc. PJD16N08A Datasheet HTML 2Page - Pan Jit International Inc. PJD16N08A Datasheet HTML 3Page - Pan Jit International Inc. PJD16N08A Datasheet HTML 4Page - Pan Jit International Inc. PJD16N08A Datasheet HTML 5Page - Pan Jit International Inc. PJD16N08A Datasheet HTML 6Page - Pan Jit International Inc. PJD16N08A Datasheet HTML 7Page - Pan Jit International Inc. PJD16N08A Datasheet HTML 8Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PPJD16N08A
July 9,2015-REV.00
Page 3
TYPICAL CHARACTERISTIC CURVES
Fig.1 Output Characteristics
Fig.2 Transfer Characteristics
Fig.3 On-Resistance vs. Drain Current
Fig.4 On-Resistance vs. Junction temperature
Fig.5 On-Resistance Variation with VGS.
Fig.6 Source-Drain Diode Forward Voltage


Similar Part No. - PJD16N08A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJD16N06A PANJIT-PJD16N06A Datasheet
464Kb / 8P
   60V N-Channel Enhancement Mode MOSFET
May 25,2016-REV.00
PJD16N06A-AU PANJIT-PJD16N06A-AU Datasheet
431Kb / 7P
   60V N-Channel Enhancement Mode MOSFET
March 28,2019-REV.00 Page
PJD16N06A-AU_L2_000A1 PANJIT-PJD16N06A-AU_L2_000A1 Datasheet
431Kb / 7P
   60V N-Channel Enhancement Mode MOSFET
March 28,2019-REV.00 Page
PJD16N06A_L2_00001 PANJIT-PJD16N06A_L2_00001 Datasheet
464Kb / 8P
   60V N-Channel Enhancement Mode MOSFET
May 25,2016-REV.00
More results

Similar Description - PJD16N08A

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HFW75N75 SEMIHOW-HFW75N75 Datasheet
871Kb / 7P
   75V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOB270AL AOSMD-AOB270AL Datasheet
329Kb / 6P
   75V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF7609 GOOD-ARK-SSF7609 Datasheet
1,017Kb / 7P
   75V N-Channel MOSFET
SSF7504 GOOD-ARK-SSF7504 Datasheet
998Kb / 6P
   75V N-Channel MOSFET
SSF7508 GOOD-ARK-SSF7508 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
SSPL7508 GOOD-ARK-SSPL7508 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
SSF7607 GOOD-ARK-SSF7607 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
logo
Pan Jit International I...
PJD12N08 PANJIT-PJD12N08 Datasheet
383Kb / 8P
   75V N-Channel MOSFET
logo
GOOD-ARK Electronics
SS7505 GOOD-ARK-SS7505_15 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
SSF7509 GOOD-ARK-SSF7509_15 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com