Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJD12N08 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # PJD12N08
Description  75V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJD12N08 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  PJD12N08 Datasheet HTML 1Page - Pan Jit International Inc. PJD12N08 Datasheet HTML 2Page - Pan Jit International Inc. PJD12N08 Datasheet HTML 3Page - Pan Jit International Inc. PJD12N08 Datasheet HTML 4Page - Pan Jit International Inc. PJD12N08 Datasheet HTML 5Page - Pan Jit International Inc. PJD12N08 Datasheet HTML 6Page - Pan Jit International Inc. PJD12N08 Datasheet HTML 7Page - Pan Jit International Inc. PJD12N08 Datasheet HTML 8Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PPJD12N08
July 9,2015-REV.00
Page 2
Electrical Characteristics (TA=25
o
C unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNITS
Static
Drain-Source Breakdown Voltage
BVDSS
VGS=0V,ID=250uA
75
-
-
V
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=250uA
2.0
2.7
3.5
V
Drain-Source On-State Resistance
RDS(on)
VGS=10V,ID=5A
-
103
126
m
Ω
VGS=4.5V,ID=2A
-
133
185
Zero Gate Voltage Drain Current
IDSS
VDS=60V,VGS=0V
-
0.01
1.0
uA
Gate-Source Leakage Current
IGSS
VGS=+20V,VDS=0V
-
+20
+100
nA
Dynamic
(Note 5)
Total Gate Charge
Qg
VDS=37.5V, ID=5A,
VGS=10V
(Note 2,3)
-
6.4
-
nC
Gate-Source Charge
Qgs
-
1.9
-
Gate-Drain Charge
Qgd
-
1.2
-
Input Capacitance
Ciss
VDS=30V, VGS=0V,
f=1.0MHZ
-
318
-
pF
Output Capacitance
Coss
-
33
-
Reverse Transfer Capacitance
Crss
-
8
-
Turn-On Delay Time
td(on)
VDS=37.5V,RL=7.5Ω,
VGEN=10V, RG=3Ω
(Note 2,3)
-
3
-
ns
Turn-On Rise Time
tr
-
29
-
Turn-Off Delay Time
td(off)
-
9
-
Turn-Off Fall Time
tf
-
22
-
Drain-Source Diode
Maximum Continuous Drain-Source
Diode Forward Current
IS
---
-
-
12
A
Diode Forward Voltage
VSD
IS=1A,VGS=0V
-
0.8
1.0
V
NOTES :
1.
Pulse width<300us, Duty cycle<2%
2.
Essentially independent of operating temperature typical characteristics
3.
Repetitive rating, pulse width limited by junction temperature TJ(MAX)=150°C. Ratings are based on low frequency
and duty cycles to keep initial TJ =25°C.
4.
The maximum current rating is package limited
5.
RJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is
defined as the solder mounting surface of the drain pins. Mounted on a 1 inch
2 with 2oz.square pad of copper.
6.
The test condition is L=0.3mH, IAS=10A, VDD=25V, VGS=10V
7.
Guaranteed by design, not subject to production testing


Similar Part No. - PJD12N08

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJD12P03L PANJIT-PJD12P03L Datasheet
149Kb / 4P
   30V P-Channel Enhancement Mode MOSFET
PJD12P06 PANJIT-PJD12P06 Datasheet
844Kb / 8P
   60V P-Channel Enhancement Mode MOSFET
April 14,2017-REV.00
PJD12P06-AU PANJIT-PJD12P06-AU Datasheet
834Kb / 7P
   60V P-Channel Enhancement Mode MOSFET
April 25,2019-REV.00
PJD12P06-AU_L2_000A1 PANJIT-PJD12P06-AU_L2_000A1 Datasheet
834Kb / 7P
   60V P-Channel Enhancement Mode MOSFET
April 25,2019-REV.00
PJD12P06_L2_00001 PANJIT-PJD12P06_L2_00001 Datasheet
844Kb / 8P
   60V P-Channel Enhancement Mode MOSFET
April 14,2017-REV.00
More results

Similar Description - PJD12N08

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HFW75N75 SEMIHOW-HFW75N75 Datasheet
871Kb / 7P
   75V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOB270AL AOSMD-AOB270AL Datasheet
329Kb / 6P
   75V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF7609 GOOD-ARK-SSF7609 Datasheet
1,017Kb / 7P
   75V N-Channel MOSFET
SSF7504 GOOD-ARK-SSF7504 Datasheet
998Kb / 6P
   75V N-Channel MOSFET
SSF7508 GOOD-ARK-SSF7508 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
SSPL7508 GOOD-ARK-SSPL7508 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
SSF7607 GOOD-ARK-SSF7607 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
SS7505 GOOD-ARK-SS7505_15 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
SSF7509 GOOD-ARK-SSF7509_15 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com