Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL16E-WCR22 Datasheet(PDF) 1 Page - P-tec Corporation

Part # PL16E-WCR22
Description  Popular T1 3/4 Lens style with flange
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PL16E-WCR22 Datasheet(HTML) 1 Page - P-tec Corporation

  PL16E-WCR22_14 Datasheet HTML 1Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Absolute Maximum Ratings at TA = 25°C
Power Dissipation ……………………………………………………………………………..… 72mW
Reverse Voltage (<100μA)……..……………...……………………………….…………………..... 4.0V
Max Forward Current ………………………………………………...………………….………. 30mA
Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width)...………..….……………….…...……… 100mA
Operating Temperature Range ………………………………………...…..…………... -25°C to +85°C
Storage Temperature Range..………….…………………………...……….………… -40°C to +100°C
Soldering Temperature (1.6mm below body)....…………………………………….…..…….….. 260°C for 5 seconds
PL16 Series 5mm (T1¾) Ultra Bright Red LED
Features
*Popular T1 3/4 Lens style with
Flange
*High Intensity
*Ultra High Light Output
*Broad Viewing Angle
*RoHS Compliant
Electrical & Optical Characteristics at TA = 25°C
Part Number
Emitting
Color
Chip
Material
Peak
Wave
Length
Viewing
Angle
2 ½
Forward
Voltage
@20mA (V)
Luminous
Intensity
@20mA (mcd)
Dominant
Wave
Length
Water Clear Lens
nm
Deg
Typ
Max
Min
Typ
nm
PL16E-WCR22
Dark Red
AlGaAs/AlGaAs
660
25°
1.9
2.4
300
700
643
All dimensions are in Millimeters. Tolerance is ± 0.25mm unless otherwise specified. An epoxy meniscus may extend about 1mm down the leads.
8.7
24.0Min.
1.5typ.
2.54 ±0.1
1.0
0.5 Square
5.9
Anode
5.0
08.24.15 Rev2 JAS
Tel:(866) 695 4162
Tel:(719) 589 3122
Fax:(719) 589 3592
www.p-tec.net
P-tec Corp.
2405 Commerce Circle
Alamosa CO 81101


Similar Part No. - PL16E-WCR22_14

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL16E-WCR22 P-TEC-PL16E-WCR22 Datasheet
30Kb / 1P
   Ultra Bright Red LED
More results

Similar Description - PL16E-WCR22_14

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL16D-WCR23 P-TEC-PL16D-WCR23_14 Datasheet
445Kb / 1P
   Popular T1 3/4 Lens style with Flange
PL16C-WCG29Z P-TEC-PL16C-WCG29Z_14 Datasheet
449Kb / 1P
   Popular T1 3/4 Lens Style with flange
PL16C-WCR22 P-TEC-PL16C-WCR22_14 Datasheet
448Kb / 1P
   Popular T1 3/4 Lens style with flange
PL16E-WCW15Z P-TEC-PL16E-WCW15Z_14 Datasheet
382Kb / 1P
   Popular T1 3/4 style Lens with flange
PL16C-WCG19 P-TEC-PL16C-WCG19_14 Datasheet
448Kb / 1P
   Popular T1 3/4 Lens Style with flange
PL16C-WCR35 P-TEC-PL16C-WCR35_14 Datasheet
448Kb / 1P
   Popular T1 3/4 Lens style with flange
PL16F-WCG11Z P-TEC-PL16F-WCG11Z_14 Datasheet
449Kb / 1P
   Popular T1 3/4 Lens Style with flange
PL16B-WCY11 P-TEC-PL16B-WCY11_14 Datasheet
449Kb / 1P
   Popular T1 3/4 Lens style with flange
PL16B-WCR38Z P-TEC-PL16B-WCR38Z Datasheet
111Kb / 1P
   Popular T1 3/4 Lens Style with Flange
PL16C-WCY27Z P-TEC-PL16C-WCY27Z_14 Datasheet
449Kb / 1P
   Popular T1 3/4 Lens style with flange
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com