Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJE13003L-X-T9N-K Datasheet(PDF) 7 Page - Unisonic Technologies

Part # MJE13003L-X-T9N-K
Description  NPN SILICON POWER TRANSISTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MJE13003L-X-T9N-K Datasheet(HTML) 7 Page - Unisonic Technologies

  MJE13003L-X-T9N-K Datasheet HTML 1Page - Unisonic Technologies MJE13003L-X-T9N-K Datasheet HTML 2Page - Unisonic Technologies MJE13003L-X-T9N-K Datasheet HTML 3Page - Unisonic Technologies MJE13003L-X-T9N-K Datasheet HTML 4Page - Unisonic Technologies MJE13003L-X-T9N-K Datasheet HTML 5Page - Unisonic Technologies MJE13003L-X-T9N-K Datasheet HTML 6Page - Unisonic Technologies MJE13003L-X-T9N-K Datasheet HTML 7Page - Unisonic Technologies MJE13003L-X-T9N-K Datasheet HTML 8Page - Unisonic Technologies MJE13003L-X-T9N-K Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MJE13003
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
7 of 9
www.unisonic.com.tw
QW-R204-004.T
SAFE OPERATING AREA INFORMATION
FORWARD BIAS
There are two limitations on the power handling ability of a transistor: average junction temperature and second
breakdown. Safe operating area curves indicate IC-VCE limits of the transistor that must be observed for reliable
operation; i.e., the transistor must not be subjected to greater dissipation than the curves indicate.
The data of Fig.5 is based on TC = 25°C; TJ(PK) is variable depending on power level. Second breakdown pulse
limits are valid for duty cycles to 10% but must be derated when TC≥25°C. Second breakdown limitations do not
derate the same as thermal limitations. Allowable current at the voltages shown on Fig.5.
TJ(PK) may be calculated from the data in Fig.4. At high case temperatures, thermal limitations will reduce the
power that can be handled to values less than the limitations imposed by second breakdown.
REVERSE BIAS
For inductive loads, high voltage and high current must be sustained simultaneously during turn-off, in most cases,
with the base to emitter junction reverse biased. Under these conditions the collector voltage must be held to a safe
level at or below a specific value of collector current. This can be accomplished by several means such as active
clamping, RC snubbing, load line shaping, etc. The safe level for these devices is specified as RBSOA( Reverse Bias
Safe Operating Area) and represents the voltage-current conditions during reverse biased turn-off. This rating is
verified under clamped conditions so that the device is never subjected to an avalanche mode. Fig.6 gives RBSOA
characteristics.
The Safe Operating Area of Fig.5 and 6 are specified ratings (for these devices under the test conditions shown.)
Fig.5 Active Region Safe Operating Area
Fig.6 Reverse Bias Safe Operating Area


Similar Part No. - MJE13003L-X-T9N-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MJE13003L-X-T92-B UTC-MJE13003L-X-T92-B Datasheet
347Kb / 8P
   NPN SILICON POWER TRANSISTOR
MJE13003L-X-T92-K UTC-MJE13003L-X-T92-K Datasheet
347Kb / 8P
   NPN SILICON POWER TRANSISTOR
MJE13003L-X-T92-R UTC-MJE13003L-X-T92-R Datasheet
347Kb / 8P
   NPN SILICON POWER TRANSISTOR
MJE13003L-X-T9L-B UTC-MJE13003L-X-T9L-B Datasheet
347Kb / 8P
   NPN SILICON POWER TRANSISTOR
MJE13003L-X-T9L-K UTC-MJE13003L-X-T9L-K Datasheet
347Kb / 8P
   NPN SILICON POWER TRANSISTOR
More results

Similar Description - MJE13003L-X-T9N-K

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
   Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
NEC
2SC3568 NEC-2SC3568 Datasheet
172Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
BUW46 SEME-LAB-BUW46 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SC2752 NEC-2SC2752 Datasheet
188Kb / 4P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
SDT96305 SEME-LAB-SDT96305 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SD1818 NEC-2SD1818 Datasheet
196Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Transys Electronics
BUL791 TRSYS-BUL791 Datasheet
873Kb / 6P
   NPN SILICON POWER TRANSISTOR
logo
Siemens Semiconductor G...
BU326A SIEMENS-BU326A Datasheet
69Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Boca Semiconductor Corp...
2N3441 BOCA-2N3441 Datasheet
100Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
Central Semiconductor C...
CZT5338 CENTRAL-CZT5338 Datasheet
101Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
AUK corp
STD13003L AUK-STD13003L Datasheet
271Kb / 3P
   NPN Silicon Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com