Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJE13007L-TF2-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MJE13007L-TF2-T
Description  NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MJE13007L-TF2-T Datasheet(HTML) 2 Page - Unisonic Technologies

  MJE13007L-TF2-T Datasheet HTML 1Page - Unisonic Technologies MJE13007L-TF2-T Datasheet HTML 2Page - Unisonic Technologies MJE13007L-TF2-T Datasheet HTML 3Page - Unisonic Technologies MJE13007L-TF2-T Datasheet HTML 4Page - Unisonic Technologies MJE13007L-TF2-T Datasheet HTML 5Page - Unisonic Technologies MJE13007L-TF2-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MJE13007
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R203-019.I
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Emitter Sustaining Voltage
VCEO
400
V
Collector-Emitter Breakdown Voltage
VCBO
700
V
Emitter-Base Voltage
VEBO
9.0
V
Collector Current
Continuous
IC
8.0
A
Peak (1)
ICM
16
A
Base Current
Continuous
IB
4.0
A
Peak (1)
IBM
8.0
A
Emitter Current
Continuous
IE
12
A
Peak (1)
IEM
24
A
Power Dissipation
(TC = 25°C)
TO-220
PD
80
W
TO-220F/TO-220F1
36
TO-220F2
38
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
62.5
°C/W
Junction to Case
TO-220
θJC
1.56
°C/W
TO-220F/TO-220F1
3.47
TO-220F2
3.28
Note: 1. Pulse Test: Pulse Width = 5.0 ms, Duty Cycle≤10%.
Measurement made with thermocouple contacting the bottom insulated mounting surface of the package (in
a location beneath the die), the device mounted on a heatsink with thermal grease applied at a mounting
torque of 6 to 8•lbs.
ELECTRICAL CHARACTERISTICS (TC=25°C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Collector-Emitter Sustaining Voltage
VCEO(SUS) IC=10mA, IB=0
400
V
Collector Cutoff Current
ICBO
VCES=700V
0.1
mA
VCES=700V, TC=125°C
1.0
mA
Emitter Cutoff Current
IEBO
VEB=9.0V, IC=0
100
μA
DC Current Gain
hFE1
IC=2.0A, VCE=5.0V
8.0
40
hFE2
IC=5.0A, VCE=5.0V
5.0
30
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=2.0A, IB=0.4A
1.0
V
IC=5.0A, IB=1.0A
2.0
V
IC=8.0A, IB=2.0A
3.0
V
IC=5.0A, IB=1.0A, TC=100°C
3.0
V
Base-Emitter Saturation Voltage
VBE(SAT)
IC=2.0A, IB=0.4A
1.2
V
IC=5.0A, IB=1.0A
1.6
V
IC=5.0A, IB=1.0A, TC=100°C
1.5
V
Current-Gain-Bandwidth Product
fT
IC=500mA, VCE=10V, f=1.0 MHz
4.0
14
MHz
Output Capacitance
COB
VCB=10V, IE=0, f=0.1MHz
80
pF
RESISTIVE LOAD (TABLE 1)
Delay Time
tD
VCC=125V, IC=5.0A,
IB1=IB2=1.0A, tP=25μs,
Duty Cycle≤1.0%
0.025
0.1
μs
Rise Time
tR
0.5
1.5
μs
Storage Time
tS
1.8
3.0
μs
Fall Time
tF
0.23
0.7
μs
Note: Pulse Test: Pulse Width≤300μs, Duty Cycle≤2.0%


Similar Part No. - MJE13007L-TF2-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MJE13007L-TF2-T UTC-MJE13007L-TF2-T Datasheet
385Kb / 6P
   NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING POWER SUPPLY APPLICATIONS
More results

Similar Description - MJE13007L-TF2-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MJE13007-P UTC-MJE13007-P_15 Datasheet
265Kb / 4P
   NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING APPLICATIONS
MJE13009-Q UTC-MJE13009-Q Datasheet
257Kb / 4P
   NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING APPLICATIONS
MJE13007-Q UTC-MJE13007-Q_15 Datasheet
266Kb / 4P
   NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING APPLICATIONS
MJE13007-Q UTC-MJE13007-Q Datasheet
266Kb / 4P
   NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING POWER SUPPLY APPLICATIONS
MJE13007 UTC-MJE13007_10 Datasheet
316Kb / 6P
   NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING POWER SUPPLY APPLICATIONS
MJE13007-M UTC-MJE13007-M Datasheet
357Kb / 6P
   NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING POWER SUPPLY APPLICATIONS
logo
ON Semiconductor
MJE13007G ONSEMI-MJE13007G Datasheet
200Kb / 10P
   NPN Bipolar Power Transistor For Switching Power Supply Applications
April, 2010 ??Rev. 6
logo
Unisonic Technologies
MJE13007 UTC-MJE13007 Datasheet
170Kb / 6P
   NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING POWER SUPPLY APPLICATIONS
logo
ON Semiconductor
MJE18004G ONSEMI-MJE18004G Datasheet
230Kb / 11P
   NPN Bipolar Power Transistor For Switching Power Supply Applications
April, 2010 ??Rev. 9
logo
Unisonic Technologies
MJE13007-P UTC-MJE13007-P Datasheet
265Kb / 4P
   NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING POWER SUPPLY APPLICATIONS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com