Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJE13009D Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MJE13009D
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MJE13009D Datasheet(HTML) 2 Page - Unisonic Technologies

  MJE13009D_15 Datasheet HTML 1Page - Unisonic Technologies MJE13009D_15 Datasheet HTML 2Page - Unisonic Technologies MJE13009D_15 Datasheet HTML 3Page - Unisonic Technologies MJE13009D_15 Datasheet HTML 4Page - Unisonic Technologies MJE13009D_15 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MJE13009D
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R203-041.A
ABSOLUTE MAXIMUM RATINGS (TC=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector- Emitter Voltage (VBE =-1.5V)
VCEV
700
V
Collector-Emitter Voltage (IB =0)
VCEO
400
V
Emitter-Base Voltage
VEBO
9
V
DC
IC
12
A
Collector Current
Pulse(Note 2)
ICM
24
A
DC
IB
6
A
Base Current
Pulse(Note 2)
IBM
12
A
DC
IE
18
A
Emitter Current
Pulse(Note 2)
IEM
36
A
Total Power Dissipation
2
W
Linear Derating Factor Above
TA=25°C
PD
16
mW/°C
Total Power Dissipation
100
W
Linear Derating Factor Above
TC=25°C
PD
800
mW/°C
Operating Junction Temperature
TJ
-65 ~ +150
°C
Storage Temperature
TSTG
-65 ~ +150
°C
1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolu te maximum ratings are stress ratings only and functional device operation is not implied.
Notes:
2. Pulse Test: Pulse Width = 5.0 ms, Duty Cycle < 10%.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
62.5
°C /W
Junction to Case
θJC
3.13
°C /W
ELECTRICAL CHARACTERISTICS (TC=25°C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
OFF CHARACTERISTICS
(Note)
Collector-Emitter Sustaining Voltage
VCEO(SUS) IC=10mA, IB=0
400
V
1
mA
Collect Cut-Off Current
ICEV
VCEV=Rated Value,
VBE(OFF)= -1.5V
TC=100°C
5
mA
Emitter Cut-Off Current
IEBO
VEB=9V, IC=0
1
mA
ON CHARACTERISTICS
(Note)
VCE =5V, IC=5A
8
40
DC Current Gain
hFE
VCE =5V, IC=8A
6
30
IC=5A, IB=1A
1
V
1.5
V
IC=8A, IB=1.6A
TC=100°C
2
V
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=12A, IB=3A
3
V
IC=5A, IB=1A
1.2
V
1.6
V
Base -Emitter Saturation Voltage
VBE(SAT)
IC=8A, IB=1.6A
TC=100°C
1.5
V
ON CHARACTERISTICS
(Note)
Current Gain Bandwidth Product
fT
VCE=10V, IC=500mA, f=1MHZ
4
MHZ
Output Capacitance
COB
VCB=10V, IC=0, f=0.1MHZ
180
pF


Similar Part No. - MJE13009D_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MJE13009DG-TA3-T UTC-MJE13009DG-TA3-T Datasheet
188Kb / 5P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
MJE13009DL-TA3-T UTC-MJE13009DL-TA3-T Datasheet
188Kb / 5P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results

Similar Description - MJE13009D_15

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUL312FP STMICROELECTRONICS-BUL312FP Datasheet
149Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL742 STMICROELECTRONICS-BUL742 Datasheet
112Kb / 5P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BULB39D STMICROELECTRONICS-BULB39D Datasheet
191Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
August 2001
SGSIF464 STMICROELECTRONICS-SGSIF464 Datasheet
88Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
STD83003 STMICROELECTRONICS-STD83003 Datasheet
299Kb / 8P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST2001HI STMICROELECTRONICS-ST2001HI Datasheet
67Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST83003 STMICROELECTRONICS-ST83003 Datasheet
258Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
October 2002
BUL128 STMICROELECTRONICS-BUL128 Datasheet
79Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL138 STMICROELECTRONICS-BUL138 Datasheet
69Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL213 STMICROELECTRONICS-BUL213 Datasheet
71Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL39D STMICROELECTRONICS-BUL39D Datasheet
185Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com