Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJE13002G-X-T92-B Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MJE13002G-X-T92-B
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MJE13002G-X-T92-B Datasheet(HTML) 2 Page - Unisonic Technologies

  MJE13002G-X-T92-B Datasheet HTML 1Page - Unisonic Technologies MJE13002G-X-T92-B Datasheet HTML 2Page - Unisonic Technologies MJE13002G-X-T92-B Datasheet HTML 3Page - Unisonic Technologies MJE13002G-X-T92-B Datasheet HTML 4Page - Unisonic Technologies MJE13002G-X-T92-B Datasheet HTML 5Page - Unisonic Technologies MJE13002G-X-T92-B Datasheet HTML 6Page - Unisonic Technologies MJE13002G-X-T92-B Datasheet HTML 7Page - Unisonic Technologies MJE13002G-X-T92-B Datasheet HTML 8Page - Unisonic Technologies MJE13002G-X-T92-B Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MJE13002
NPN EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 9
www.unisonic.com.tw
QW-R204-014.D
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Emitter Voltage
VCEO(SUS)
300
V
Collector-Emitter Voltage
VCEV
600
V
Emitter Base Voltage
VEBO
9
V
Collector Current
Continuous
IC
1.5
A
Peak (1)
ICM
3
Base Current
Continuous
IB
0.75
A
Peak (1)
IBM
1.5
Emitter Current
Continuous
IE
2.25
A
Peak (1)
IEM
4.5
Total Power Dissipation
TA=25°C
PD
1.4
Watts
MW/°C
Derate above 25°C
11.2
TC=25°C
40
Watts
MW/°C
Derate above 25°C
320
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-65 to +150
°C
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Case
TO-92
θJC
25
°C/W
TO-126
3.12
Junction to Ambient
TO-92
θJA
122
°C/W
TO-126
89
Maximum Load Temperature for Soldering Purposes:
1/8” from Case for 5 Seconds
TL
275
°C
Note: 1. Pulse Test : Pulse Width=5ms,Duty Cycle≤10%
2. Designer 's Data for “Worst Case” Conditions – The Designer 's Data Sheet permits the design of most
circuits entirely from the information presented. SOA Limit curves – representing boundaries on device
characteristics – are given to facilitate “Worst case” design.


Similar Part No. - MJE13002G-X-T92-B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MJE13002G-A-T92-R UTC-MJE13002G-A-T92-R Datasheet
284Kb / 9P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
MJE13002G-B-T60-T UTC-MJE13002G-B-T60-T Datasheet
284Kb / 9P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
MJE13002G-E-A-T92-K UTC-MJE13002G-E-A-T92-K Datasheet
281Kb / 8P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
MJE13002G-E-B-T92-R UTC-MJE13002G-E-B-T92-R Datasheet
281Kb / 8P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
MJE13002G-E-E-T6S-K UTC-MJE13002G-E-E-T6S-K Datasheet
281Kb / 8P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results

Similar Description - MJE13002G-X-T92-B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUL312FP STMICROELECTRONICS-BUL312FP Datasheet
149Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL742 STMICROELECTRONICS-BUL742 Datasheet
112Kb / 5P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BULB39D STMICROELECTRONICS-BULB39D Datasheet
191Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
August 2001
SGSIF464 STMICROELECTRONICS-SGSIF464 Datasheet
88Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
STD83003 STMICROELECTRONICS-STD83003 Datasheet
299Kb / 8P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST2001HI STMICROELECTRONICS-ST2001HI Datasheet
67Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST83003 STMICROELECTRONICS-ST83003 Datasheet
258Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
October 2002
BUL128 STMICROELECTRONICS-BUL128 Datasheet
79Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL138 STMICROELECTRONICS-BUL138 Datasheet
69Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL213 STMICROELECTRONICS-BUL213 Datasheet
71Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL39D STMICROELECTRONICS-BUL39D Datasheet
185Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com