Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSA1625 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # KSA1625
Description  HIGH VOLTAGE TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

KSA1625 Datasheet(HTML) 1 Page - Unisonic Technologies

  KSA1625_15 Datasheet HTML 1Page - Unisonic Technologies KSA1625_15 Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UTCKSA1625
PNP EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
1
QW-R201-067,A
HIGH VOLTAGE TRANSISTOR
FEATURES
*Collector-Emitter voltage:
VCEO=-400V
*Collector Dissipation:
Pc(max)=625mW
*Low collector-Emitter saturation voltage
APPLICATIONS
*Telephone switching
*High voltage switch
TO-92
1
1:EMITTER 2: COLLECTOR 3: BASE
ABSOLUTE MAXIMUM RATINGS ( Operating temperature range applies unless otherwise specified )
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-base voltage
VCBO
-400
V
Collector-emitter voltage
VCEO
-400
V
Emitter-base voltage
VEBO
-6
V
Collector dissipation(Ta=25
°C)
Pc
625
mW
Collector current
Ic
-300
mA
Junction Temperature
Tj
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
ELECTRICAL CHARACTERISTICS(Tj=25°C,unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
BVCBO
Ic=-100
µA,IE=0
-400
V
Collector-emitter breakdown voltage
BVCEO
Ic=-1mA,IB=0
-400
V
Collector-emitter breakdown voltage
BVCES
Ic=-100
µA,VBE=0
-400
V
Emitter-base breakdown voltage
BVEBO
IE=-100
µA,Ic=0
-5
V
Collector cut-off current
ICBO
VCB=-300V,IE=0
-100
nA
Collector cut-off current
ICES
VCB=-400V,VBE=0
-1
µA
Emitter cut-off current
IEBO
VEB=-4V,Ic=0
100
nA
DC current gain(note)
hFE
VCE=-10V,Ic=-1mA
VCE=-10V,Ic=-10mA
VCE=-10V,Ic=-50mA
VCE=-10V,Ic=-100mA
60
70
70
40
300
Collector-emitter saturation voltage
VCE(sat)
Ic=-10mA,IB=-1mA
Ic=-50mA,IB=-5mA
-0.20
-0.5
V
Base-emitter saturation voltage
VBE(sat)
Ic=-10mA,IB=-1mA
-0.75
V
Output capacitance
Cob
VCB=-20V,IE=0, f=1MHz
7
pF
Note: Pulse test:PW<300
µs, Duty Cycle<2%


Similar Part No. - KSA1625_15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSA1625 FAIRCHILD-KSA1625 Datasheet
45Kb / 4P
   High Voltage Switch
logo
Unisonic Technologies
KSA1625 UTC-KSA1625 Datasheet
90Kb / 2P
   HIGH VOLTAGE TRANSISTOR
More results

Similar Description - KSA1625_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MPSA94 UTC-MPSA94 Datasheet
173Kb / 3P
   HIGH VOLTAGE TRANSISTOR
MJE3055T UTC-MJE3055T Datasheet
42Kb / 2P
   HIGH VOLTAGE TRANSISTOR
MJE2955T UTC-MJE2955T Datasheet
93Kb / 2P
   HIGH VOLTAGE TRANSISTOR
logo
Continental Device Indi...
CMBT5400 CDIL-CMBT5400 Datasheet
105Kb / 3P
   HIGH VOLTAGE TRANSISTOR
logo
Fairchild Semiconductor
KSP42BU FAIRCHILD-KSP42BU Datasheet
42Kb / 4P
   High Voltage Transistor
KSP92BU FAIRCHILD-KSP92BU Datasheet
69Kb / 4P
   High Voltage Transistor
logo
Unisonic Technologies
MJE3055T UTC-MJE3055T_09 Datasheet
119Kb / 2P
   HIGH VOLTAGE TRANSISTOR
logo
Guangdong Kexin Industr...
PZTA96S KEXIN-PZTA96S Datasheet
38Kb / 1P
   High Voltage Transistor
logo
Unisonic Technologies
MPSA94 UTC-MPSA94_11 Datasheet
140Kb / 3P
   HIGH VOLTAGE TRANSISTOR
PZTA92 UTC-PZTA92_12 Datasheet
146Kb / 4P
   HIGH VOLTAGE TRANSISTOR
logo
Pan Jit International I...
MMBT5401 PANJIT-MMBT5401 Datasheet
315Kb / 5P
   HIGH VOLTAGE TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com