Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8477 Datasheet(PDF) 6 Page - Holt Integrated Circuits

Part # HI-8477
Description  On-chipARINC 429 Line Receiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8477 Datasheet(HTML) 6 Page - Holt Integrated Circuits

Back Button HI-8477 Datasheet HTML 2Page - Holt Integrated Circuits HI-8477 Datasheet HTML 3Page - Holt Integrated Circuits HI-8477 Datasheet HTML 4Page - Holt Integrated Circuits HI-8477 Datasheet HTML 5Page - Holt Integrated Circuits HI-8477 Datasheet HTML 6Page - Holt Integrated Circuits HI-8477 Datasheet HTML 7Page - Holt Integrated Circuits HI-8477 Datasheet HTML 8Page - Holt Integrated Circuits HI-8477 Datasheet HTML 9Page - Holt Integrated Circuits HI-8477 Datasheet HTML 10Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
FUNCTIONAL DESCRIPTION
HOLT INTEGRATED CIRCUITS
6
OVERVIEW
The HI-8477 and HI-8478 are autonomous ARINC 429 re-
ceivers intended for applications where a host MCU is either
undesirable or not otherwise needed. The parts contain an
on-chip ARINC 429 line receiver and protocol logic to decode
and capture selected ARINC 429 data words. The ARINC
429 word is made available to the application on 32 CMOS
output pins, which may be used to directly control sub-
system functions. The HI-8478 device provides data which is
the complement of HI-8477.
An on-chip ARINC 429 analog receiver operates from the
same supply as the digital logic. Two input pins, RXA-R and
RXB-R, require an external series resistor of 13 kOhm
between the pin and ARINC 429 bus for proper signal level
detection.
With these resistors the inputs are lightning
protected to RTCA/DO-160G, Section 22 Level 3 Pin
Injection, Test Waveform Set A (3 & 4), Set B (3 & 5A) and
Set Z (3 & 5B).
Application Note AN-301 provides guidelines for enhanced
lightning protection circuitry.
Applications may wire the device outputs directly to logic,
relay drivers, DACs, etc. It is therefore important to define the
state of the outputs during the interval between system reset
and the reception of a first, valid ARINC 429 word.
The HI-8477 holds all BIT1:32 outputs in tri-state following
reset. The pins have internal weak (60kOhm) pull-down re-
sistors. This provision allows hardwiring 10kOhm resistors at
each output to VDD or GND to set the initial state of the 32
bits. The HI-8478 does not have this feature; all BIT1:32
outputs will be logic “High” following reset.
ARINC 429 LINE RECEIVER
RESET OPERATION
ARINC 429 WORD DECODER
If
even parity was received (error), the word is discarded.
A 1MHz clock at CLKIN samples the outputs of the ARINC
429 receiver at ten times the nominal bit rate. The SPEED
pin should be set to a zero when connecting the HI-8477 to a
low-speed (12.5kb/s) ARINC 429 bus, or to a one for connec-
tion to a high-speed (100kb/s) bus. The PARITY pin selects
whether parity checking of incoming ARINC 429 words is
enabled. If the PARITY pin is set high, the receiver logic
checks for odd parity. If odd parity was received, the word is
stored unaltered in the input shift register (see Figure 2).
Setting the PARITY pin low disables parity checking and all
ARINC 429 received words are passed to the input shift reg-
ister unaltered.
LABEL FILTERING
PARALLEL OUTPUT DATA
All properly encoded ARINC 429 received data words are
captured by the input shift register. However, only words
meeting user-specified label and SD values are then
passed to the output latch (see Figure 2). Eight label match
inputs, LLA:(7:0), and eight filter inputs, FILT(7:0) define
the label match criteria. Setting a filter bit high enables
matching for that bit of the received ARINC 429 label byte.
If FILTn is high, the ARINC label bit must match the value
at LLAn for the word to be accepted. Setting FILTn low,
disables matching for that bit, declaring it a “don’t care” bit.
Setting FILT(7:0) to 0x00 turns off label matching for all
label bits; in this case the HI-8477 accepts all ARINC 429
labels. Judicious selection of LLA(7:0) and FILT(7:0) val-
ues allows either a single ARINC 429 label to be accepted
by the filter or a group of labels. For example, setting
FILT(7:0) to 0xFC and LLA(7:0) to 0x80, accepts ARINC
429 labels 0x80 through 0x83 only (10 - 13 octal).
Note that ARINC 429 defines the label bits as “big-endian”.
Therefore received ARINC 429 bit 1 is the MSB (label bit
7), and ARINC received bit 8 is the LSB (label bit 0). Thus
LLA7 and FILT7 compare ARINC bit 1, LLA6 and FILT6
compare ARINC bit 2, etc.
ARINC bits 9 and 10 are the SD bits. Incoming ARINC 429
words captured in the input shift register may also be com-
pared for SD matching as a condition for passing to the
output latch. Taking the SDE pin high enables this feature.
When SDE is high, ARINC bits 9 and 10 are compared with
the state of the SD9 and SD10 input pins. Label filtering
AND SDE matching criteria must be met to allow a re-
ceived word to be passed to the output latch.
Data is passed to the output latch one CLKIN period before
the rising edge of the UPDATE pin and remains stable until
a new valid and label-matching ARINC 429 word is re-
ceived. UPDATE goes low as soon as the first bit of a po-
tential new ARINC 429 word is detected by the receiver.
HI-8477, HI-8478


Similar Part No. - HI-8477

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8470 HOLTIC-HI-8470 Datasheet
896Kb / 19P
   16-Channel Discrete-to-Digital Sensor with ARINC 429 Transmitter
HI-8470 HOLTIC-HI-8470_15 Datasheet
891Kb / 19P
   16-Channel Discrete-to-Digital Sensor with ARINC 429 Transmitter
HI-8470 HOLTIC-HI-8470_16 Datasheet
897Kb / 19P
   16-Channel Discrete-to-Digital Sensor with ARINC 429 Transmitter
HI-8475 HOLTIC-HI-8475 Datasheet
749Kb / 16P
   On-chipARINC 429 Line Receiver
More results

Similar Description - HI-8477

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8475 HOLTIC-HI-8475 Datasheet
749Kb / 16P
   On-chipARINC 429 Line Receiver
HI-8591 HOLTIC-HI-8591 Datasheet
137Kb / 7P
   ARINC 429 LINE RECEIVER
HI-8591 HOLTIC-HI-8591_13 Datasheet
78Kb / 8P
   ARINC 429 Line Receiver
HI-8588 HOLTIC-HI-8588_06 Datasheet
116Kb / 6P
   ARINC 429 LINE RECEIVER
HI-8588-10 HOLTIC-HI-8588-10 Datasheet
125Kb / 6P
   ARINC 429 LINE RECEIVER
logo
Device Engineering Inco...
DEI1041 DEIAZ-DEI1041 Datasheet
136Kb / 8P
   ARINC 429 LINE RECEIVER
logo
Holt Integrated Circuit...
HI-8588 HOLTIC-HI-8588 Datasheet
167Kb / 6P
   ARINC 429 LINE RECEIVER
HI-8588-10 HOLTIC-HI-8588-10_14 Datasheet
63Kb / 7P
   ARINC 429 Line Receiver
HI-8588-10 HOLTIC-HI-8588-10_06 Datasheet
66Kb / 6P
   ARINC 429 LINE RECEIVER
logo
List of Unclassifed Man...
RM3183 ETC1-RM3183 Datasheet
86Kb / 12P
   Dual ARINC 429 Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com