Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8450 Datasheet(PDF) 3 Page - Holt Integrated Circuits

Part # HI-8450
Description  Burn-in available
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8450 Datasheet(HTML) 3 Page - Holt Integrated Circuits

  HI-8450 Datasheet HTML 1Page - Holt Integrated Circuits HI-8450 Datasheet HTML 2Page - Holt Integrated Circuits HI-8450 Datasheet HTML 3Page - Holt Integrated Circuits HI-8450 Datasheet HTML 4Page - Holt Integrated Circuits HI-8450 Datasheet HTML 5Page - Holt Integrated Circuits HI-8450 Datasheet HTML 6Page - Holt Integrated Circuits HI-8450 Datasheet HTML 7Page - Holt Integrated Circuits HI-8450 Datasheet HTML 8Page - Holt Integrated Circuits HI-8450 Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
HI-8450, HI-8451, HI-8454, HI-8455
HOLT INTEGRATED CIRCUITS
3
PIN DESCRIPTIONS
Table 2. Pin Descriptions
Symbol
Function
Description
IN1A
ARINC INPUT
Receiver 1 positive input
IN1B
ARINC INPUT
Receiver 1 negative input
IN2A
ARINC INPUT
Receiver 2 positive input
IN2B
ARINC INPUT
Receiver 2 negative input
TESTA
LOGIC INPUT
Test input (not available on HI-8455)
TESTB
LOGIC INPUT
Test input (not available on HI-8455)
IN3A
ARINC INPUT
Receiver 3 positive input
IN3B
ARINC INPUT
Receiver 3 negative input
IN4A
ARINC INPUT
Receiver 4 positive input
IN4B
ARINC INPUT
Receiver 4 negative input
OUT4B
LOGIC OUTPUT Receiver 4 “ZERO” output
OUT4A
LOGIC OUTPUT Receiver 4 “ONE” output
OUT3B
LOGIC OUTPUT Receiver 3 “ZERO” output
OUT3A
LOGIC OUTPUT Receiver 3 “ONE” output
GND
POWER
Ground supply voltage
VDD
POWER
+3.3V or +5V supply voltage
OUT2B
LOGIC OUTPUT Receiver 2 “ZERO” output
OUT2A
LOGIC OUTPUT Receiver 2 “ONE” output
OUT1B
LOGIC OUTPUT Receiver 1 “ZERO” output
OUT1A
LOGIC OUTPUT Receiver 1 “ONE” output


Similar Part No. - HI-8450

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8450 HOLTIC-HI-8450_16 Datasheet
960Kb / 11P
   Integrated DO-160G Level 3 Lightning Protection
More results

Similar Description - HI-8450

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AXS-1147-02-02 ABRACON-AXS-1147-02-02 Datasheet
419Kb / 1P
   CRYSTAL TEST & BURN IN SOCKET
08.21.09
AXS-1155-04-01 ABRACON-AXS-1155-04-01 Datasheet
410Kb / 1P
   CRYSTAL TEST & BURN-IN SOCKET
07.10.09
AXS-7050-06-13 ABRACON-AXS-7050-06-13 Datasheet
411Kb / 1P
   CRYSTAL OSCILLATOR TEST & BURN IN SOCKET
07.13.09
AXS-7550-06-03 ABRACON-AXS-7550-06-03 Datasheet
412Kb / 1P
   CRYSTAL OSCILLATOR TEST & BURN IN SOCKET
07.13.09
AXS-2520-04-01 ABRACON-AXS-2520-04-01 Datasheet
403Kb / 1P
   CRYSTAL OSCILLATOR TEST & BURN IN SOCKET
07.10.09
AXS-2520-04-05 ABRACON-AXS-2520-04-05 Datasheet
402Kb / 1P
   Suitable for high temperature burn-in test
07.10.09
AXS-2520-04-07 ABRACON-AXS-2520-04-07 Datasheet
391Kb / 1P
   Suitable for high temperature burn-in test
07.10.09
AXS-5032-04-04 ABRACON-AXS-5032-04-04 Datasheet
404Kb / 1P
   Suitable for high temperature burn-in test
07.13.09
logo
Vishay Siliconix
EB4678 VISHAY-EB4678 Datasheet
202Kb / 8P
   Edgeboard Connectors 200°C Burn-In Connectors, Dual Readout
Revision 14-Aug-02
logo
AVX Corporation
NOJA106M010RWJ AVX-NOJA106M010RWJ Datasheet
124Kb / 5P
   Non-burn safe technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com