Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8450 Datasheet(PDF) 10 Page - Holt Integrated Circuits

Part # HI-8450
Description  Burn-in available
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8450 Datasheet(HTML) 10 Page - Holt Integrated Circuits

Back Button HI-8450 Datasheet HTML 3Page - Holt Integrated Circuits HI-8450 Datasheet HTML 4Page - Holt Integrated Circuits HI-8450 Datasheet HTML 5Page - Holt Integrated Circuits HI-8450 Datasheet HTML 6Page - Holt Integrated Circuits HI-8450 Datasheet HTML 7Page - Holt Integrated Circuits HI-8450 Datasheet HTML 8Page - Holt Integrated Circuits HI-8450 Datasheet HTML 9Page - Holt Integrated Circuits HI-8450 Datasheet HTML 10Page - Holt Integrated Circuits HI-8450 Datasheet HTML 11Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
HI-8450, HI-8451, HI-8454, HI-8455
HOLT INTEGRATED CIRCUITS
10
PACKAGE DIMENSIONS
millimeters (inches)
See Detail A
0
o to 8o
Detail A
PIN 1
6.00
(0.236)
3.90
(0.154)
4.90
(0.193)
0.175± 0.075
(0.007± 0.003)
1.27
(0.050)
0.835± 0.435
(0.033± 0.017)
1.25
(0.049)
0.175± 0.075
(0.007± 0.003)
0.41± 0.10
(0.016± 0.004)
BSC
BSC
BSC
BSC
min.
8-PIN PLASTIC SMALL OUTLINE (SOIC) - NB
(Narrow Body)
Package Type: 8HN
BSC = “Basic Spacing between Centers”
is theoretical true position dimension and
has no tolerance. (JEDEC Standard 95)
millimeters (inches)
Package Type: 20HS
0° to 8°
Pin 1
6.500 ± 0.100
(0.256± .004)
0.925 ± 0.125
(0.036± 0.005)
0.100 ± 0.050
(0.004± 0.002)
Detail A
See Detail A
0.650
(0.026)BSC
0.600 ± 0.150
(0.024
)
± 0.006
6.400 ± 0.150
(0.252
)
± 0.006
0.220± 0.050
(0.0087± 0.002)
0.145± 0.055
(0.006± 0.002)
4.400 ± 0.100
(0.173± 0.004)
20-PIN PLASTIC TSSOP
BSC = “Basic Spacing between Centers”
is theoretical true position dimension and
has no tolerance. (JEDEC Standard 95)


Similar Part No. - HI-8450

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8450 HOLTIC-HI-8450_16 Datasheet
960Kb / 11P
   Integrated DO-160G Level 3 Lightning Protection
More results

Similar Description - HI-8450

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AXS-1147-02-02 ABRACON-AXS-1147-02-02 Datasheet
419Kb / 1P
   CRYSTAL TEST & BURN IN SOCKET
08.21.09
AXS-1155-04-01 ABRACON-AXS-1155-04-01 Datasheet
410Kb / 1P
   CRYSTAL TEST & BURN-IN SOCKET
07.10.09
AXS-7050-06-13 ABRACON-AXS-7050-06-13 Datasheet
411Kb / 1P
   CRYSTAL OSCILLATOR TEST & BURN IN SOCKET
07.13.09
AXS-7550-06-03 ABRACON-AXS-7550-06-03 Datasheet
412Kb / 1P
   CRYSTAL OSCILLATOR TEST & BURN IN SOCKET
07.13.09
AXS-2520-04-01 ABRACON-AXS-2520-04-01 Datasheet
403Kb / 1P
   CRYSTAL OSCILLATOR TEST & BURN IN SOCKET
07.10.09
AXS-2520-04-05 ABRACON-AXS-2520-04-05 Datasheet
402Kb / 1P
   Suitable for high temperature burn-in test
07.10.09
AXS-2520-04-07 ABRACON-AXS-2520-04-07 Datasheet
391Kb / 1P
   Suitable for high temperature burn-in test
07.10.09
AXS-5032-04-04 ABRACON-AXS-5032-04-04 Datasheet
404Kb / 1P
   Suitable for high temperature burn-in test
07.13.09
logo
Vishay Siliconix
EB4678 VISHAY-EB4678 Datasheet
202Kb / 8P
   Edgeboard Connectors 200°C Burn-In Connectors, Dual Readout
Revision 14-Aug-02
logo
AVX Corporation
NOJA106M010RWJ AVX-NOJA106M010RWJ Datasheet
124Kb / 5P
   Non-burn safe technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com