Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5302L-TM3-T Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 5302L-TM3-T
Description  HIGH VOLTAGE NPN TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

5302L-TM3-T Datasheet(HTML) 3 Page - Unisonic Technologies

  5302L-TM3-T Datasheet HTML 1Page - Unisonic Technologies 5302L-TM3-T Datasheet HTML 2Page - Unisonic Technologies 5302L-TM3-T Datasheet HTML 3Page - Unisonic Technologies 5302L-TM3-T Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
5302
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R213-020.A
ELECTRICAL CHARACTERISTICS (Ta = 25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage
BVCEO
IC=10mA, IE=0 (Note)
400
V
Collector-Base Breakdown Voltage
BVCBO
IC=1mA, IB=0
800
V
Emitter-Base Breakdown Voltage
BVEBO
IE=1mA, IC=0
10
V
Collector Cutoff Current
ICBO
VCB=800V, IE=0
1
μA
Emitter Cutoff Current
IEBO
VEB=9V, IC=0
1
μA
ON CHARACTERISTICS
hFE1
VCE=5V, IC=10mA
10
hFE2
VCE=5V, IC=400mA
10
30
DC Current Gain
hFE3
VCE=5V, IC=1A
5
VCE(SAT1) IC=0.5A, IB=0.1A (Note)
0.5
Collector-Emitter Saturation Voltage
VCE(SAT2) IC=1A, IB=0.25A (Note)
1.1
1.5
V
VBE(SAT1) IC=0.5A, IB=0.1A (Note)
1.1
Base-Emitter Saturation Voltage
VBE(SAT2) IC=1A, IB=0.25A (Note)
1.2
V
SWITCHING CHARACTERISTICS
Turn On Time
tON
0.15
0.3
μS
Fall Time
tF
0.2
0.4
μS
Storage Time
tSTG
VCC=250V, IC=1A,
IB1=IB2=0.2A, tP=25uS
Duty Cycle<1%
0.5
0.9
μS
Note: Pulsed duration = 300μS, Duty cycle≤2%


Similar Part No. - 5302L-TM3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
5302L-TM3-T UTC-5302L-TM3-T Datasheet
140Kb / 4P
   HIGH VOLTAGE NPN TRANSISTOR
More results

Similar Description - 5302L-TM3-T

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
PZTA44G DGNJDZ-PZTA44G Datasheet
118Kb / 4P
   NPN HIGH VOLTAGE TRANSISTOR TRANSISTOR
logo
Taiwan Semiconductor Co...
TS13003HV TSC-TS13003HV Datasheet
51Kb / 3P
   High Voltage NPN Transistor
TS13007 TSC-TS13007 Datasheet
39Kb / 2P
   High Voltage NPN Transistor
logo
Fairchild Semiconductor
FJV42 FAIRCHILD-FJV42 Datasheet
99Kb / 4P
   NPN High Voltage Transistor
logo
Samsung semiconductor
MMBT5550 SAMSUNG-MMBT5550 Datasheet
74Kb / 2P
   NPN (HIGH VOLTAGE TRANSISTOR)
logo
NXP Semiconductors
BF422L PHILIPS-BF422L Datasheet
41Kb / 8P
   NPN high-voltage transistor
1999 Apr 21
BFV469 PHILIPS-BFV469 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 Apr 26
BSS64 PHILIPS-BSS64 Datasheet
41Kb / 8P
   NPN high-voltage transistor
1999 Apr 15
PZTA42 PHILIPS-PZTA42 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 May 21
logo
Motorola, Inc
BF844 MOTOROLA-BF844 Datasheet
152Kb / 6P
   High Voltage Transistor(NPN)
logo
Taiwan Semiconductor Co...
TSC742A TSC-TSC742A Datasheet
409Kb / 6P
   High Voltage NPN Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com