Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5302 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 5302
Description  HIGH VOLTAGE NPN TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

5302 Datasheet(HTML) 2 Page - Unisonic Technologies

  5302_15 Datasheet HTML 1Page - Unisonic Technologies 5302_15 Datasheet HTML 2Page - Unisonic Technologies 5302_15 Datasheet HTML 3Page - Unisonic Technologies 5302_15 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
5302
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R213-020.A
ABSOLUTE MAXIMUM RATING (Ta=25°С, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
800
V
Collector-Emitter Voltage
VCEO
400
V
Emitter-Base Voltage
VEBO
10
V
Collector Current
IC
2
A
Collector Peak Current (tp<5ms)
ICM
4
A
Base Current
IB
1
A
Base Peak Current (tp<5ms)
IBM
2
A
Power Dissipation (TC≤25°С)
PD
25
W
Junction Temperature
TJ
+150
°С
Storage Temperature
TSTG
-65 ~ +150
°С
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
100
°С/W
Junction to Case
θJC
5
°С/W


Similar Part No. - 5302_15

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5302-12-0 POMONA-5302-12-0 Datasheet
24Kb / 1P
   SMD Grabber Test Clip To Stacking Banana Plug
5302-12-1 POMONA-5302-12-1 Datasheet
24Kb / 1P
   SMD Grabber Test Clip To Stacking Banana Plug
5302-12-2 POMONA-5302-12-2 Datasheet
24Kb / 1P
   SMD Grabber Test Clip To Stacking Banana Plug
5302-12-3 POMONA-5302-12-3 Datasheet
24Kb / 1P
   SMD Grabber Test Clip To Stacking Banana Plug
5302-12-4 POMONA-5302-12-4 Datasheet
24Kb / 1P
   SMD Grabber Test Clip To Stacking Banana Plug
More results

Similar Description - 5302_15

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
PZTA44G DGNJDZ-PZTA44G Datasheet
118Kb / 4P
   NPN HIGH VOLTAGE TRANSISTOR TRANSISTOR
logo
Taiwan Semiconductor Co...
TS13003HV TSC-TS13003HV Datasheet
51Kb / 3P
   High Voltage NPN Transistor
TS13007 TSC-TS13007 Datasheet
39Kb / 2P
   High Voltage NPN Transistor
logo
Fairchild Semiconductor
FJV42 FAIRCHILD-FJV42 Datasheet
99Kb / 4P
   NPN High Voltage Transistor
logo
Samsung semiconductor
MMBT5550 SAMSUNG-MMBT5550 Datasheet
74Kb / 2P
   NPN (HIGH VOLTAGE TRANSISTOR)
logo
NXP Semiconductors
BF422L PHILIPS-BF422L Datasheet
41Kb / 8P
   NPN high-voltage transistor
1999 Apr 21
BFV469 PHILIPS-BFV469 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 Apr 26
BSS64 PHILIPS-BSS64 Datasheet
41Kb / 8P
   NPN high-voltage transistor
1999 Apr 15
PZTA42 PHILIPS-PZTA42 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 May 21
logo
Motorola, Inc
BF844 MOTOROLA-BF844 Datasheet
152Kb / 6P
   High Voltage Transistor(NPN)
logo
Taiwan Semiconductor Co...
TSC742A TSC-TSC742A Datasheet
409Kb / 6P
   High Voltage NPN Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com