Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC4548 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SC4548
Description  HIGH VOLTAGE DRIVER APPLICATION
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC4548 Datasheet(HTML) 2 Page - Unisonic Technologies

  2SC4548_15 Datasheet HTML 1Page - Unisonic Technologies 2SC4548_15 Datasheet HTML 2Page - Unisonic Technologies 2SC4548_15 Datasheet HTML 3Page - Unisonic Technologies 2SC4548_15 Datasheet HTML 4Page - Unisonic Technologies 2SC4548_15 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SC4548
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R208-027.D
ABSOLUTE MAXIMUM RATINGS (TA= 25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
400
V
Collector-Emitter Voltage
VCEO
400
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
200
mA
Collector Current (PULSE)
ICP
400
mA
Collector Power Dissipation
PC
1.3
W
Junction Temperature
TJ
150
C
Storage Temperature
TSTG
-55 ~ +150
C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA= 25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collect-Base Breakdown Voltage
BVCBO
IC= 10A,IE=0
400
V
Collect-Emitter Breakdown Voltage
BVCEO
IC= 1mA,IB=0,RBE=
400
V
Emitter-Base Breakdown Voltage
BVEBO
IE= 10A,IC=0
5
V
Collector Cutoff Current
ICBO
VCB= 300V,IE=0
0.1
A
Emitter Cutoff Current
IEBO
VEB=4V,IC=0
0.1
A
DC Current Transfer Ratio
hFE
VCE=10V, Ic=50mA
60
200
Collect-Emitter Saturation Voltage
VCE(SAT)
IC=50mA,IB=5mA
0.6
V
Base-Emitter Saturation Voltage
VBE(SAT)
IC=50mA,IB=5mA
1.0
V
Output Capacitance
COB
VCB=30V, f=1MHz
4
pF
Reverse Transfer Capacitance
CRE
VCB=30V,f=1MHz
3
pF
Gain-Bandwidth Product
fT
VCE=30V,IC=10mA
70
MHz
Turn-on Time
TON
See test circuit
0.25
s
Turn-off Time
TOFF
See test circuit
5.0
s


Similar Part No. - 2SC4548_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SC4548 SECOS-2SC4548_15 Datasheet
77Kb / 1P
   NPN Plastic Encapsulated Transistor
logo
SHENZHEN YONGERJIA INDU...
2SC4548 WINNERJOIN-2SC4548_15 Datasheet
102Kb / 1P
   NPN TRANSISTOR
More results

Similar Description - 2SC4548_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SA1700 UTC-2SA1700_12 Datasheet
162Kb / 3P
   HIGH VOLTAGE DRIVER APPLICATION
2SA1740 UTC-2SA1740_15 Datasheet
185Kb / 5P
   HIGH VOLTAGE DRIVER APPLICATION
2SC4548 UTC-2SC4548 Datasheet
187Kb / 4P
   HIGH VOLTAGE DRIVER APPLICATION
2SA1700 UTC-2SA1700_2 Datasheet
193Kb / 4P
   HIGH VOLTAGE DRIVER APPLICATION
2SA1740 UTC-2SA1740_12 Datasheet
193Kb / 5P
   HIGH VOLTAGE DRIVER APPLICATION
2SC4548 UTC-2SC4548_12 Datasheet
210Kb / 5P
   HIGH VOLTAGE DRIVER APPLICATION
logo
SHIKUES Electronics
2SA1740 SKTECHNOLGY-2SA1740 Datasheet
2Mb / 3P
   High voltage driver application
logo
Unisonic Technologies
2SA1740 UTC-2SA1740_09 Datasheet
160Kb / 5P
   HIGH VOLTAGE DRIVER APPLICATION
2SA1700 UTC-2SA1700 Datasheet
189Kb / 4P
   HIGH VOLTAGE DRIVER APPLICATION
2SA1740 UTC-2SA1740 Datasheet
188Kb / 4P
   HIGH VOLTAGE DRIVER APPLICATION
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com