Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC3648 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SC3648
Description  HIGH-VOLTAGE SWITCHING PREDRIVER APPLICATIONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC3648 Datasheet(HTML) 2 Page - Unisonic Technologies

  2SC3648_15 Datasheet HTML 1Page - Unisonic Technologies 2SC3648_15 Datasheet HTML 2Page - Unisonic Technologies 2SC3648_15 Datasheet HTML 3Page - Unisonic Technologies 2SC3648_15 Datasheet HTML 4Page - Unisonic Technologies 2SC3648_15 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SC3648
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R208-038.D
ABSOLUTE MAXIMUM RATING (TA= 25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector to Base Voltage
VCBO
180
V
Collector to Emitter Voltage
VCEO
160
V
Emitter to Base Voltage
VEBO
6
V
Collector Current
IC
0.7
A
Collector Current (Pulse)
ICP
1.5
A
Collector Dissipation
PC
500
mW
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA= 25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Collector-Base Breakdown Voltage
BVCBO
IC =10μA, IE =0
180
V
Collector-Emitter Breakdown Voltage
BVCEO
IC =1, RBE =∞
160
V
Emitter-Base Breakdown Voltage
BVEBO
IE =10μA, IC=0
6
V
Collector Cutoff Current
ICBO
VCB =120V, IE =0
0.1
μA
Emitter Cutoff Current
IEBO
VEB =4V, IC =0
0.1
μA
Collector-Emitter Saturation Voltage
VCE(SAT)
IC =250mA, IB =25mA
0.12 0.4
V
Base-Emitter Saturation Voltage
VBE(SAT)
IC =250mA, IB =25mA
0.85 1.2
V
Output Capacitance
Cob
VCB =10V, f =1MHz
8
pF
DC Current Gain
hFE1
VCE =5V, IC =100mA
100
400
hFE2
VCE =5V, IC =10mA
90
Turn-on Time
tON
See specified Test circuit
50
ns
Storage Time
tSTG
See specified Test circuit
1000
ns
Fall Time
tF
See specified Test circuit
60
ns
Gain-Bandwidth Product
fT
VCE =5V, IC =50mA
120
MHz
CLASSIFICATION OF hFE1
RANK
R
S
T
RANGE
100 ~ 200
140 ~ 280
200 ~ 400


Similar Part No. - 2SC3648_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3648 KEXIN-2SC3648_15 Datasheet
1Mb / 3P
   NPN Transistors
More results

Similar Description - 2SC3648_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SA1415 ONSEMI-2SA1415 Datasheet
96Kb / 5P
   High-Voltage Switching Predriver Applications
Jan-2011, Rev. 0
logo
Sanyo Semicon Device
2SA1415 SANYO-2SA1415 Datasheet
108Kb / 4P
   High-Voltage Switching, Predriver Applications
2SA1418 SANYO-2SA1418 Datasheet
113Kb / 4P
   High-Voltage Switching, Predriver Applications
logo
Unisonic Technologies
2SC4027 UTC-2SC4027_15 Datasheet
152Kb / 5P
   HIGH-VOLTAGE SWITCHING PREDRIVER APPLICATIONS
2SC3648 UTC-2SC3648 Datasheet
171Kb / 4P
   HIGH-VOLTAGE SWITCHING PREDRIVER APPLICATIONS
2SC3648 UTC-2SC3648_10 Datasheet
233Kb / 5P
   HIGH-VOLTAGE SWITCHING PREDRIVER APPLICATIONS
logo
Sanyo Semicon Device
2SA1210 SANYO-2SA1210 Datasheet
274Kb / 7P
   HIGH VOLTAGE SWITCHING, AF 150W PREDRIVER APPLICATIONS
2SA1207 SANYO-2SA1207 Datasheet
108Kb / 4P
   High-Voltage Switching, AF 60W Predriver Applications
2SA1208 SANYO-2SA1208 Datasheet
107Kb / 4P
   High-Voltage Switching, Audio 80W Output Predriver Applications
2SA1209 SANYO-2SA1209 Datasheet
104Kb / 4P
   160V/140mA High-Voltage Switching AF 100W Predriver Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com