Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC914 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC914
Description  160MHz Low-Power SOT-23-5 Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC914 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC914 Datasheet HTML 4Page - Micrel Semiconductor MIC914 Datasheet HTML 5Page - Micrel Semiconductor MIC914 Datasheet HTML 6Page - Micrel Semiconductor MIC914 Datasheet HTML 7Page - Micrel Semiconductor MIC914 Datasheet HTML 8Page - Micrel Semiconductor MIC914 Datasheet HTML 9Page - Micrel Semiconductor MIC914 Datasheet HTML 10Page - Micrel Semiconductor MIC914 Datasheet HTML 11Page - Micrel Semiconductor MIC914 Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MIC914
Micrel
MIC914
10
June 2000
Applications Information
The MIC914 is a high-speed, voltage-feedback operational
amplifier featuring very low supply current and excellent
stability. This device is unity gain stable with R
L ≤ 200Ω and
capable of driving high capacitance loads.
Stability Considerations
The MIC914 is unity gain stable and it is capable of driving
unlimited capacitance loads, but some design considerations
are required to ensure stability.
The output needs to be
loaded with 200
resistance or less and/or have suffi-
cient load capacitance to achieve stability (refer to the
“Load Capacitance vs. Phase Margin” graph).
For applications requiring a little less speed, Micrel offers the
MIC911, a more heavily compensated version of the MIC914
which provides extremely stable operation for all load resis-
tance and capacitance.
For stability considerations at different supply voltages, please
refer to the graph elsewhere in the datasheet entitled "Gain
Bandwidth and Phase Margin vs. Supply Voltage".
Driving High Capacitance
The MIC914 is stable when driving high capacitance (see
“Typical Characteristics: Gain Bandwidth and Phase Margin
vs. Load Capacitance”) making it ideal for driving long coaxial
cables or other high-capacitance loads.
Phase margin remains constant as load capacitance is
increased. Most high-speed op amps are only able to drive
limited capacitance.
Note: increasing load capacitance does reduce the
speed of the device (see “Typical Characteris-
tics: Gain Bandwidth and Phase Margin vs.
Load”). In applications where the load capaci-
tance reduces the speed of the op amp to an
unacceptable level, the effect of the load capaci-
tance can be reduced by adding a small resistor
(<100
Ω) in series with the output.
Feedback Resistor Selection
Conventional op amp gain configurations and resistor selec-
tion apply, the MIC914 is NOT a current feedback device.
Also, for minimum peaking, the feedback resistor should
have low parasitic capacitance, usually 470
Ω is ideal. To use
the part as a follower, the output should be connected to input
via a short wire.
Layout Considerations
All high speed devices require careful PCB layout. The
following guidelines should be observed: Capacitance, par-
ticularly on the two inputs pins will degrade performance;
avoid large copper traces to the inputs. Keep the output signal
away from the inputs and use a ground plane.
It is important to ensure adequate supply bypassing capaci-
tors are located close to the device.
Power Supply Bypassing
Regular supply bypassing techniques are recommended. A
10
µF capacitor in parallel with a 0.1µF capacitor on both the
positive and negative supplies are ideal. For best perfor-
mance all bypassing capacitors should be located as close to
the op amp as possible and all capacitors should be low ESL
(equivalent series inductance), ESR (equivalent series resis-
tance). Surface-mount ceramic capacitors are ideal.
Thermal Considerations
The SOT-23-5 package, like all small packages, has a high
thermal resistance. It is important to ensure the IC does not
exceed the maximum operating junction (die) temperature of
85
°C. The part can be operated up to the absolute maximum
temperature rating of 125
°C, but between 85°C and 125°C
performance will degrade, in particular CMRR will reduce.
An MIC914 with no load, dissipates power equal to the
quiescent supply current * supply voltage
PV
V
I
DV
V
S
(no load) =−
()
+−
When a load is added, the additional power is dissipated in
the output stage of the op amp. The power dissipated in the
device is a function of supply voltage, output voltage and
output current.
PV
V
I
DV
OUT
OUT
(output stage) =−
()
+
Total Power Dissipation
P
P
DD
t
=+
(no load)
(outpu stage)
Ensure the total power dissipated in the device is no greater
than the thermal capacity of the package. The SOT23-5
package has a thermal resistance of 260
°C/W.
Max Allowable Power Dissipation
TT
JA
.
=
(max)
(max)
260W


Similar Part No. - MIC914

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC914BM5 MICREL-MIC914BM5 Datasheet
463Kb / 13P
   160MHz Low-Power SOT23-5 Op Amp
MIC914YM5 MICREL-MIC914YM5 Datasheet
463Kb / 13P
   160MHz Low-Power SOT23-5 Op Amp
MIC914 MICREL-MIC914_07 Datasheet
463Kb / 13P
   160MHz Low-Power SOT23-5 Op Amp
More results

Similar Description - MIC914

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC910 MICREL-MIC910_14 Datasheet
2Mb / 14P
   135MHz, Low-Power SOT-23-5 Op Amp
MIC910 MICREL-MIC910 Datasheet
552Kb / 12P
   135MHz Low-Power SOT-23-5 Op Amp
MIC911 MICREL-MIC911 Datasheet
204Kb / 12P
   105MHz Low-Power SOT-23-5 Op Amp
MIC912 MICREL-MIC912 Datasheet
554Kb / 12P
   200MHz Low-Power SOT-23-5 Op Amp
MIC910 MICREL-MIC910_01 Datasheet
135Kb / 12P
   135MHz Low-Power SOT-23-5 Op Amp
MIC913 MICREL-MIC913 Datasheet
180Kb / 12P
   350MHz Low-Power SOT-23-5 Op Amp
MIC914 MICREL-MIC914_07 Datasheet
463Kb / 13P
   160MHz Low-Power SOT23-5 Op Amp
MIC919 MICREL-MIC919 Datasheet
47Kb / 7P
   27MHz Low-Power SOT-23-5/SC-70 Op Amp
MIC918 MICREL-MIC918 Datasheet
47Kb / 7P
   51MHz Low-Power SOT-23-5/SC-70 Op Amp
logo
Global Mixed-mode Techn...
G1213 GMT-G1213 Datasheet
148Kb / 6P
   Low power, Single, SOT-23-5, Rail-to-rail OP Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com