Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE9879QXA20 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE9879QXA20
Description  Microcontroller with LIN and BLDC MOSFET Driver for Automotive Applications
Download  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9879QXA20 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE9879QXA20_15 Datasheet HTML 3Page - Infineon Technologies AG TLE9879QXA20_15 Datasheet HTML 4Page - Infineon Technologies AG TLE9879QXA20_15 Datasheet HTML 5Page - Infineon Technologies AG TLE9879QXA20_15 Datasheet HTML 6Page - Infineon Technologies AG TLE9879QXA20_15 Datasheet HTML 7Page - Infineon Technologies AG TLE9879QXA20_15 Datasheet HTML 8Page - Infineon Technologies AG TLE9879QXA20_15 Datasheet HTML 9Page - Infineon Technologies AG TLE9879QXA20_15 Datasheet HTML 10Page - Infineon Technologies AG TLE9879QXA20_15 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 122 page
background image
TLE9879QXA20
Overview
Data Sheet
7
Rev. 1.0, 2015-04-30
Overtemperature protection
Short circuit protection
Loss of clock detection with fail safe mode entry for low system power consumption
Temperature Range TJ: -40 °C up to 150 °C
Package VQFN-48 with LTI feature
Green package (RoHS compliant)
AEC qualified


Similar Part No. - TLE9879QXA20_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9879QXA20 INFINEON-TLE9879QXA20_17 Datasheet
4Mb / 126P
   Microcontroller with LIN and BLDC MOSFET Driver for Automotive Applications
Rev. 1.0, 2017-03-03
More results

Similar Description - TLE9879QXA20_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9877QXA20 INFINEON-TLE9877QXA20_17 Datasheet
4Mb / 126P
   Microcontroller with LIN and BLDC MOSFET Driver for Automotive Applications
Rev. 1.0, 2017-03-03
TLE9872-2QXA40 INFINEON-TLE9872-2QXA40 Datasheet
3Mb / 131P
   Microcontroller with LIN and BLDC MOSFET Driver for Automotive applications
Rev. 1.0 2020-07-23
TLE9877QXA40 INFINEON-TLE9877QXA40_15 Datasheet
4Mb / 122P
   Microcontroller with LIN and BLDC MOSFET Driver for Automotive Applications
Rev. 1.0, 2015-04-30
TLE9879QXA20 INFINEON-TLE9879QXA20_17 Datasheet
4Mb / 126P
   Microcontroller with LIN and BLDC MOSFET Driver for Automotive Applications
Rev. 1.0, 2017-03-03
TLE9879QXW40 INFINEON-TLE9879QXW40 Datasheet
4Mb / 127P
   Microcontroller with LIN and BLDC MOSFET Driver for Automotive Applications
Rev. 1.1, 2017-03-23
TLE9877QXA40 INFINEON-TLE9877QXA40_17 Datasheet
2Mb / 126P
   Microcontroller with LIN and BLDC MOSFET Driver for Automotive Applications
Rev. 1.0, 2017-02-02
TLE9877QXA20 INFINEON-TLE9877QXA20_15 Datasheet
4Mb / 122P
   Microcontroller with LIN and BLDC MOSFET Driver for Automotive Applications
Rev. 1.0, 2015-04-30
TLE9879QXA40 INFINEON-TLE9879QXA40_15 Datasheet
4Mb / 122P
   Microcontroller with LIN and BLDC MOSFET Driver for Automotive Applications
Rev. 1.0, 2015-04-30
TLE9879QXA40 INFINEON-TLE9879QXA40_17 Datasheet
4Mb / 126P
   Microcontroller with LIN and BLDC MOSFET Driver for Automotive Applications
Rev. 1.0, 2017-02-02
TLE9872QXA40 INFINEON-TLE9872QXA40 Datasheet
3Mb / 127P
   Microcontroller with LIN and BLDC MOSFET Driver for Automotive Applications
Rev. 1.0 2020-07-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com