Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE7184F Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE7184F
Description  System IC for B6 motor drives
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7184F Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE7184F_15 Datasheet HTML 7Page - Infineon Technologies AG TLE7184F_15 Datasheet HTML 8Page - Infineon Technologies AG TLE7184F_15 Datasheet HTML 9Page - Infineon Technologies AG TLE7184F_15 Datasheet HTML 10Page - Infineon Technologies AG TLE7184F_15 Datasheet HTML 11Page - Infineon Technologies AG TLE7184F_15 Datasheet HTML 12Page - Infineon Technologies AG TLE7184F_15 Datasheet HTML 13Page - Infineon Technologies AG TLE7184F_15 Datasheet HTML 14Page - Infineon Technologies AG TLE7184F_15 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
TLE7184F
General Product Characteristics
Data Sheet
11
Rev. 1.1, 2011-04-08
4.3
Thermal Resistance
Note: This thermal data was generated in accordance with JEDEC JESD51 standards. For more information, go
to www.jedec.org.
4.4
Default State of Inputs
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
4.3.1
Junction to Case1)
1) Not subject to production test, specified by design.
R
thJC
–5K/W
4.3.2
Junction to Ambient1)
R
thJA
–29
K/W
2)
2) Specified
R
thJA value is according to Jedec JESD51-2,-5,-7 at natural convection on FR4 2s2p board; The Product
(Chip+Package) was simulated on a 76.2 x 114.3 x 1.5 mm board with 2 inner copper layers (2 x 70µm Cu, 2 x 35µm Cu).
Where applicable a thermal via array under the exposed pad contacted the first inner copper layer.
Table 1
Default State of Inputs
Characteristic
State
Remark
Default state of ILx (if ILx left open -pull down)
Low
Low side MOSFETs off
Default state of IHx (if IHx left open - pull up)
High
High side MOSFETs off
Default state of RGS (if RGS left open - pull down)
Low
Error signal is reset and
the TLE7184F goes to
sleep
Default state of INH (if INH left open - pull down)
Low
no wake up by INH
Default state of SCDL (if SCDL left open - pull up)
High
Error signal is set; all
MOSFETs switched off
Default state of IFMA (if IFMA left open - pull up)1)
1) external capacitance < 25pF
High
no wake up by IFMA
Default state of IOV (if IOV left open - pull down)
Low
no Over Voltage detection
by IOV
Default state of DT (if DT left open)
max. dead time
max. dead time


Similar Part No. - TLE7184F_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7184F INFINEON-TLE7184F_16 Datasheet
1Mb / 38P
   System IC for B6 motor drives
Rev. 1.2, 2016-01-28
More results

Similar Description - TLE7184F_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7186F INFINEON-TLE7186F Datasheet
1Mb / 39P
   System IC for B6 motor drives
Rev. 1.2, 2016-01-28
TLE7184F3V INFINEON-TLE7184F3V Datasheet
1Mb / 36P
   System IC for B6 motor drives
Rev.1.2, 2016-01-27
TLE7184F INFINEON-TLE7184F Datasheet
705Kb / 35P
   System IC for B6 motor drives
Rev. 1.0, Dec. 2008
TLE7184F INFINEON-TLE7184F_16 Datasheet
1Mb / 38P
   System IC for B6 motor drives
Rev. 1.2, 2016-01-28
logo
Sanyo Semicon Device
LA6504H SANYO-LA6504H Datasheet
94Kb / 10P
   Monolithic Linear IC DVD System motor Drives
logo
STMicroelectronics
AN1506 STMICROELECTRONICS-AN1506 Datasheet
144Kb / 14P
   A MOTOR DRIVES SYSTEM FOR WHEELCHAIR APPLICATIONS
logo
Infineon Technologies A...
FF225R12ME4P INFINEON-FF225R12ME4P Datasheet
588Kb / 9P
   Motor drives
V3.0 2017-04-04
TLE9561-3QX INFINEON-TLE9561-3QX Datasheet
7Mb / 279P
   DC Motor System IC
Rev. 1.0 2021-01-21
TLE9564QX INFINEON-TLE9564QX Datasheet
6Mb / 228P
   BLDC Motor System IC
Rev. 1.0 2021-01-21
TLE9560-3QX INFINEON-TLE9560-3QX Datasheet
7Mb / 280P
   DC Motor System IC
Rev. 1.0 2021-03-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com