Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE4678-2 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE4678-2
Description  Low Drop Out Linear Voltage Regulator
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4678-2 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE4678-2 Datasheet HTML 5Page - Infineon Technologies AG TLE4678-2 Datasheet HTML 6Page - Infineon Technologies AG TLE4678-2 Datasheet HTML 7Page - Infineon Technologies AG TLE4678-2 Datasheet HTML 8Page - Infineon Technologies AG TLE4678-2 Datasheet HTML 9Page - Infineon Technologies AG TLE4678-2 Datasheet HTML 10Page - Infineon Technologies AG TLE4678-2 Datasheet HTML 11Page - Infineon Technologies AG TLE4678-2 Datasheet HTML 12Page - Infineon Technologies AG TLE4678-2 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
TLE4678-2
Voltage Regulator
Data Sheet
9
Rev. 1.0, 2014-03-03
5
Voltage Regulator
5.1
Description Voltage Regulator
The output voltage
V
Q is controlled by comparing a portion of it to an internal reference and driving a PNP pass
transistor accordingly. Saturation control as a function of the load current prevents any oversaturation of the pass
element. The control loop stability depends on the output capacitor
C
Q, the load current, the chip temperature and
the poles/zeros introduced by the integrated circuit. To ensure stable operation, the output capacitor’s capacitance
and its equivalent series resistor ESR requirements given in the chapter Chapter 4.2 have to be maintained. For
details see also the typical performance graph “Output Capacitor Series Resistor
ESR
CQ vs. Output Current IQ”.
Also, the output capacitor shall be sized to buffer load transients.
An input capacitor
C
I is not needed for the control loop stability, but recommended to buffer line influences.
Connect the capacitors close to the IC terminals.
Protection circuitry prevent the IC as well as the application from destruction in case of catastrophic events. These
safeguards contain output current limitation, reverse polarity protection as well as thermal shutdown in case of
overtemperature.
In order to avoid excessive power dissipation that could never be handled by the pass element and the package,
the maximum output current is decreased at input voltages above
V
I =22V.
The thermal shutdown circuit prevents the IC from immediate destruction under fault conditions (e.g. output
continuously short-circuited) by switching off the power stage. After the chip has cooled down, the regulator
restarts. This leads to an oscillatory behavior of the output voltage until the fault is removed. However, a junction
temperature above 150 °C is outside the maximum rating and therefore reduces the IC lifetime.
The TLE4678-2 allows a negative supply voltage. However, several small currents are flowing into the IC
increasing its junction temperature. This has to be considered for the thermal design, respecting that the thermal
protection circuit is not operating during reverse polarity condition.
Figure 3
Block Diagram Voltage Regulator Circuit
Figure 4
Output Voltage vs. Input Voltage
C
ESR
CQ
Bandgap
Reference
GND
Q
I
BlockDiagram_VoltageRegulator.vsd
Saturation Control
Current Limitation
Temperature
Shutdown
LOAD
Supply
CI
Regulated
Output Voltage
IQ
II
VQ
VI
V
t
Diagram_Output-InputVoltage.svg
V
Q,nom
V
I
V
dr
V
Q
d
V
Q
d
t
I
load
CQ
d
V
Q
d
t
I
Q,max -
I
load
CQ
V
I(ext),min


Similar Part No. - TLE4678-2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4678-2EL INFINEON-TLE4678-2EL Datasheet
1Mb / 33P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-05-07
TLE4678-2LD INFINEON-TLE4678-2LD Datasheet
2Mb / 33P
   Low Drop Out Linear Voltage Regulator 5 V Fixed Output Voltage
Rev. 1.0, 2014-03-03
More results

Similar Description - TLE4678-2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLF4277-2 INFINEON-TLF4277-2 Datasheet
1Mb / 25P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-13
TLE4291E INFINEON-TLE4291E Datasheet
1Mb / 28P
   Low Drop Out Linear Voltage Regulator
Rev. 1.1, 2012-12-03
TLE4678 INFINEON-TLE4678_15 Datasheet
1Mb / 37P
   Low Drop Out Linear Voltage Regulator
Rev. 1.2, 2014-10-17
TLE4678-2EL INFINEON-TLE4678-2EL Datasheet
1Mb / 33P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-05-07
TLF4949 INFINEON-TLF4949 Datasheet
1Mb / 23P
   5V Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2012-05-07
IFX4949 INFINEON-IFX4949 Datasheet
1Mb / 21P
   5V Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2012-05-07
logo
New Japan Radio
NJM2930 NJRC-NJM2930 Datasheet
269Kb / 7P
   LOW DROP OUT VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4294GV50 INFINEON-TLE4294GV50 Datasheet
677Kb / 10P
   Low Drop Out Voltage Regulator
Rev. 1.1, February 2008
TLE4675 INFINEON-TLE4675 Datasheet
570Kb / 25P
   Low Drop Out Linear Voltage Regulator 5V Fixed Output Voltage
Rev. 1.0, Sept. 2008
logo
Advanced Analogic Techn...
AAT3232 ANALOGICTECH-AAT3232 Datasheet
100Kb / 10P
   300mA CMOS Low Drop Out Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com