Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN1777 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # AN1777
Description  Low voltage front-end circuits
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

AN1777 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button AN1777_15 Datasheet HTML 6Page - NXP Semiconductors AN1777_15 Datasheet HTML 7Page - NXP Semiconductors AN1777_15 Datasheet HTML 8Page - NXP Semiconductors AN1777_15 Datasheet HTML 9Page - NXP Semiconductors AN1777_15 Datasheet HTML 10Page - NXP Semiconductors AN1777_15 Datasheet HTML 11Page - NXP Semiconductors AN1777_15 Datasheet HTML 12Page - NXP Semiconductors AN1777_15 Datasheet HTML 13Page - NXP Semiconductors AN1777_15 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
Philips Semiconductors
Application note
AN1777
Low voltage front-end circuits: SA601, SA620
1995 Aug 10
10
is placed in parallel with an inductor, it has no effect on the Q-point,
but does influence the slope of the AC load line as
Slope = -1
R
C
)
-1
R
LOAD
.
The capacitor CS functions not only as a DC blocking capacitor, but
is also chosen such that the impedance presented by the
combination of L, RC and CS is equal to RLOAD for optimum power
transfer. The analysis is done in the following manner. First, note
that inductor L is connected to VCC which is an effective AC ground.
So, L can be redrawn to ground. Next, RC and CS are converted to
their parallel equivalent values as shown in Figure 17.
The resulting parallel LCR circuit is shown in Figure 18. At
resonance, the parallel L, CP combination will be an effective open
circuit leaving only RP. RP is then simply chosen to be equal to
RLOAD.
VCC
CS
AB
RC
RLOAD
DC BLOCKING CAPS
L
CB
SR01277
Figure 16. Flexible Matching Circuit
CP
RP
CS
RC
Q
+
X
S
R
C
R
P + (Q
2
) 1) R
C
X
P +
R
P
Q
P
C
P +
1
2
pFX
P
GOAL: Convert series RC and CS into a parallel combination RP and CP
SR00014
Figure 17. Converting from Series to Parallel Configuration
CP
RP
L
GOAL: Find LC and CP such that RP looks
like RLOAD value @ the resonant frequency
SR01278
Figure 18. Converting from Series to Parallel Configuration
ii
IF
IF
RF
RF
BASIC MIXER
SIMPLE MODEL
IF
IF
SR01279
Figure 19. Circuit Model of Differential Open-Collector Output
RF
VCC
C
2L
C
14
13
SR01280
Figure 20. External current-combiner Circuit
2L
i
i
CC
SR01281
Figure 21. Ideal AC Equivalent Circuit
VII. SA601 MIXER [6]
The SA601 mixer is intended for operation with an external VCO
and employs a differential output structure. The current wireless
markets demand front-end solutions with low power, and high gain.
The differential output offers higher gain than the conventional
single-ended open-collector output without an increase in supply
current. An equivalent model can be seen in Figure 19. A
characteristic of the differential output is that the two output currents
are 180
° out of phase. This is why the mixer output is labeled IF
and IF.
The current-combiner circuit shown in Figure 20 consists of two
capacitors and one inductor. The purpose of the current-combiner is
to combine the currents such that they are in phase with one
another. By aligning the currents in phase with one another, the
output will have a larger AC output swing due to the increased signal
current.
Figure 21 shows the ideal AC equivalent model. In the ideal case, it
is assumed that all component Q’s are high enough to be neglected
and the output impedances of the current sources are also high
enough to be neglected. By source transformation, the parallel
capacitor and current source can be converted to a voltage source
and a source capacitor. The inductor, 2L, can be split into two
inductors where L becomes the new value (See Step 2 in Figure
22). Since two inductors of equal value in series will be twice that


Similar Part No. - AN1777_15

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1777 STMICROELECTRONICS-AN1777 Datasheet
83Kb / 7P
   STR71x MEMORY MAPPING AND DEVELOPMENT TOOLSET
More results

Similar Description - AN1777_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA1620 PHILIPS-SA1620 Datasheet
203Kb / 26P
   Low voltage GSM front-end transceiver
1997 May 22
SA3603 PHILIPS-SA3603 Datasheet
49Kb / 8P
   Cellular-band low voltage front-end
1999 Dec 17
SA3604 PHILIPS-SA3604 Datasheet
49Kb / 8P
   PCS-band low voltage front-end
1999 Dec 14
logo
STMicroelectronics
STLC7550 STMICROELECTRONICS-STLC7550 Datasheet
174Kb / 17P
   LOW POWER LOW VOLTAGE ANALOG FRONT END
logo
NXP Semiconductors
SA3600 PHILIPS-SA3600 Datasheet
172Kb / 30P
   Low voltage dual-band RF front-end
1999 Nov 02
SA3601 PHILIPS-SA3601 Datasheet
90Kb / 14P
   Low voltage dual-band RF front-end
1999 Nov 09
logo
STMicroelectronics
TDA7212 STMICROELECTRONICS-TDA7212 Datasheet
61Kb / 4P
   LOW VOLTAGE FM XTAL CONTROLLED FRONT-END
logo
New Japan Radio
NJU9101 NJRC-NJU9101 Datasheet
1Mb / 61P
   Low Power Analog Front End
Ver.3
logo
STMicroelectronics
STA5630 STMICROELECTRONICS-STA5630 Datasheet
85Kb / 7P
   Low power GPS RF front-end
logo
Intersil Corporation
EL4501 INTERSIL-EL4501 Datasheet
477Kb / 19P
   Video Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com