Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN1993 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # AN1993
Description  High sensitivity applications of low-power RF/IF integrated circuits
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

AN1993 Datasheet(HTML) 4 Page - NXP Semiconductors

  AN1993_15 Datasheet HTML 1Page - NXP Semiconductors AN1993_15 Datasheet HTML 2Page - NXP Semiconductors AN1993_15 Datasheet HTML 3Page - NXP Semiconductors AN1993_15 Datasheet HTML 4Page - NXP Semiconductors AN1993_15 Datasheet HTML 5Page - NXP Semiconductors AN1993_15 Datasheet HTML 6Page - NXP Semiconductors AN1993_15 Datasheet HTML 7Page - NXP Semiconductors AN1993_15 Datasheet HTML 8Page - NXP Semiconductors AN1993_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
AN1993
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Application note
Rev. 3 — 13 August 2014
4 of 23
NXP Semiconductors
AN1993
High sensitivity applications of low-power RF/IF integrated circuits
If the single conversion architecture of Figure 1 were implemented with a 455 kHz IF, any
interfering image would be received almost as well as the desired frequency. For this
reason, dual conversion, as shown in Figure 3, has been popular.
In the application of Figure 3, the first IF must be high enough to permit the pre-selector to
reject the images of the first mixer and must have a narrow enough bandwidth that the
second mixer images and the intermod products due to the first mixer can be attenuated.
There is more to it than that, but those are the basics. The multiple conversion heterodyne
works well, but — as Figure 3 suggests — compared to Figure 2 it is more complicated.
Why then, don’t we use the approach of Figure 2?
a. Attenuation of low-side image with 10.7 MHz
b. Attenuation of low-side 455 kHz image
Fig 2.
Effects of pre-selection on images
∆ pre-selector freq. (MHz)
−40
40
10
−10
002aah474
−30
−10
10
−60
−20
0
20
−40
−20
0
desired
frequency
pre-selector
filter
LO
image
10.7 MHz IF
∆ pre-selector freq. (MHz)
−40
40
10
−10
002aah475
−30
−10
10
−60
−20
0
20
−40
−20
0
desired
frequency
pre-selector
filter
LO
image
455 kHz IF
Fig 3.
Dual conversion
002aah476
first
mixer
first
LO
pre-select
filter
first
IF filter
IF amp
demod
audio
and/or
data
second
mixer
second
LO
second
IF filter


Similar Part No. - AN1993_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AN1998 PHILIPS-AN1998_15 Datasheet
1Mb / 20P
   An FM/IF system for DECT and other high-speed GFSK applications
Rev. 3-24 July 2014
More results

Similar Description - AN1993_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RF65 ETC2-RF65 Datasheet
2Mb / 72P
   Low Power Integrated UHF Receiver With -120dBm High Sensitivity
logo
NTE Electronics
NTE744 NTE-NTE744 Datasheet
23Kb / 3P
   Integrated Circuit RF/IF Amp
logo
Toshiba Semiconductor
2SC2714-R TOSHIBA-2SC2714-R Datasheet
548Kb / 8P
   High Frequency Amplifier Applications FM, RF, MIX, IF Amplifier Applications
2SC2714-Y TOSHIBA-2SC2714-Y Datasheet
548Kb / 8P
   High Frequency Amplifier Applications FM, RF, MIX, IF Amplifier Applications
logo
List of Unclassifed Man...
HM-T ETC2-HM-T Datasheet
128Kb / 3P
   HIGH SENSITIVITY, LOW POWER CONSUMPTION
HM-R ETC2-HM-R Datasheet
249Kb / 4P
   High sensitivity, low power consumption
logo
NTE Electronics
NTE1491 NTE-NTE1491 Datasheet
22Kb / 2P
   Integrated Circuit AM RF/IF Amp
logo
Toshiba Semiconductor
2SC2668 TOSHIBA-2SC2668 Datasheet
340Kb / 6P
   TRANSISTOR (HIGH FREQUENCY, FM, RF, IF AMPLIFIER APLIFIER APPLICATIONS
2SC1923 TOSHIBA-2SC1923 Datasheet
352Kb / 6P
   TRANSISTOR (HIGH FREQUENCY, FM, RF, MIX, IF AMPLIFIER APPLICATIONS)
2SC2714 TOSHIBA-2SC2714 Datasheet
322Kb / 6P
   TRANSISTOR (HIGH FREQUENCY, FM, RF, MIX, IF AMPLIFIER APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com