Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV3691 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV3691
Description  0.9-V to 6.5-V, Nanopower Comparator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3691 Datasheet(HTML) 1 Page - Texas Instruments

  TLV3691_15 Datasheet HTML 1Page - Texas Instruments TLV3691_15 Datasheet HTML 2Page - Texas Instruments TLV3691_15 Datasheet HTML 3Page - Texas Instruments TLV3691_15 Datasheet HTML 4Page - Texas Instruments TLV3691_15 Datasheet HTML 5Page - Texas Instruments TLV3691_15 Datasheet HTML 6Page - Texas Instruments TLV3691_15 Datasheet HTML 7Page - Texas Instruments TLV3691_15 Datasheet HTML 8Page - Texas Instruments TLV3691_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Package Footprint Comparison (To Scale)
1 mm
1.25 mm
2 mm
1 mm
Package Height
(To Scale)
Comparison
DCK (SC70)
DPF (DFN)
1.25 mm
1 mm
0.37 mm
0.9 mm
DCK (SC70)
DPF (DFN)
TLV3691
www.ti.com
SBOS694 – DECEMBER 2013
0.9-V to 6.5-V, Nanopower Comparator
Check for Samples: TLV3691
1
FEATURES
DESCRIPTION
The TLV3691 offers a wide supply range, low
Low Quiescent Current: 75 nA
quiescent current, and rail-to-rail inputs. All of these
Wide Supply:
features come in industry-standard and extremely
+0.9 V to +6.5 V
small packages, making this device an excellent
choice for low-voltage and low-power applications.
±0.45 V to ±3.25 V
microPackages: DFN-6 (1 mm × 1 mm), SC70-5
Available as a single channel, the low-power, wide
supply and temperature range makes this device
Input Common-Mode Range Extends 100 mV
flexible enough to handle almost any application from
Beyond Both Rails
consumer to industrial. The TLV3691 is available in
Response Time: 24 µs
SC70-5 and 1-mm × 1-mm DFN-6 packages. This
Low Input Offset Voltage: ±3 mV
device is specified for operation across the expanded
industrial temperature range of –40°C to +125°C.
Push-Pull Output
Industrial Temperature Range:
RELATED PRODUCTS
–40°C to +125°C
FEATURES
DEVICE
TLV3201
APPLICATIONS
40-ns, 40-µA, push-pull comparator
TLV3202
Over- and Undervoltage Detection
TLV3501
4.5-ns, rail-to-rail, high-speed comparator
Window Comparators
TLV3502
Overcurrent Detection
TLV3491
Zero-Crossing Detection
Nanopower push-pull output comparator
TLV3492
System Monitoring:
TLV3494
REF3312
Smart Phones
REF3318
Tablets
REF3320
Industrial Sensors
3.9-µA, SC70-3 voltage reference
REF3325
Portable Medical
REF3330
REF3333
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLV3691_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3691 TI1-TLV3691_15 Datasheet
3Mb / 29P
[Old version datasheet]   Nanopower Comparator
More results

Similar Description - TLV3691_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3691 TI1-TLV3691 Datasheet
3Mb / 24P
[Old version datasheet]   0.9-V to 6.5-V, Nanopower Comparator
logo
STMicroelectronics
TS881 STMICROELECTRONICS-TS881 Datasheet
815Kb / 17P
   Rail-to-rail 1.1 V nanopower comparator
logo
Texas Instruments
TLV3012-Q1 TI1-TLV3012-Q1 Datasheet
504Kb / 17P
[Old version datasheet]   NANOPOWER 1.8-V COMPARATOR WITH VOLTAGE REFERENCE
TLV3691 TI1-TLV3691_15 Datasheet
3Mb / 29P
[Old version datasheet]   Nanopower Comparator
TLV1701 TI1-TLV1701 Datasheet
1Mb / 18P
[Old version datasheet]   2.2-V to 36-V, microPower Comparator
TLV1701-Q1 TI1-TLV1701-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   2.2-V to 36-V, microPower Comparator
logo
Linear Technology
LTC1540 LINER-LTC1540 Datasheet
247Kb / 12P
   Nanopower Comparator with Reference
LTC1540CDD LINER-LTC1540CDD Datasheet
147Kb / 12P
   Nanopower Comparator with Reference
LTC1540 LINER-LTC1540_15 Datasheet
160Kb / 12P
   Nanopower Comparator with Reference
logo
Texas Instruments
TLV1701 TI-TLV1701_15 Datasheet
1Mb / 33P
[Old version datasheet]   TLV170x 2.2-V to 36-V, microPower Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com