Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN1998 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # AN1998
Description  An FM/IF system for DECT and other high-speed GFSK applications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

AN1998 Datasheet(HTML) 3 Page - NXP Semiconductors

  AN1998_15 Datasheet HTML 1Page - NXP Semiconductors AN1998_15 Datasheet HTML 2Page - NXP Semiconductors AN1998_15 Datasheet HTML 3Page - NXP Semiconductors AN1998_15 Datasheet HTML 4Page - NXP Semiconductors AN1998_15 Datasheet HTML 5Page - NXP Semiconductors AN1998_15 Datasheet HTML 6Page - NXP Semiconductors AN1998_15 Datasheet HTML 7Page - NXP Semiconductors AN1998_15 Datasheet HTML 8Page - NXP Semiconductors AN1998_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AN1998
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Application note
Rev. 3 — 24 July 2014
3 of 20
NXP Semiconductors
AN1998
An FM/IF system for DECT and other high-speed GFSK applications
1.
Introduction
To achieve the goal of wireless personal communications, allowing users access to the
capabilities of the global communications network at any time without regard to location
and mobility, cellular and cordless telephony have been taken as two major approaches.
Cellular systems are evolving towards smaller cells (micro cells) and lower power levels to
provide higher overall capacity. Cordless telephones have evolved from home appliances
towards widespread ‘universal’ low-power personal communications systems. With the
advent of digital cordless telephony, cordless systems with enhanced functionality have
been developed that can support higher data rates and more sophisticated applications
such as wireless private branch exchanges (WPBX) and public-access Telepoint systems.
One of the first digital cordless standards is the Digital European Cordless
Telecommunications (DECT) system, a pan-European standard designed to connect all of
Europe with a common digital cordless system. DECT is also a flexible standard for
providing a wide range of services in small cells.
In this application note, the SA639, an NXP low-voltage FM/IF system with several
important features such as post filter amplifier and active data switch, is proposed for
DECT and other high-speed digital wireless applications. A SA639-based DECT receiver
evaluation board has been developed. Detailed description of the SA639 FM/IF system,
structure of the evaluation board, design information, and experimental evaluation results
are presented.
2.
Review of DECT standard
DECT is designed as a flexible interface to provide cost-effective communications
services to high user densities in small cells. This standard is intended for the applications
such as domestic cordless telephony, Telepoint, cordless PBXs, and Radio Local Loop
(RLL). It supports multiple bearer channels for speech and data transmission (which can
be set up and released during a call), hand over, location registration, and paging.
Functionally, DECT is closer to a cellular system than to a classical cordless telephone.
However, the interface to PSTN or ISDN remains the same as for a PBX or corded
telephone. Table 1 is a summary of the key specifications of DECT and other digital
cordless telephone systems.
DECT is based on Time Division Duplex (TDD) and Time Division Multiple Access
(TDMA) with 10 carriers in the 1880 MHz to 1900 MHz band. Figure 1 illustrates the
DECT TDD/TDMA frame structure.
The completed frame is 10 ms in duration with 24 time slots. The first 12 slots are
allocated for the transmission from base station to handsets, and the other 12 slots are for
the transmission from handsets to base station. Each slot is 417
μs long with 480 bits. The
first 32 bits is a ‘1010...’ sequence for synchronization. The 32 kbit/s ADPCM CODEC is
used for speech coding in DECT, which provides 320 bits during each 10 ms frame. When
a call is made, two slots (one is in the first 12 slots, the other is in the last 12 slots) are
assigned to the user for transmit and receive.


Similar Part No. - AN1998_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AN1993 PHILIPS-AN1993_15 Datasheet
1Mb / 23P
   High sensitivity applications of low-power RF/IF integrated circuits
Rev. 3-13 August 2014
More results

Similar Description - AN1998_15

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML13158 LANSDALE-ML13158_08 Datasheet
1Mb / 23P
   Wideband FM IF Subsystem For Dect and Digital Applications
logo
Motorola, Inc
MC13158 MOTOROLA-MC13158 Datasheet
381Kb / 24P
   WIDEBAND FM IF SUBSYSTEM FOR DECT AND DIGITAL APPLICATIONS
logo
LANSDALE Semiconductor ...
ML13158 LANSDALE-ML13158 Datasheet
1,008Kb / 23P
   Wideband FM IF Subsystem For Dect and Digital Applications
logo
Sanyo Semicon Device
LA1235 SANYO-LA1235 Datasheet
1Mb / 12P
   FM IF System Applications
logo
Unisonic Technologies
ULA1235 UTC-ULA1235 Datasheet
286Kb / 5P
   FM IF SYSTEM APPLICATIONS
logo
AUK corp
SL1018 AUK-SL1018_1 Datasheet
220Kb / 9P
   FM IF SYSTEM
logo
Toshiba Semiconductor
TA7761P TOSHIBA-TA7761P Datasheet
1,011Kb / 14P
   FM IF SYSTEM
logo
Rohm
BA4234 ROHM-BA4234 Datasheet
514Kb / 6P
   FM IF SYSTEM
logo
AUK corp
SL1018 AUK-SL1018 Datasheet
293Kb / 9P
   FM IF SYSTEM
logo
Intersil Corporation
CA3089 INTERSIL-CA3089 Datasheet
236Kb / 7P
   FM IF System
November 1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com