Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC8114 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC8114
Description  Microprocessor Reset Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC8114 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC8114 Datasheet HTML 1Page - Micrel Semiconductor MIC8114 Datasheet HTML 2Page - Micrel Semiconductor MIC8114 Datasheet HTML 3Page - Micrel Semiconductor MIC8114 Datasheet HTML 4Page - Micrel Semiconductor MIC8114 Datasheet HTML 5Page - Micrel Semiconductor MIC8114 Datasheet HTML 6Page - Micrel Semiconductor MIC8114 Datasheet HTML 7Page - Micrel Semiconductor MIC8114 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MIC8114 Microprocessor Reset Circuit
Pin Functions
3
Pin Name
Pin No.
Description
GND
1
IC Ground Pin.
RESET
2
RESET goes low if either VCC falls below the supply reset threshold or if MR is
asserted. RESET remains asserted for one reset timeout period (790ms min.) after
both VCC exceeds the supply reset threshold and MR is deasserted.
MR
3
Manual reset input. A logic low on MR forces a reset. The reset will remain asserted
as long as MR is held low and for one reset timeout period (790ms) min.) after MR
goes high. This input can be shorted to ground via a switch or driven from CMOS or
TTl logic. Pulled high internally through a 20k
Ω resistor. Float if unused.
VCC
4
Power supply input.


Similar Part No. - MIC8114

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC8114 MICREL-MIC8114 Datasheet
264Kb / 6P
   Microprocessor Reset Circuit
MIC8114TU MICREL-MIC8114TU Datasheet
264Kb / 6P
   Microprocessor Reset Circuit
MIC8114TUY MICREL-MIC8114TUY Datasheet
264Kb / 6P
   Microprocessor Reset Circuit
MIC8114 MICREL-MIC8114_05 Datasheet
264Kb / 6P
   Microprocessor Reset Circuit
More results

Similar Description - MIC8114

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS3809-10 TSC-TS3809-10_11 Datasheet
212Kb / 7P
   Microprocessor Reset Circuit
TS3809-10 TSC-TS3809-10 Datasheet
212Kb / 7P
   Microprocessor Reset Circuit
logo
Microchip Technology
MIC8115 MICROCHIP-MIC8115 Datasheet
761Kb / 14P
   Microprocessor Reset Circuit
09/14/21
logo
Micrel Semiconductor
MIC1815 MICREL-MIC1815 Datasheet
161Kb / 8P
   Microprocessor Reset Circuit
logo
Taiwan Semiconductor Co...
TS3809 TSC-TS3809_15 Datasheet
260Kb / 8P
   Microprocessor Reset Circuit
logo
Micrel Semiconductor
MIC8114 MICREL-MIC8114_05 Datasheet
264Kb / 6P
   Microprocessor Reset Circuit
MIC8115 MICREL-MIC8115_15 Datasheet
505Kb / 7P
   Microprocessor Reset Circuit
logo
TECH PUBLIC Electronics...
MAX810 TECHPUBLIC-MAX810 Datasheet
2Mb / 7P
   Microprocessor Reset Circuit
logo
Taiwan Semiconductor Co...
TS3809 TSC-TS3809 Datasheet
259Kb / 7P
   Microprocessor Reset Circuit
logo
Micrel Semiconductor
MIC1815 MICREL-MIC1815_05 Datasheet
237Kb / 6P
   Microprocessor Reset Circuit
logo
Taiwan Semiconductor Co...
TS803R TSC-TS803R Datasheet
135Kb / 5P
   Microprocessor Reset Circuit
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com