Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUK9C10-65BIT Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BUK9C10-65BIT
Description  N-channel TrenchPLUS logic level FET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK9C10-65BIT Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BUK9C10-65BIT_15 Datasheet HTML 4Page - NXP Semiconductors BUK9C10-65BIT_15 Datasheet HTML 5Page - NXP Semiconductors BUK9C10-65BIT_15 Datasheet HTML 6Page - NXP Semiconductors BUK9C10-65BIT_15 Datasheet HTML 7Page - NXP Semiconductors BUK9C10-65BIT_15 Datasheet HTML 8Page - NXP Semiconductors BUK9C10-65BIT_15 Datasheet HTML 9Page - NXP Semiconductors BUK9C10-65BIT_15 Datasheet HTML 10Page - NXP Semiconductors BUK9C10-65BIT_15 Datasheet HTML 11Page - NXP Semiconductors BUK9C10-65BIT_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
BUK9C10-65BIT
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 21 June 2010
8 of 15
NXP Semiconductors
BUK9C10-65BIT
N-channel TrenchPLUS logic level FET
Fig 8.
Transfer Characteristics; drain current as a
function of gate-source voltage; typical values.
Fig 9.
Forward transconductance as a function of
drain current; typical values.
Fig 10. Gate-source threshold voltage as a function of
junction temperature.
Fig 11. Sub-threshold drain current as a function of
gate-source voltage.
VGS (V)
05
4
23
1
001aam028
ID
(A)
40
80
120
0
60
100
20
Tj = 150 °C
Tj = 25 °C
003a a d972
0
100
200
300
400
500
015
30
45
60
ID (A)
gfs
(S )
Tj (°C)
−60
180
120
060
001aam029
1.0
1.5
0.5
2.0
2.5
VGS(th)
(V)
0
max
typ
min
001aam030
VGS (V)
03
2
1
10−4
10−5
10−2
10−3
10−1
ID
(A)
10−6
max
typ
min


Similar Part No. - BUK9C10-65BIT_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK9C10-65BIT NEXPERIA-BUK9C10-65BIT Datasheet
987Kb / 15P
   N-channel TrenchPLUS logic level FET
More results

Similar Description - BUK9C10-65BIT_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK9C07-65BIT PHILIPS-BUK9C07-65BIT_15 Datasheet
375Kb / 16P
   N-channel TrenchPLUS logic level FET
Rev. 03-15 July 2010
BUK9907-55ATE NXP-BUK9907-55ATE Datasheet
258Kb / 15P
   N-channel TrenchPLUS logic level FET
Rev. 02-16 February 2009
BUK9C10-55BIT PHILIPS-BUK9C10-55BIT_15 Datasheet
338Kb / 14P
   N-channel TrenchPLUS logic level FET
25 August 2014
logo
Nexperia B.V. All right...
BUK9907-55ATE NEXPERIA-BUK9907-55ATE Datasheet
372Kb / 16P
   N-channel TrenchPLUS logic level FET
Rev. 02 - 16 February 2009
logo
NXP Semiconductors
BUK9107-55ATE NXP-BUK9107-55ATE Datasheet
256Kb / 15P
   N-channel TrenchPLUS logic level FET
Rev. 02-16 February 2009
BUK9907-40ATC NXP-BUK9907-40ATC Datasheet
268Kb / 15P
   N-channel TrenchPLUS logic level FET
Rev. 02-16 February 2009
logo
Nexperia B.V. All right...
BUK9C10-65BIT NEXPERIA-BUK9C10-65BIT Datasheet
987Kb / 15P
   N-channel TrenchPLUS logic level FET
BUK9107-55ATE NEXPERIA-BUK9107-55ATE Datasheet
370Kb / 16P
   N-channel TrenchPLUS logic level FET
Rev. 02 - 16 February 2009
logo
NXP Semiconductors
BUK9107-40ATC NXP-BUK9107-40ATC Datasheet
255Kb / 15P
   N-channel TrenchPLUS logic level FET
Rev. 04-16 February 2009
BUK9907-40ATC PHILIPS-BUK9907-40ATC_15 Datasheet
268Kb / 15P
   N-channel TrenchPLUS logic level FET
Rev. 02-16 February 2009
logo
Nexperia B.V. All right...
BUK9C10-55BIT NEXPERIA-BUK9C10-55BIT Datasheet
744Kb / 14P
   N-channel TrenchPLUS logic level FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com