Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC79050-4.2BS Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC79050-4.2BS
Description  Simple Lithium-Ion Battery Charger Preliminary Information
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC79050-4.2BS Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC79050-4.2BS Datasheet HTML 5Page - Micrel Semiconductor MIC79050-4.2BS Datasheet HTML 6Page - Micrel Semiconductor MIC79050-4.2BS Datasheet HTML 7Page - Micrel Semiconductor MIC79050-4.2BS Datasheet HTML 8Page - Micrel Semiconductor MIC79050-4.2BS Datasheet HTML 9Page - Micrel Semiconductor MIC79050-4.2BS Datasheet HTML 10Page - Micrel Semiconductor MIC79050-4.2BS Datasheet HTML 11Page - Micrel Semiconductor MIC79050-4.2BS Datasheet HTML 12Page - Micrel Semiconductor MIC79050-4.2BS Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
June 2000
9
MIC79050
MIC79050
Micrel
Applications Information
Simple Lithium-Ion Battery Charger.
Figure 1A shows a simple, complete lithium-ion battery
charger. The charging circuit comprises of a cheap wall
adapter, with a load-line characteristic. This characteristic is
always present with cheap adapters due to the internal
impedance of the transformer windings. The load-line of the
unregulated output should be < 4.4V to 4.6V at somewhere
between 0.5C to 1C of the battery under charge. This 4.4 to
4.6V value is an approximate number based on the head-
room needed above 4.2V for the MIC79050 to operate
correctly e.g. For a 500mAhr battery, the output of the semi-
regulated supply should be between 225mA to 500mA ( 0.5C
to 1C ). If it is below 225mA no damage will occur but the
battery will take longer to charge. Figure 1B shows a typical
wall adapter characteristic with an output current of 350mA at
4.5V. This natural impedance of the wall adapter will limit the
max current into the battery, so no external circuitry is needed
to accomplish this.
If extra impedance is needed to achieve the desired loadline,
extra resistance can easily be added in series with the
MIC79050 IN pin.
LM4041
CIM3-1.2
IN
BAT
FB
GND
EN
MIC79050-4.2BM
VREF = 1.225V
Impedence
AC Load-line Wall Adapter
10k
4.7
µF
1k
End of Charge
R2
R1
MIC6270
VV
R1
R2
EOC
REF
=+


1
VS
Figure 1A. Load-Line Charger With End-Of-Charge Termination Circuit.
0
2
4
6
8
0
0.2
0.4
0.6
0.8
SOURCE CURRENT (A)
Load-Line Source
Characteristics
Figure 1B. Load-Line Characteristics
of AC Wall Adapter


Similar Part No. - MIC79050-4.2BS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC79050-4.2YM MICROCHIP-MIC79050-4.2YM Datasheet
2Mb / 28P
   Simple Lithium-Ion Battery Charger
Rev.B.January 2022
MIC79050-4.2YM-TR MICROCHIP-MIC79050-4.2YM-TR Datasheet
2Mb / 28P
   Simple Lithium-Ion Battery Charger
Rev.B.January 2022
MIC79050-4.2YMM MICROCHIP-MIC79050-4.2YMM Datasheet
2Mb / 28P
   Simple Lithium-Ion Battery Charger
Rev.B.January 2022
MIC79050-4.2YMM-TR MICROCHIP-MIC79050-4.2YMM-TR Datasheet
2Mb / 28P
   Simple Lithium-Ion Battery Charger
Rev.B.January 2022
MIC79050-4.2YS MICROCHIP-MIC79050-4.2YS Datasheet
2Mb / 28P
   Simple Lithium-Ion Battery Charger
Rev.B.January 2022
More results

Similar Description - MIC79050-4.2BS

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9161B RICHTEK-RT9161B Datasheet
161Kb / 6P
   Simple Lithium-Ion Battery Charger
logo
Microchip Technology
MIC79050 MICROCHIP-MIC79050 Datasheet
2Mb / 28P
   Simple Lithium-Ion Battery Charger
Rev.B.January 2022
logo
Micrel Semiconductor
MIC79050 MICREL-MIC79050_05 Datasheet
280Kb / 14P
   Simple Lithium-Ion Battery Charger
logo
Microchip Technology
TC3827 MICROCHIP-TC3827 Datasheet
142Kb / 10P
   Lithium-Ion Battery Charger
2001
logo
Shanghai awinic technol...
AW3210A AWINIC-AW3210A Datasheet
1Mb / 12P
   Lithium ion battery charger
logo
Analog Devices
ADP3820 AD-ADP3820 Datasheet
112Kb / 8P
   Lithium-Ion Battery Charger
REV. A
ADP3820 AD-ADP3820_15 Datasheet
635Kb / 8P
   Lithium-Ion Battery Charger
REV. A
logo
Advanced Analogic Techn...
AAT3685 ANALOGICTECH-AAT3685_08 Datasheet
388Kb / 21P
   Lithium-Ion/Polymer Battery Charger
logo
Dongguan Pingjingsemi T...
PJ4054B PJSEMI-PJ4054B Datasheet
3Mb / 6P
   Linear Lithium-ion Battery Charger
logo
Advanced Analog Technol...
AAT3687 AAT-AAT3687 Datasheet
628Kb / 22P
   Lithium-Ion/Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com