Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLD5098EL Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLD5098EL
Description  Multitopology LITIX Power DC/DC Controller IC
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLD5098EL Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLD5098EL_15 Datasheet HTML 6Page - Infineon Technologies AG TLD5098EL_15 Datasheet HTML 7Page - Infineon Technologies AG TLD5098EL_15 Datasheet HTML 8Page - Infineon Technologies AG TLD5098EL_15 Datasheet HTML 9Page - Infineon Technologies AG TLD5098EL_15 Datasheet HTML 10Page - Infineon Technologies AG TLD5098EL_15 Datasheet HTML 11Page - Infineon Technologies AG TLD5098EL_15 Datasheet HTML 12Page - Infineon Technologies AG TLD5098EL_15 Datasheet HTML 13Page - Infineon Technologies AG TLD5098EL_15 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
Data Sheet
10
Revision1.2
2015-03-12
Infineon® LITIX™ Power
TLD5098EL
Switching Regulator
5
Switching Regulator
5.1
Description
The TLD5098EL regulator is suitable for Boost, Buck, Buck-Boost, SEPIC and Flyback configurations. The
constant output current is especially useful for light emitting diode (LED) applications. The switching
regulator function is implemented by a pulse width modulated (PWM) current mode controller.
The PWM current mode controller uses the peak current through the external power switch and error in the
output current to determine the appropriate pulse width duty cycle (on time) for constant output current. The
current mode controller provides a PWM signal to an internal gate driver which then outputs to an external n-
channel enhancement mode metal oxide field effect transistor (MOSFET) power switch.
The current mode controller also has built-in slope compensation to prevent sub-harmonic oscillations which
is a characteristic of current mode controllers operating at high duty cycles (>50% duty).
An additional built-in feature is an integrated soft start that limits the current through the inductor and
external power switch during initialization. The soft start function gradually increases the inductor and switch
current over tSS (Parameter 5.2.9) to minimize potential overvoltage at the output.
Figure 5-1 Switching Regulator Block Diagram
Oscillator
FREQ/
SYNC
&
&
R
Q
S
OFF
when H
Q
Clock
>
1
Error -FF
L ow when
T
j > 175 °C
EA
FBH
COMP
H when
OVFB >1.25 V
Output Stage
OFF when
Low
NOR
&
NAND 2
&
&
R
Q
S
Q
PWM-FF
1
INV
Gate
Driver
Gate Driver
Supply
SWO
IVCC
Current
Sense
I
Soft start
V
Ref
0.3V
=
Slope Comp
t
FBL
x1
gmEA
VRef
1.25V
=
SGND
SWCS
Current
Comp
OVFB
IEA
ICS
High when
l EA -ISLOPE -ICS >0
VRef
4.0 V
=
High when
IVCC < 4.0V
UV IVCC
OV FB
SET
V
V
Ref
0
1
0 if SET < 1.6V
5
)
1
.
0
(
V
SET
9
8
6
7
10
11
1
2
4
3


Similar Part No. - TLD5098EL_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLD5098EL INFINEON-TLD5098EL Datasheet
1Mb / 39P
   DC/DC Boost, Buck-Boost, SEPIC controller
Rev. 1.0, 2010-10-13
More results

Similar Description - TLD5098EL_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLD5097EL INFINEON-TLD5097EL_15 Datasheet
1,022Kb / 41P
   Multitopology LITIX Power DC/DC Controller IC
Revision 1.0 2015-03-12
TLD5095EL INFINEON-TLD5095EL_15 Datasheet
947Kb / 35P
   Multitopology LITIX Power DC/DC Controller IC
Revision 1.4 2015-03-11
TLD5098EP INFINEON-TLD5098EP Datasheet
1Mb / 42P
   TLD5098EP- Multitopology LITIX??Power DC/DC Controller IC
Rev. 1.00 2018-12-13
TLD6098-2ES INFINEON-TLD6098-2ES Datasheet
1Mb / 51P
   LITIX??Power TLD6098-2ES Multitopology dual-channel DC-DC controller
Rev.1.10 2021-09-30
TLD6098-1EP INFINEON-TLD6098-1EP Datasheet
1Mb / 48P
   Multitopology single-channel DC-DC controller
Rev.1.10 2021-09-30
ILD1150 INFINEON-ILD1150 Datasheet
1Mb / 34P
   Multitopology High Power LED DC/DC Controller IC for Industrial Applications
Rev. 1.1, 2012-04-11
TLD5191ES INFINEON-TLD5191ES Datasheet
1Mb / 43P
   LITIX™ Power H-Bridge DC-DC controller
Rev.1.00 2022-02-18
ILD1151 INFINEON-ILD1151 Datasheet
1Mb / 42P
   Multitopology High Power LED DC/DC Controller for Industrial Applications
Rev. 1.1, 2012-04-11
logo
New Japan Radio
NJM2367 NJRC-NJM2367 Datasheet
117Kb / 7P
   5.5A HIGH POWER DC/DC CONVERTER CONTROLLER IC
logo
SHENZHEN FUMAN ELECTRON...
FM2109 FUMAN-FM2109 Datasheet
419Kb / 11P
   Step-up DC-DC Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com