Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLD5097EL Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLD5097EL
Description  Multitopology LITIX Power DC/DC Controller IC
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLD5097EL Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLD5097EL_15 Datasheet HTML 1Page - Infineon Technologies AG TLD5097EL_15 Datasheet HTML 2Page - Infineon Technologies AG TLD5097EL_15 Datasheet HTML 3Page - Infineon Technologies AG TLD5097EL_15 Datasheet HTML 4Page - Infineon Technologies AG TLD5097EL_15 Datasheet HTML 5Page - Infineon Technologies AG TLD5097EL_15 Datasheet HTML 6Page - Infineon Technologies AG TLD5097EL_15 Datasheet HTML 7Page - Infineon Technologies AG TLD5097EL_15 Datasheet HTML 8Page - Infineon Technologies AG TLD5097EL_15 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
PG-SSOP-14
Type
Package
Marking
TLD5097EL
PG-SSOP-14
TLD5097
Data Sheet
3
Revision 1.0, 2015-03-12
TLD5097EL
Infineon® LITIX™ Power
1
Overview
• Wide Input Voltage Range from 4.5 V to 45 V
• Constant Current or Constant Voltage Regulation
• Drives LEDs in Boost, Buck, Buck-Boost, SEPIC and Flyback
Topology
• Very Low Shutdown Current: Iq_OFF < 10 µA
• Flexible Switching Frequency Range, 100 kHz to 500 kHz
• Synchronization with external clock source
• PWM Dimming
• Analog Dimming feature to adjust average LED current
• Internal 5 V Low Drop Out Voltage Regulator
•Open Circuit Detection
• Output Overvoltage Protection
• Internal Soft Start
• Over Temperature Shutdown
• Wide LED current range via simple adaptation of external components
• 300mV High Side Current Sense to ensure highest flexibility and LED current accuracy
• Available in a small thermally enhanced PG-SSOP-14 package
• Automotive AEC Qualified
•Green Product (RoHS) Compliant
Description
The
TLD5097EL is a LED boost controller with built in protection features. The main function of this device is to regulate
a constant LED current. The constant current regulation is especially beneficial for LED color accuracy and longer lifetime.
The controller concept of the
TLD5097EL allows multiple configurations such as Boost, Buck, Buck-Boost, SEPIC and
Flyback by simply adjusting the external components. The
TLD5097EL offers the most flexible dimming options. Dimming
can be achieved with analog or PWM input.The switching frequency is adjustable in the range of 100 kHz to 500 kHz and
can be synchronized to an external clock source. The
TLD5097EL features an enable function reducing the shut-down
current consumption to Iq_OFF < 10 µA. The current mode regulation scheme of this device provides a stable regulation
loop maintained by small external compensation components. The integrated soft start feature limits the current peak as
well as voltage overshoot at start-up. This IC is suited for use in the harsh automotive environments and provides output
overvoltage protection and device overtemperature shutdown.
Application
Automotive Exterior and Interior Lighting


Similar Part No. - TLD5097EL_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLD5097EP INFINEON-TLD5097EP Datasheet
1Mb / 49P
   PG-TSDSO-14
Rev. 1.00 2019-12-16
More results

Similar Description - TLD5097EL_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLD5095EL INFINEON-TLD5095EL_15 Datasheet
947Kb / 35P
   Multitopology LITIX Power DC/DC Controller IC
Revision 1.4 2015-03-11
TLD5098EL INFINEON-TLD5098EL_15 Datasheet
1,000Kb / 41P
   Multitopology LITIX Power DC/DC Controller IC
Revision 1.2 2015-03-12
TLD5098EP INFINEON-TLD5098EP Datasheet
1Mb / 42P
   TLD5098EP- Multitopology LITIX??Power DC/DC Controller IC
Rev. 1.00 2018-12-13
TLD6098-2ES INFINEON-TLD6098-2ES Datasheet
1Mb / 51P
   LITIX??Power TLD6098-2ES Multitopology dual-channel DC-DC controller
Rev.1.10 2021-09-30
TLD6098-1EP INFINEON-TLD6098-1EP Datasheet
1Mb / 48P
   Multitopology single-channel DC-DC controller
Rev.1.10 2021-09-30
ILD1150 INFINEON-ILD1150 Datasheet
1Mb / 34P
   Multitopology High Power LED DC/DC Controller IC for Industrial Applications
Rev. 1.1, 2012-04-11
TLD5191ES INFINEON-TLD5191ES Datasheet
1Mb / 43P
   LITIX™ Power H-Bridge DC-DC controller
Rev.1.00 2022-02-18
ILD1151 INFINEON-ILD1151 Datasheet
1Mb / 42P
   Multitopology High Power LED DC/DC Controller for Industrial Applications
Rev. 1.1, 2012-04-11
logo
New Japan Radio
NJM2367 NJRC-NJM2367 Datasheet
117Kb / 7P
   5.5A HIGH POWER DC/DC CONVERTER CONTROLLER IC
logo
SHENZHEN FUMAN ELECTRON...
FM2109 FUMAN-FM2109 Datasheet
419Kb / 11P
   Step-up DC-DC Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com