Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA340-EP Datasheet(PDF) 11 Page - Texas Instruments

Part # OPA340-EP
Description  SINGLE-SUPPLY RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA340-EP Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA340-EP_15 Datasheet HTML 7Page - Texas Instruments OPA340-EP_15 Datasheet HTML 8Page - Texas Instruments OPA340-EP_15 Datasheet HTML 9Page - Texas Instruments OPA340-EP_15 Datasheet HTML 10Page - Texas Instruments OPA340-EP_15 Datasheet HTML 11Page - Texas Instruments OPA340-EP_15 Datasheet HTML 12Page - Texas Instruments OPA340-EP_15 Datasheet HTML 13Page - Texas Instruments OPA340-EP_15 Datasheet HTML 14Page - Texas Instruments OPA340-EP_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
10
to
W
20W
OPAx340
V+
V
IN
V
OUT
R
S
R
L
C
L
ADS7816
12-BitA/D
DCLOCK
D
OUT
CS/SHDN
OPA340
+5V
V
IN
V+
2
+In
3
-
In
V
REF
8
4
GND
Serial
Interface
1
0.1mF
0.1mF
7
6
5
NOTE:A/DInput=0toV
REF
V
=0Vto5Vfor
IN
0Vto5Voutput.
RCnetworkfiltershighfrequencynoise.
500W
3300pF
OPA340-EP
www.ti.com
SBOS433A
– AUGUST 2008 – REVISED APRIL 2011
CAPACITIVE LOAD AND STABILITY
DRIVING A/D CONVERTERS
The OPA340 can drive a wide range of capacitive
The OPA340 is optimized for driving medium speed
loads. However, all operational amplifiers under
(up to 100 kHz) sampling A/D converters. However, it
certain conditions may become unstable. Op amp
also offers excellent performance for higher speed
configuration, gain, and load value are just a few of
converters. The OPA340 provides an effective means
the factors to consider when determining stability. An
of buffering the A/D converter
’s input capacitance and
operational amplifier in unity gain configuration is
resulting charge injection while providing signal gain.
most susceptible to the effects of capacitive load. The
Figure 27 and Figure 28 show the OPA340 driving an
capacitive load reacts with the operational amplifier
’s
ADS7816. The ADS7816 is a 12-bit, micro-power
output resistance, along with any additional load
sampling converter in the tiny MSOP-8 package.
resistance, to create a pole in the small-signal
When used with the miniature package options of the
response which degrades the phase margin. In unity
OPA340
series,
the
combination
is
ideal
for
gain, OPA340 series operational amplifiers perform
space-limited and low-power applications. For further
well, with a pure capacitive load up to approximately
information consult the ADS7816 data sheet. With the
1000 pF. Increasing gain enhances the amplifier
’s
OPA340 in a noninverting configuration, an RC
ability to drive more capacitance. See the typical
network at the amplifier
’s output can be used to filter
performance
curve
Small-Signal
Overshoot
vs
high-frequency noise in the signal (see Figure 27). In
Capacitive Load.
the
inverting
configuration,
filtering
may
be
accomplished with a capacitor across the feedback
One method of improving capacitive load drive in the
resistor (see Figure 28).
unity gain configuration is to insert a 10-
Ω to 20-Ω
resistor in series with the output, as shown in
Figure 26. This significantly reduces ringing with large
capacitive loads. However, if there is a resistive load
in parallel with the capacitive load, it creates a
voltage divider introducing a dc error at the output
and slightly reduces output swing. This error may be
insignificant. For example, with RL = 10 kΩ and
RS = 20 Ω, there is only approximately 0.2% error at
the output.
Figure 26. Series Resistor in Unity-Gain
Configuration Improves Capacitive Load Drive
Copyright
© 2008–2011, Texas Instruments Incorporated
11


Similar Part No. - OPA340-EP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA340-EP TI-OPA340-EP Datasheet
600Kb / 17P
[Old version datasheet]   SINGLE-SUPPLY RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA340-EP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA343 TI1-OPA343_14 Datasheet
862Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA340-EP TI-OPA340-EP Datasheet
600Kb / 17P
[Old version datasheet]   SINGLE-SUPPLY RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA343 BURR-BROWN-OPA343 Datasheet
206Kb / 10P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA2343EA TI-OPA2343EA Datasheet
842Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
OPA2343EA TI-OPA2343EA Datasheet
842Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
OPA340NA-250 TI-OPA340NA-250 Datasheet
1Mb / 28P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier??Series
OPA353 TI-OPA353 Datasheet
220Kb / 13P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA353 TI1-OPA353_15 Datasheet
1Mb / 27P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA344 TI1-OPA344 Datasheet
1Mb / 30P
[Old version datasheet]   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA344UAG4 TI-OPA344UAG4 Datasheet
1Mb / 28P
[Old version datasheet]   LOW POWER, SINGLE-SUPPLY,RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com