Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV861 Datasheet(PDF) 1 Page - Texas Instruments

Part # LMV861
Description  LMV861/LMV862 30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV861 Datasheet(HTML) 1 Page - Texas Instruments

  LMV861_15 Datasheet HTML 1Page - Texas Instruments LMV861_15 Datasheet HTML 2Page - Texas Instruments LMV861_15 Datasheet HTML 3Page - Texas Instruments LMV861_15 Datasheet HTML 4Page - Texas Instruments LMV861_15 Datasheet HTML 5Page - Texas Instruments LMV861_15 Datasheet HTML 6Page - Texas Instruments LMV861_15 Datasheet HTML 7Page - Texas Instruments LMV861_15 Datasheet HTML 8Page - Texas Instruments LMV861_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
SENSOR
+
-
+
-
ADC
PRESSURE
EMI HARDENED
EMI HARDENED
+
-
V
+
R1
R2
INTERFERING
RF SOURCES
NO RF RELATED
DISTURBANCES
LMV861, LMV862
www.ti.com
SNOSAZ5C – FEBRUARY 2008 – REVISED MARCH 2013
LMV861/LMV862 30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
Check for Samples: LMV861, LMV862
1
FEATURES
DESCRIPTION
TI’s LMV861 and LMV862 are CMOS input, low
2
Unless Otherwise Noted, Typical Values at TA
power op amp IC's, providing a low input bias current,
= 25°C, V+ = 3.3V
a wide temperature range of
−40°C to +125°C and
Supply Voltage 2.7V to 5.5V
exceptional performance making them robust general
Supply Current (per Channel) 2.25 mA
purpose parts. Additionally, the LMV861 and LMV862
are EMI hardened to minimize any interference so
Input Offset Voltage 1 mV Max
they are ideal for EMI sensitive applications.
Input Bias Current 0.1 pA
The unity gain stable LMV861 and LMV862 feature
GBW 30 MHz
30 MHz of bandwidth while consuming only 2.25 mA
EMIRR at 1.8 GHz 105 dB
of current per channel. These parts also maintain
Input Noise Voltage at 1 kHz 8 nV/
√Hz
stability for capacitive loads as large as 200 pF. The
LMV861 and LMV862 provide superior performance
Slew Rate 18 V/µs
and economy in terms of power and space usage.
Output Voltage Swing Rail-to-Rail
This family of parts has a maximum input offset
Output Current Drive 67 mA
voltage of 1 mV, a rail-to-rail output stage and an
Operating Ambient Temperature Range
−40°C
input common-mode voltage range that includes
to 125°C
ground. Over an operating range from 2.7V to 5.5V
the LMV861 and LMV862 provide a PSRR of 93 dB,
APPLICATIONS
and a CMRR of 93 dB. The LMV861 is offered in the
space saving 5-Pin SC70 package, and the LMV862
Photodiode Preamp
in the 8-Pin VSSOP.
Weight Scale Systems
Filters/Buffers
Medical Diagnosis Equipment
Typical Application
Figure 1. EMI Hardened Sensor Application
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMV861_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV861 TI1-LMV861_13 Datasheet
789Kb / 26P
[Old version datasheet]   LMV861/LMV862 30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
More results

Similar Description - LMV861_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV861 TI1-LMV861 Datasheet
1Mb / 30P
[Old version datasheet]   LMV861/LMV862 30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV861 TI1-LMV861_13 Datasheet
789Kb / 26P
[Old version datasheet]   LMV861/LMV862 30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
logo
National Semiconductor ...
LMV861 NSC-LMV861 Datasheet
1Mb / 20P
   30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV851 NSC-LMV851 Datasheet
1Mb / 22P
   8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV831_0810 NSC-LMV831_0810 Datasheet
1Mb / 20P
   3.3 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV831 NSC-LMV831 Datasheet
1Mb / 20P
   3 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
logo
Texas Instruments
LMV851 TI-LMV851_15 Datasheet
1Mb / 32P
[Old version datasheet]   LMV851/LMV852/LMV854 8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV851 TI1-LMV851 Datasheet
1Mb / 32P
[Old version datasheet]   LMV851/LMV852/LMV854 8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV851 TI1-LMV851_14 Datasheet
1Mb / 30P
[Old version datasheet]   LMV851/LMV852/LMV854 8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
logo
STMicroelectronics
TSV711 STMICROELECTRONICS-TSV711 Datasheet
1Mb / 29P
   EMI hardened operational amplifiers
March 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com