Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLD1313EL Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLD1313EL
Description  3 Channel High Side Current Source
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLD1313EL Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLD1313EL_15 Datasheet HTML 6Page - Infineon Technologies AG TLD1313EL_15 Datasheet HTML 7Page - Infineon Technologies AG TLD1313EL_15 Datasheet HTML 8Page - Infineon Technologies AG TLD1313EL_15 Datasheet HTML 9Page - Infineon Technologies AG TLD1313EL_15 Datasheet HTML 10Page - Infineon Technologies AG TLD1313EL_15 Datasheet HTML 11Page - Infineon Technologies AG TLD1313EL_15 Datasheet HTML 12Page - Infineon Technologies AG TLD1313EL_15 Datasheet HTML 13Page - Infineon Technologies AG TLD1313EL_15 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
Data Sheet
10
Rev. 1.1, 2015-03-24
TLD1313EL
EN Pin
5EN Pin
The EN pin is a dual function pin:
Figure 3
Block Diagram EN pin
Note: The current consumption at the EN-pin
I
EN needs to be added to the total device current consumption. The
total current consumption is the sum of the currents at the VS-pin
I
S and the EN-pin IEN.
5.1
EN Function
If the voltage at the pin EN is below a threshold of
V
EN(off) the LITIX
TM Basic IC will enter Sleep mode. In this state
all internal functions are switched off, the current consumption is reduced to
I
S(sleep). A voltage above VEN(on) at this
pin enables the device after the Power on reset time
t
POR.
Figure 4
Power on reset
VEN
EN
Output Control
Internal Supply
VEN
t
t
80%
t
POR
I
OU T
100%
t
V
S


Similar Part No. - TLD1313EL_15

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
TLD1313EL MARL-TLD1313EL_15 Datasheet
1Mb / 31P
   Basic LED Driver
More results

Similar Description - TLD1313EL_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLD2311EL INFINEON-TLD2311EL Datasheet
1Mb / 34P
   3 Channel High Side Current Source
Rev. 1.0, 2013-08-08
TLD1312EL INFINEON-TLD1312EL_15 Datasheet
1Mb / 27P
   3 Channel High Side Current Source
Rev. 1.1, 2015-03-19
TLD2314EL INFINEON-TLD2314EL Datasheet
1Mb / 31P
   3 Channel High Side Current Source
Rev. 1.0, 2013-08-08
TLD1314EL INFINEON-TLD1314EL_15 Datasheet
1Mb / 29P
   3 Channel High Side Current Source
Rev. 1.1, 2015-03-24
TLD2311EL INFINEON-TLD2311EL_15 Datasheet
1Mb / 34P
   3 Channel High Side Current Source
Rev. 1.1, 2015-03-24
TLD1314EL INFINEON-TLD1314EL Datasheet
1Mb / 29P
   3 Channel High Side Current Source
Rev. 1.0, 2013-08-08
TLD1311EL INFINEON-TLD1311EL_15 Datasheet
1Mb / 33P
   3 Channel High Side Current Source
Rev. 1.1, 2015-03-19
TLD1315EL INFINEON-TLD1315EL_15 Datasheet
1Mb / 34P
   3 Channel High Side Current Source
Rev. 1.1, 2015-03-24
TLD2314EL INFINEON-TLD2314EL_15 Datasheet
1Mb / 31P
   3 Channel High Side Current Source
Rev. 1.1, 2015-03-24
TLD2326EL INFINEON-TLD2326EL_15 Datasheet
1Mb / 30P
   3 Channel High Side Current Source
Rev. 1.1, 2015-03-24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com