Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV716 Datasheet(PDF) 5 Page - Texas Instruments

Part # LMV716
Description  LMV716 5 MHz, Low Noise, RRO, Dual Operational Amplifier with CMOS Input
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV716 Datasheet(HTML) 5 Page - Texas Instruments

  LMV716_15 Datasheet HTML 1Page - Texas Instruments LMV716_15 Datasheet HTML 2Page - Texas Instruments LMV716_15 Datasheet HTML 3Page - Texas Instruments LMV716_15 Datasheet HTML 4Page - Texas Instruments LMV716_15 Datasheet HTML 5Page - Texas Instruments LMV716_15 Datasheet HTML 6Page - Texas Instruments LMV716_15 Datasheet HTML 7Page - Texas Instruments LMV716_15 Datasheet HTML 8Page - Texas Instruments LMV716_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
0
0.5
1
1.5
2
2.5
3
3.5
VCM (V)
-35
-30
-25
-20
-15
-10
-5
0
T = -40°C
-40°C
25°C
85°C
2.7
3.2
3.7
4.2
4.7
0
20
40
60
80
100
120
140
160
SUPPLY VOLTAGE (V)
RL = 600:
0
0.5
1
1.5
2
2.5
3
3.5
-80
-70
-60
-50
-40
-30
-20
-10
0
VCM (V)
T = 85°C
0
0.5
1
1.5
2
2.5
3
3.5
VCM (V)
-700
-600
-500
-400
-300
-200
-100
0
T = 25°C
25°C
85°C
2.7
3.2
3.7
4.2
4.7
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
SUPPLY VOLTAGE (V)
-40°C
0
0.5
1
1.5
2
2.3
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
VCM (V)
85°C
25°C
-40°C
VS = 3.3V
LMV716
www.ti.com
SNOSAT9B – APRIL 2006 – REVISED MARCH 2013
Typical Performance Characteristics
Unless otherwise specified, V
+ 3.3V, T
J = 25°C.
Supply Current
Offset Voltage
vs.
vs.
Supply Voltage
Common Mode
Figure 3.
Figure 4.
Input Bias Current
Input Bias Current
vs.
vs.
Common Mode
Common Mode
Figure 5.
Figure 6.
Input Bias Current
Output Positive Swing
vs.
vs.
Common Mode
Supply Voltage
Figure 7.
Figure 8.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMV716


Similar Part No. - LMV716_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV716MM NSC-LMV716MM Datasheet
949Kb / 15P
   5 MHz, Low Noise, RRO, Dual Operational Amplifier with CMOS Input
logo
Texas Instruments
LMV716MM/NOPB TI1-LMV716MM/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   LMV716 5 MHz, Low Noise, RRO, Dual Operational Amplifier with CMOS Input
logo
National Semiconductor ...
LMV716MMX NSC-LMV716MMX Datasheet
949Kb / 15P
   5 MHz, Low Noise, RRO, Dual Operational Amplifier with CMOS Input
logo
Texas Instruments
LMV716MMX/NOPB TI1-LMV716MMX/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   LMV716 5 MHz, Low Noise, RRO, Dual Operational Amplifier with CMOS Input
More results

Similar Description - LMV716_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV716 TI1-LMV716 Datasheet
1Mb / 25P
[Old version datasheet]   LMV716 5 MHz, Low Noise, RRO, Dual Operational Amplifier with CMOS Input
logo
National Semiconductor ...
LMV716 NSC-LMV716 Datasheet
949Kb / 15P
   5 MHz, Low Noise, RRO, Dual Operational Amplifier with CMOS Input
logo
Texas Instruments
SM73303 TI1-SM73303 Datasheet
460Kb / 18P
[Old version datasheet]   5 MHz, Low Noise, RRO, Dual Operational Amplifier with CMOS Input
logo
National Semiconductor ...
LM6211 NSC-LM6211 Datasheet
1Mb / 19P
   Low Noise, RRO Operational Amplifier with CMOS Input and 24V Operation
logo
Texas Instruments
LM6211 TI1-LM6211 Datasheet
995Kb / 29P
[Old version datasheet]   LM6211 Low Noise, RRO Operational Amplifier with CMOS Input and 24V Operation
TLV6741 TI1-TLV6741_17 Datasheet
1Mb / 28P
[Old version datasheet]   10-MHz, Low Broadband Noise, RRO, Operational Amplifier
TLV6741 TI1-TLV6741 Datasheet
440Kb / 16P
[Old version datasheet]   10-MHz, Low Broadband Noise, RRO, Operational Amplifier
SM73308 TI-SM73308_15 Datasheet
1Mb / 26P
[Old version datasheet]   Low Offset, Low Noise, RRO Operational Amplifier
logo
National Semiconductor ...
LMV791 NSC-LMV791 Datasheet
1,005Kb / 16P
   17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifier
logo
Texas Instruments
LMV791-DIE TI-LMV791-DIE Datasheet
71Kb / 5P
[Old version datasheet]   Low Noise, CMOS Input Operational Amplifier with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com